Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML Video & Image

LM339N Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part No. LM339N
Description  Low-Power Low-Offset Voltage Quad Comparators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM339N Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM339N Datasheet HTML 7Page - Texas Instruments LM339N Datasheet HTML 8Page - Texas Instruments LM339N Datasheet HTML 9Page - Texas Instruments LM339N Datasheet HTML 10Page - Texas Instruments LM339N Datasheet HTML 11Page - Texas Instruments LM339N Datasheet HTML 12Page - Texas Instruments LM339N Datasheet HTML 13Page - Texas Instruments LM339N Datasheet HTML 14Page - Texas Instruments LM339N Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LM139-N, LM239-N, LM2901-N, LM3302-N, LM339-N
www.ti.com
SNOSBJ3E – NOVEMBER 1999 – REVISED DECEMBER 2014
Feature Description (continued)
The amount of current which the output device can sink is limited by the drive available (which is independent of
V+) and the
β of this device. When the maximum current limit is reached (approximately 16 mA), the output
transistor will come out of saturation and the output voltage will rise very rapidly. The output saturation voltage is
limited by the approximately 60-
Ω RSAT of the output transistor. The low offset voltage of the output transistor (4
mV) allows the output to clamp essentially to ground level for small load currents.
7.4 Device Functional Modes
A basic comparator circuit is used for converting analog signals to a digital output. The output is HIGH when the
voltage on the non-inverting (+IN) input is greater than the inverting (-IN) input. The output is LOW when the
voltage on the noninverting (+IN) input is less than the inverting (-IN) input. The inverting input (-IN) is also
commonly referred to as the "reference" or "VREF" input.
All pins of any unused comparators should be tied to the negative supply.
The bias network of the LMx39-N series establishes a drain current which is independent of the magnitude of the
power supply voltage over the range of from 2 VDC to 30 VDC.
Copyright © 1999–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM139-N LM239-N LM2901-N LM3302-N LM339-N


Similar Part No. - LM339N

ManufacturerPart No.DatasheetDescription
Motorola, Inc
Motorola, Inc
LM339N MOTOROLA-LM339N Datasheet
124Kb / 6P
   Quad Single Supply Comparators
Rev 2
Intersil Corporation
Intersil Corporation
LM339N INTERSIL-LM339N Datasheet
152Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
Texas Instruments
Texas Instruments
LM339N TI-LM339N Datasheet
1Mb / 48P
[Old version datasheet]   LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
REVISED DECEMBER 2022
National Semiconductor (TI)
National Semiconductor ...
LM339N NSC-LM339N Datasheet
465Kb / 19P
   Low Power Low Offset Voltage Quad Comparators
HTC Korea TAEJIN Technology Co.
HTC Korea TAEJIN Techno...
LM339N HTC-LM339N Datasheet
113Kb / 4P
   QUAD VOLTAGE COMPARATOR
More results

Similar Description - LM339N

ManufacturerPart No.DatasheetDescription
Leshan Radio Company
Leshan Radio Company
LR339 LRC-LR339 Datasheet
134Kb / 6P
   Low Power Low Offset Voltage Quad Comparators
BCD Semiconductor Manufacturing Limited
BCD Semiconductor Manuf...
AS339,339A BCDSEMI-AS339,339A Datasheet
729Kb / 11P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
Diodes Incorporated
Diodes Incorporated
AS339 DIODES-AS339 Datasheet
432Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
National Semiconductor (TI)
National Semiconductor ...
LM139 NSC-LM139 Datasheet
465Kb / 19P
   Low Power Low Offset Voltage Quad Comparators
LM2901EP NSC-LM2901EP Datasheet
750Kb / 17P
   Low Power Low Offset Voltage Quad Comparators
Tiger Electronic Co.,Ltd
Tiger Electronic Co.,Lt...
LM2901D TGS-LM2901D Datasheet
249Kb / 4P
   Low Power Low Offset Voltage Quad Comparators
National Semiconductor (TI)
National Semiconductor ...
LM139JAN NSC-LM139JAN Datasheet
770Kb / 20P
   Low Power Low Offset Voltage Quad Comparators
Texas Instruments
Texas Instruments
LM139AQML TI1-LM139AQML_16 Datasheet
1Mb / 29P
[Old version datasheet]   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
Tiger Electronic Co.,Ltd
Tiger Electronic Co.,Lt...
LM339D TGS-LM339D Datasheet
2Mb / 4P
   Low Power Low Offset Voltage Quad Comparators
List of Unclassifed Manufacturers
List of Unclassifed Man...
AZ339 ETC1-AZ339 Datasheet
246Kb / 9P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
Shaoxing Devechip Microelectronics Co., Ltd
Shaoxing Devechip Micro...
SDP339 SDC-SDP339 Datasheet
550Kb / 11P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz