Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML Video & Image

LM339N Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM339N
Description  Low-Power Low-Offset Voltage Quad Comparators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM339N Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM339N Datasheet HTML 3Page - Texas Instruments LM339N Datasheet HTML 4Page - Texas Instruments LM339N Datasheet HTML 5Page - Texas Instruments LM339N Datasheet HTML 6Page - Texas Instruments LM339N Datasheet HTML 7Page - Texas Instruments LM339N Datasheet HTML 8Page - Texas Instruments LM339N Datasheet HTML 9Page - Texas Instruments LM339N Datasheet HTML 10Page - Texas Instruments LM339N Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LM139-N, LM239-N, LM2901-N, LM3302-N, LM339-N
www.ti.com
SNOSBJ3E – NOVEMBER 1999 – REVISED DECEMBER 2014
6.6 Electrical Characteristics: LM239, LM339, LM2901, LM3302
(V
+ = 5 V
DC, TA = 25°C
(1) unless otherwise stated)
LM239, LM339
LM2901
LM3302
PARAMETER
TEST CONDITIONS
UNIT
MI
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
N
Input Offset Voltage
See(2)
2.0
5.0
2.0
7.0
3
20
mVDC
Input Bias Current
IIN(+) or IIN(−) with Output in Linear
nADC
25
250
25
250
25
500
Range(3), VCM=0 V
Input Offset Current
IIN(+)−IIN(−), VCM = 0 V
5.0
50
5
50
3
100
nADC
Input Common-Mode V+ = 30 VDC (LM3302,
VDC
0
V+
−1.5
0
V+
−1.5
0
V+
−1.5
Voltage Range
V+ = 28 VDC)
(4)
Supply Current
(LM3302, V+ = 28 VDC) RL = ∞ on
mADC
0.8
2.0
0.8
2.0
0.8
2.0
all Comparators
(LM3302, V+ = 28 VDC) RL = ∞, V
+
mADC
1.0
2.5
1.0
2.5
1.0
2.5
= 36 V
Voltage Gain
RL ≥ 15 kΩ, V
+ = 15 V
DC
V/mV
50
200
25
100
2
30
VO = 1 VDC to 11 VDC
Large Signal
VIN = TTL Logic Swing, VREF =
ns
Response Time
1.4 VDC, VRL = 5 VDC,
300
300
300
RL = 5.1 kΩ,
Response Time
VRL = 5 VDC, RL = 5.1 kΩ
(5)
1.3
1.3
1.3
μs
Output Sink Current
VIN(−)= 1 VDC, VIN(+) = 0,
mADC
6.0
16
6.0
16
6.0
16
VO ≤ 1.5 VDC
Saturation Voltage
VIN(−) = 1 VDC, VIN(+) = 0,
mVDC
250
400
250
400
250
500
ISINK ≤ 4 mA
Output Leakage
VIN(+) = 1 VDC,VIN(−) = 0,
nADC
0.1
0.1
0.1
Current
VO = 5 VDC
Input Offset Voltage
See(2)
9.0
9
15
40
mVDC
Input Offset Current
IIN(+)− IIN(−), VCM = 0 V
150
50
200
300
nADC
Input Bias Current
IIN(+) or IIN(−) with Output in
400
200
500
1000
nADC
Linear Range, VCM = 0V
(3)
Input Common-Mode V+ = 30 VDC (LM3302, V
+ = 28
VDC
V+
−2.0
0
V+
−2.0
0
V+
−2.0
VDC)
Voltage Range
See(4)
Saturation Voltage
VIN(−) = 1 VDC, VIN(+) = 0,
mVDC
700
400
700
700
ISINK ≤ 4 mA
Output Leakage
VIN(+) = 1 VDC, VIN(−) = 0, VO = 30
μADC
1.0
1.0
1.0
Current
VDC, (LM3302, V O = 28 VDC)
Differential Input
Keep all VIN's ≥ 0 VDC (or V
, if
VDC
36
36
28
Voltage
used)(6)
(1)
These specifications are limited to
−55°C ≤ TA ≤ 125°C, for the LM139/LM139A. With the LM239/LM239A, all temperature specifications
are limited to
−25°C ≤ TA ≤ 85°C, the LM339/LM339A temperature specifications are limited to 0°C ≤ TA ≤ 70°C, and the LM2901,
LM3302 temperature range is
−40°C ≤ TA ≤ 85°C.
(2)
At output switch point, VO≃1.4 VDC, RS = 0 Ω with V
+ from 5 V
DC to 30 VDC; and over the full input common-mode range (0 VDC to V
+
−1.5 VDC), at 25°C. For LM3302, V
+ from 5 V
DC to 28 VDC.
(3)
The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the
state of the output so no loading change exists on the reference or input lines.
(4)
The input common-mode voltage or either input signal voltage should not be allowed to go negative by more than 0.3 V. The upper end
of the common-mode voltage range is V+
−1.5V at 25°C, but either or both inputs can go to 30 VDC without damage (25V for LM3302),
independent of the magnitude of V+.
(5)
The response time specified is a 100-mV input step with 5-mV overdrive. For larger overdrive signals 300 ns can be obtained, see
typical performance characteristics section.
(6)
Positive excursions of input voltage may exceed the power supply level. As long as the other voltage remains within the common-mode
range, the comparator will provide a proper output state. The low input voltage state must not be less than
−0.3 VDC (or 0.3 VDCbelow
the magnitude of the negative power supply, if used) (at 25°C).
Copyright © 1999–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM139-N LM239-N LM2901-N LM3302-N LM339-N


Similar Part No. - LM339N

ManufacturerPart #DatasheetDescription
Motorola, Inc
Motorola, Inc
LM339N MOTOROLA-LM339N Datasheet
124Kb / 6P
   Quad Single Supply Comparators
Rev 2
Intersil Corporation
Intersil Corporation
LM339N INTERSIL-LM339N Datasheet
152Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
Texas Instruments
Texas Instruments
LM339N TI-LM339N Datasheet
1Mb / 48P
[Old version datasheet]   LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
REVISED DECEMBER 2022
National Semiconductor (TI)
National Semiconductor ...
LM339N NSC-LM339N Datasheet
465Kb / 19P
   Low Power Low Offset Voltage Quad Comparators
HTC Korea TAEJIN Technology Co.
HTC Korea TAEJIN Techno...
LM339N HTC-LM339N Datasheet
113Kb / 4P
   QUAD VOLTAGE COMPARATOR
More results

Similar Description - LM339N

ManufacturerPart #DatasheetDescription
Leshan Radio Company
Leshan Radio Company
LR339 LRC-LR339 Datasheet
134Kb / 6P
   Low Power Low Offset Voltage Quad Comparators
BCD Semiconductor Manufacturing Limited
BCD Semiconductor Manuf...
AS339,339A BCDSEMI-AS339,339A Datasheet
729Kb / 11P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
Diodes Incorporated
Diodes Incorporated
AS339 DIODES-AS339 Datasheet
432Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
National Semiconductor (TI)
National Semiconductor ...
LM139 NSC-LM139 Datasheet
465Kb / 19P
   Low Power Low Offset Voltage Quad Comparators
LM2901EP NSC-LM2901EP Datasheet
750Kb / 17P
   Low Power Low Offset Voltage Quad Comparators
Tiger Electronic Co.,Ltd
Tiger Electronic Co.,Lt...
LM2901D TGS-LM2901D Datasheet
249Kb / 4P
   Low Power Low Offset Voltage Quad Comparators
National Semiconductor (TI)
National Semiconductor ...
LM139JAN NSC-LM139JAN Datasheet
770Kb / 20P
   Low Power Low Offset Voltage Quad Comparators
Texas Instruments
Texas Instruments
LM139AQML TI1-LM139AQML_16 Datasheet
1Mb / 29P
[Old version datasheet]   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
Tiger Electronic Co.,Ltd
Tiger Electronic Co.,Lt...
LM339D TGS-LM339D Datasheet
2Mb / 4P
   Low Power Low Offset Voltage Quad Comparators
List of Unclassifed Manufacturers
List of Unclassifed Man...
AZ339 ETC1-AZ339 Datasheet
246Kb / 9P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
Shaoxing Devechip Microelectronics Co., Ltd
Shaoxing Devechip Micro...
SDP339 SDC-SDP339 Datasheet
550Kb / 11P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com