Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML Video & Image

LM339N Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part No. LM339N
Description  Low-Power Low-Offset Voltage Quad Comparators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM339N Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM339N Datasheet HTML 14Page - Texas Instruments LM339N Datasheet HTML 15Page - Texas Instruments LM339N Datasheet HTML 16Page - Texas Instruments LM339N Datasheet HTML 17Page - Texas Instruments LM339N Datasheet HTML 18Page - Texas Instruments LM339N Datasheet HTML 19Page - Texas Instruments LM339N Datasheet HTML 20Page - Texas Instruments LM339N Datasheet HTML 21Page - Texas Instruments LM339N Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
LM139-N, LM239-N, LM2901-N, LM3302-N, LM339-N
SNOSBJ3E – NOVEMBER 1999 – REVISED DECEMBER 2014
www.ti.com
Typical Applications (continued)
8.2.2.1 Split-Supply Applications
Figure 35. MOS Clock Driver
Figure 36. Zero Crossing Detector
(V+ = +15 VDC and V
= −15 V
DC)
(V+ = +15 VDC and V
= −15 V
DC)
Figure 37. Comparator With a Negative Reference
(V+ = +15 VDC and V
= −15 V
DC)
18
Submit Documentation Feedback
Copyright © 1999–2014, Texas Instruments Incorporated
Product Folder Links: LM139-N LM239-N LM2901-N LM3302-N LM339-N


Similar Part No. - LM339N

ManufacturerPart No.DatasheetDescription
Motorola, Inc
Motorola, Inc
LM339N MOTOROLA-LM339N Datasheet
124Kb / 6P
   Quad Single Supply Comparators
Rev 2
Intersil Corporation
Intersil Corporation
LM339N INTERSIL-LM339N Datasheet
152Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
Texas Instruments
Texas Instruments
LM339N TI-LM339N Datasheet
1Mb / 48P
[Old version datasheet]   LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
REVISED DECEMBER 2022
National Semiconductor (TI)
National Semiconductor ...
LM339N NSC-LM339N Datasheet
465Kb / 19P
   Low Power Low Offset Voltage Quad Comparators
HTC Korea TAEJIN Technology Co.
HTC Korea TAEJIN Techno...
LM339N HTC-LM339N Datasheet
113Kb / 4P
   QUAD VOLTAGE COMPARATOR
More results

Similar Description - LM339N

ManufacturerPart No.DatasheetDescription
Leshan Radio Company
Leshan Radio Company
LR339 LRC-LR339 Datasheet
134Kb / 6P
   Low Power Low Offset Voltage Quad Comparators
BCD Semiconductor Manufacturing Limited
BCD Semiconductor Manuf...
AS339,339A BCDSEMI-AS339,339A Datasheet
729Kb / 11P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
Diodes Incorporated
Diodes Incorporated
AS339 DIODES-AS339 Datasheet
432Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
National Semiconductor (TI)
National Semiconductor ...
LM139 NSC-LM139 Datasheet
465Kb / 19P
   Low Power Low Offset Voltage Quad Comparators
LM2901EP NSC-LM2901EP Datasheet
750Kb / 17P
   Low Power Low Offset Voltage Quad Comparators
Tiger Electronic Co.,Ltd
Tiger Electronic Co.,Lt...
LM2901D TGS-LM2901D Datasheet
249Kb / 4P
   Low Power Low Offset Voltage Quad Comparators
National Semiconductor (TI)
National Semiconductor ...
LM139JAN NSC-LM139JAN Datasheet
770Kb / 20P
   Low Power Low Offset Voltage Quad Comparators
Texas Instruments
Texas Instruments
LM139AQML TI1-LM139AQML_16 Datasheet
1Mb / 29P
[Old version datasheet]   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
Tiger Electronic Co.,Ltd
Tiger Electronic Co.,Lt...
LM339D TGS-LM339D Datasheet
2Mb / 4P
   Low Power Low Offset Voltage Quad Comparators
List of Unclassifed Manufacturers
List of Unclassifed Man...
AZ339 ETC1-AZ339 Datasheet
246Kb / 9P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
Shaoxing Devechip Microelectronics Co., Ltd
Shaoxing Devechip Micro...
SDP339 SDC-SDP339 Datasheet
550Kb / 11P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz