Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDS051-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS051-Q1
Description  HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDS051-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  SN65LVDS051-Q1 Datasheet HTML 1Page - Texas Instruments SN65LVDS051-Q1 Datasheet HTML 2Page - Texas Instruments SN65LVDS051-Q1 Datasheet HTML 3Page - Texas Instruments SN65LVDS051-Q1 Datasheet HTML 4Page - Texas Instruments SN65LVDS051-Q1 Datasheet HTML 5Page - Texas Instruments SN65LVDS051-Q1 Datasheet HTML 6Page - Texas Instruments SN65LVDS051-Q1 Datasheet HTML 7Page - Texas Instruments SN65LVDS051-Q1 Datasheet HTML 8Page - Texas Instruments SN65LVDS051-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
SN65LVDS180-Q1
SN65LVDS050-Q1
SN65LVDS051-Q1
www.ti.com
SGLS204C – SEPTEMBER 2003 – REVISED MARCH 2013
HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
Check for Samples: SN65LVDS180-Q1, SN65LVDS050-Q1, SN65LVDS051-Q1
1
FEATURES
Qualified for Automotive Applications
ESD Protection Exceeds 2000 V Per MIL-STD-
883, Method 3015; Exceeds 200 V Using
Machine Model (C = 200 pF, R = 0)
Meets or Exceeds the Requirements of ANSI
TIA/EIA-644-1995 Standard
Signaling Rates up to 400 Mbps
Bus-Terminal ESD Exceeds 12 kV
Operates From a Single 3.3-V Supply
Low-Voltage Differential Signaling With Typical
Output Voltages of 350 mV and a 100-
Ω Load
Propagation Delay Times
Driver: 1.7 ns Typ
Receiver: 3.7 ns Typ
Power Dissipation at 200 MHz
Driver: 25 mW Typical
Receiver: 60 mW Typical
LVTTL Input Levels Are 5-V Tolerant
Receiver Maintains High Input Impedance With
VCC < 1.5 V
Receiver Has Open-Circuit Fail Safe
DESCRIPTION
The
SN65LVDS180,
SN65LVDS050,
and
SN65LVDS051
are
differential
line
drivers
and
receivers that use low-voltage differential signaling
(LVDS) to achieve signaling rates as high as 400
Mbps. The TIA/EIA-644 standard compliant electrical
interface provides a minimum differential output
voltage magnitude of 247 mV into a 100-
Ω load and
receipt of 50-mV signals with up to 1 V of ground
potential
difference
between
a
transmitter
and
receiver.
The intended application of this device and signaling
technique
is
for
point-to-point
baseband
data
transmission over controlled impedance media of
approximately 100-
Ω characteristic impedance. The
transmission media may be printed-circuit board
traces, backplanes, or cables. (Note: The ultimate
rate and distance of data transfer is dependent upon
the attenuation characteristics of the media, the noise
coupling to the environment, and other application
specific characteristics).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN65LVDS051-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS051-EP TI1-SN65LVDS051-EP Datasheet
439Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
More results

Similar Description - SN65LVDS051-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS1050 TI-SN65LVDS1050 Datasheet
228Kb / 17P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
STMicroelectronics
STLVDS051 STMICROELECTRONICS-STLVDS051 Datasheet
283Kb / 11P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
Texas Instruments
SN65LVDM179 TI-SN65LVDM179_07 Datasheet
1Mb / 26P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM179 TI-SN65LVDM179 Datasheet
268Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM050-Q1 TI-SN65LVDM050-Q1 Datasheet
290Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS1050PWG4 TI1-SN65LVDS1050PWG4 Datasheet
862Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS179-EP TI1-SN65LVDS179-EP Datasheet
439Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS179 TI-SN65LVDS179 Datasheet
531Kb / 24P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
STMicroelectronics
STLVDS050 STMICROELECTRONICS-STLVDS050 Datasheet
285Kb / 11P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
Texas Instruments
SN65LVDM179_0705 TI-SN65LVDM179_0705 Datasheet
1Mb / 28P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS1 TI1-SN65LVDS1_17 Datasheet
1Mb / 42P
[Old version datasheet]   High-Speed Differential Line Drivers and Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com