Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDS20DRFTG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS20DRFTG4
Description  LVPECL AND LVDS REPEATER/TRANSLATOR WITH ENABLE
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDS20DRFTG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN65LVDS20DRFTG4 Datasheet HTML 6Page - Texas Instruments SN65LVDS20DRFTG4 Datasheet HTML 7Page - Texas Instruments SN65LVDS20DRFTG4 Datasheet HTML 8Page - Texas Instruments SN65LVDS20DRFTG4 Datasheet HTML 9Page - Texas Instruments SN65LVDS20DRFTG4 Datasheet HTML 10Page - Texas Instruments SN65LVDS20DRFTG4 Datasheet HTML 11Page - Texas Instruments SN65LVDS20DRFTG4 Datasheet HTML 12Page - Texas Instruments SN65LVDS20DRFTG4 Datasheet HTML 13Page - Texas Instruments SN65LVDS20DRFTG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
www.ti.com
−40
−50
−60
−70
−80
−90
−100
−110
−120
−130
−140
−150
−160
100
1k
10 k
100 k
1 M
10 M
100 M
Blue = Device
Green = Source
−40
−50
−60
−70
−80
−90
−100
−110
−120
−130
−140
−150
−160
100
1k
10 k
100 k
1 M
10 M
100 M
Blue = Device
Green = Source
SN65LVDS20
SN65LVP20
SLLS620A – JUNE 2004 – REVISED SEPTEMBER 2005
TYPICAL CHARACTERISTICS (continued)
PHASE NOISE OF SN65LVP20
PHASE NOISE OF SN65LVP20
Figure 19. Frequency Offset From 155.52 MHz Carrier
Figure 20. Frequency Offset From 622.08 MHz Carrier
10


Similar Part No. - SN65LVDS20DRFTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS20DRFR TI1-SN65LVDS20DRFR Datasheet
646Kb / 19P
[Old version datasheet]   LVPECL AND LVDS REPEATER/TRANSLATOR WITH ENABLE
More results

Similar Description - SN65LVDS20DRFTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS20 TI-SN65LVDS20 Datasheet
400Kb / 15P
[Old version datasheet]   LVPECL AND LVDS REPEATER/TRANSLATOR WITH ENABLE
SN65LVDS20DRFR TI1-SN65LVDS20DRFR Datasheet
646Kb / 19P
[Old version datasheet]   LVPECL AND LVDS REPEATER/TRANSLATOR WITH ENABLE
SN65CML100 TI-SN65CML100 Datasheet
164Kb / 15P
[Old version datasheet]   1.5-Gbps LVDS/LVPECL/CML-TO-CML TRANSLATOR/REPEATER
SN65CML100 TI1-SN65CML100_13 Datasheet
1Mb / 19P
[Old version datasheet]   1.5-Gbps LVDS/LVPECL/CML-TO-CML TRANSLATOR/REPEATER
logo
Pericom Semiconductor C...
PI90LVP10 PERICOM-PI90LVP10 Datasheet
166Kb / 5P
   LVTTL to Differential LVPECL Translator with Enable
logo
MTRONPTI
M9004 MTRONPTI-M9004_07 Datasheet
408Kb / 3P
   LVPECL/LVDS/CMOS Frequency Translator
logo
Semtech Corporation
SK1300 SEMTECH-SK1300 Datasheet
117Kb / 6P
   PECL / LVPECL to LVDS Translator
logo
Maxim Integrated Produc...
MAX9376 MAXIM-MAX9376 Datasheet
151Kb / 7P
   LVDS/Anything-to-LVPECL/LVDS Dual Translator
Rev 0; 4/03
MAX9376 MAXIM-MAX9376_09 Datasheet
110Kb / 8P
   LVDS/Anything-to-LVPECL/LVDS Dual Translator
Rev 1; 10/09
MAX9375 MAXIM-MAX9375 Datasheet
135Kb / 6P
   Single LVDS/Anything-to-LVPECL Translator
Rev 0; 4/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com