Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDS117 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS117
Description  DUAL 4-PORT AND DUAL 8-PORT LVDS REPEATERS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDS117 Datasheet(HTML) 3 Page - Texas Instruments

  SN65LVDS117 Datasheet HTML 1Page - Texas Instruments SN65LVDS117 Datasheet HTML 2Page - Texas Instruments SN65LVDS117 Datasheet HTML 3Page - Texas Instruments SN65LVDS117 Datasheet HTML 4Page - Texas Instruments SN65LVDS117 Datasheet HTML 5Page - Texas Instruments SN65LVDS117 Datasheet HTML 6Page - Texas Instruments SN65LVDS117 Datasheet HTML 7Page - Texas Instruments SN65LVDS117 Datasheet HTML 8Page - Texas Instruments SN65LVDS117 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
www.ti.com
SELECTION GUIDE TO LVDS SPLITTERS
EQUIVALENT INPUT AND OUTPUT SCHEMATIC DIAGRAMS
300 k
300 k
VCC
7 V
7 V
A Input
B Input
VCC
5
7 V
Y or Z
Output
10 k
7 V
300 k
50
VCC
Enable
Inputs
300 k
(ENM Only)
(ENx Only)
SN65LVDS109
SN65LVDS117
SLLS369F – AUGUST 1999 – REVISED FEBRUARY 2005
The SN65LVDS109 and SN75LVDS117 are both members of a family of LVDS splitters and repeaters. A brief
overview of the family is provided by Table 1.
Table 1. LVDS SPLITTER AND REPEATER FAMILY
NUMBER
NUMBER
DEVICE
OF
OF
PACKAGE
COMMENTS
INPUTS
OUTPUTS
SN65LVDS104
1 LVDS
4 LVDS
16-pin D
4-Port LVDS repeater
SN65LVDS105
1 LVTTL
4 LVDS
16-pin D
4-Port TTL-to-LVDS repeater
SN65LVDS108
1 LVDS
8 LVDS
38-pin DBT
8-Port LVDS repeater
SN65LVDS109
2 LVDS
8 LVDS
38-pin DBT
Dual 4-port LVDS repeater
SN65LVDS116
1 LVDS
16 LVDS
64-pin DGG
16-Port LVDS repeater
SN65LVDS117
2 LVDS
16 LVDS
64-pin DGG
Dual 8-Port LVDS repeater
FUNCTION TABLE
INPUTS
OUTPUTS
VID = VA– VB
ENM
ENx
xY
xZ
X
L
X
Z
Z
X
X
L
Z
Z
VID ≥ 100 mV
H
H
H
L
–100 mV < VID < 100 mV
H
H
?
?
VID ≤ –100 mV
H
H
L
H
3


Similar Part No. - SN65LVDS117

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS117 TI-SN65LVDS117 Datasheet
414Kb / 24P
[Old version datasheet]   4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
SN65LVDS117 TI-SN65LVDS117 Datasheet
266Kb / 19P
[Old version datasheet]   DUAL 4-PORT AND DUAL 8-PORT LVDS REPEATERS
SN65LVDS117DGG TI-SN65LVDS117DGG Datasheet
266Kb / 19P
[Old version datasheet]   DUAL 4-PORT AND DUAL 8-PORT LVDS REPEATERS
More results

Similar Description - SN65LVDS117

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS109 TI-SN65LVDS109 Datasheet
266Kb / 19P
[Old version datasheet]   DUAL 4-PORT AND DUAL 8-PORT LVDS REPEATERS
logo
STMicroelectronics
STLVDS104 STMICROELECTRONICS-STLVDS104 Datasheet
151Kb / 8P
   4-PORT LVDS AND 4-PORT TTL-TO LVDS REPEATERS
STLVDS104 STMICROELECTRONICS-STLVDS104_06 Datasheet
385Kb / 12P
   4-port lvds and 4-port TTL-to LVDS repeaters
STLVDS105 STMICROELECTRONICS-STLVDS105 Datasheet
149Kb / 8P
   4-PORT LVDS AND 4-PORT TTL-TO LVDS REPEATERS
May 2003
logo
Texas Instruments
SN65LVDS104 TI-SN65LVDS104_08 Datasheet
650Kb / 27P
[Old version datasheet]   4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
SN65LVDS104 TI-SN65LVDS104_07 Datasheet
510Kb / 26P
[Old version datasheet]   4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
SN65LVDS104 TI-SN65LVDS104 Datasheet
414Kb / 24P
[Old version datasheet]   4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
SN65LVDS104 TI1-SN65LVDS104 Datasheet
440Kb / 33P
[Old version datasheet]   4-Port LVDS and 4-Port TTL-to-LVDS Repeaters
logo
Maxim Integrated Produc...
MAX9169 MAXIM-MAX9169 Datasheet
291Kb / 19P
   4-Port LVDS and LVTTL-to-LVDS Repeaters
19-2616; Rev 0; 10/02
logo
Texas Instruments
SN65LVDS22 TI-SN65LVDS22 Datasheet
188Kb / 13P
[Old version datasheet]   DUAL MULTIPLEXED LVDS REPEATERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com