Electronic Components Datasheet Search |
|
SN65LVDS19 Datasheet(PDF) 2 Page - Texas Instruments |
|
|
SN65LVDS19 Datasheet(HTML) 2 Page - Texas Instruments |
2 / 17 page www.ti.com ABSOLUTE MAXIMUM RATINGS DISSIPATION RATINGS RECOMMENDED OPERATING CONDITIONS SN65LVDS18, SN65LVP18 SN65LVDS19, SN65LVP19 SLLS624B – SEPTEMBER 2004 – REVISED NOVEMBER 2005 These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. AVAILABLE OPTIONS(1) INPUT OUTPUT GAIN CONTROL BASE PART NUMBER PART MARKING Single-ended LVDS Yes SN65LVDS18 ER Single-ended LVPECL Yes SN65LVP18 EP Differential LVDS No SN65LVDS19 ET Differential LVPECL No SN65LVP19 ES (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI website at www.ti.com. over operating free-air temperature range (unless otherwise noted) (1) UNIT VCC Supply voltage (2) –0.5 V to 4 V VI Input voltage –0.5 V to VCC + 0.5 V VO Output voltage –0.5 V to VCC + 0.5 V IO VBB output current ±0.5 mA HBM electrostatic discharge(3) ±3 kV CDM electrostatic discharge(4) ±1500 V Continuous power dissipation See Power Dissipation Ratings Table (1) Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) All voltage values, except differential voltages, are with respect to network ground (see Figure 1). (3) Tested in accordance with JEDEC Standard 22, Test Method A114-A-7 (4) Tested in accordance with JEDEC Standard 22, Test Method C101 TA < 25°C OPERATING FACTOR TA = 85°C PACKAGE POWER RATING ABOVE TA = 25°C POWER RATING DRF 403 mW 4.0 mW/°C 161 mW MIN NOM MAX UNIT VCC Supply Voltage 2.375 2.5 or 3.3 3.6 V VIC Common-mode input voltage (VIA + VIB)/2 SN65LVDS19 or SN65LVP19 1.2 VCC – (VID/2) V |VID| Differential input voltage magnitude |VIA - VIB| SN65LVDS19 or SN65LVP19 0.8 1 V EN 2 VCC VIH High-level input voltage V SN65LVDS18 or SN65LVP18 VCC– 1.17 VCC– 0.44 EN 0 0.8 VIL Low-level input voltage V SN65LVDS18 or SN65LVP18 VCC– 2.25 VCC– 1.52 IO Output current to VBB –400(1) 400 µA RL Differential load resistance 90 132 Ω TA Operating free-air temperature -40 85 °C (1) The algebraic convention, where the least positive (more negative) value is designated minimum, is used in this data sheet. 2 |
Similar Part No. - SN65LVDS19 |
|
Similar Description - SN65LVDS19 |