Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75LBC180ADG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LBC180ADG4
Description  LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75LBC180ADG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN75LBC180ADG4 Datasheet HTML 2Page - Texas Instruments SN75LBC180ADG4 Datasheet HTML 3Page - Texas Instruments SN75LBC180ADG4 Datasheet HTML 4Page - Texas Instruments SN75LBC180ADG4 Datasheet HTML 5Page - Texas Instruments SN75LBC180ADG4 Datasheet HTML 6Page - Texas Instruments SN75LBC180ADG4 Datasheet HTML 7Page - Texas Instruments SN75LBC180ADG4 Datasheet HTML 8Page - Texas Instruments SN75LBC180ADG4 Datasheet HTML 9Page - Texas Instruments SN75LBC180ADG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
RECEIVER ELECTRICAL CHARACTERISTICS
RECEIVER SWITCHING CHARACTERISTICS
PARAMETER MEASUREMENT INFORMATION
VOC
VOD
27
27
0 or 3 V
SN65LBC180A
SN75LBC180A
SLLS378D – MAY 2000 – REVISED APRIL 2009............................................................................................................................................................... www.ti.com
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VIT+
Positive-going input threshold voltage
IO = –8 mA
0.2
V
VIT–
Negative-going input threshold voltage
IO = 8 mA
–0.2
V
Vhys
Hysteresis voltage ( VIT+ – VIT–)
50
mV
VIK
Enable-input clamp voltage
II = –18 mA
–1.5
–0.8
V
VOH
High-level output voltage
VID = 200 mV, IOH = –8 mA
4
4.9
V
VOL
Low-level output voltage
VID = –200 mV, IOL = 8 mA
0.1
0.8
V
IOZ
High-impedance-state output current
VO = 0 V to VCC
–1
1
µA
IIH
High-level enable-input current
VIH = 2.4 V
–100
µA
IIL
Low-level enable-input current
VIL = 0.4 V
–100
µA
VI = 12 V,
0.4
1
VCC = 5 V
VI = 12 V,
0.5
1
VCC = 0
II
Bus input current
Other input at 0 V
mA
VI = –7 V,
–0.8
–0.4
VCC = 5 V
VI = –7 V,
–0.8
–0.3
VCC = 0
Receiver enabled and driver disabled
4.5
7.5
VI = 0 or VCC,
ICC
Supply current
Receiver disabled and driver disabled
0.5
1
mA
No load
Receiver enabled and driver enabled
8.5
15
(1)
All typical values are at VCC = 5 V and TA = 25°C.
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
7
13
20
ns
tPHL
Propagation delay time, high-to-low-level output
7
13
20
ns
VID = –1.5 V to 1.5 V, See Figure 7
tsk(p)
Pulse skew ( | tPHL – tPLH | )
0.5
1.5
ns
tr
Output signal rise time
2.1
3.3
ns
tf
Output signal fall time
See Figure 7
2.1
3.3
ns
tPZH
Output enable time to high level
30
45
ns
tPZL
Output enable time to low level
30
45
ns
CL = 10 pF, See Figure 8
tPHZ
Output disable time from high level
20
40
ns
tPLZ
Output disable time from low level
20
40
ns
Figure 1. Driver VOD and VOC
6
Submit Documentation Feedback
Copyright © 2000–2009, Texas Instruments Incorporated
Product Folder Link(s): SN65LBC180A SN75LBC180A


Similar Part No. - SN75LBC180ADG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC180AD TI-SN75LBC180AD Datasheet
415Kb / 19P
[Old version datasheet]   LOW POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC180ADR TI-SN75LBC180ADR Datasheet
415Kb / 19P
[Old version datasheet]   LOW POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
More results

Similar Description - SN75LBC180ADG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC179A TI-SN65LBC179A Datasheet
195Kb / 13P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179ADG4 TI1-SN65LBC179ADG4 Datasheet
446Kb / 18P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179ADG4 TI-SN65LBC179ADG4 Datasheet
421Kb / 18P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC180 TI-SN65LBC180 Datasheet
217Kb / 15P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC179 TI-SN75LBC179 Datasheet
168Kb / 12P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC180A TI-SN75LBC180A Datasheet
415Kb / 19P
[Old version datasheet]   LOW POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179DR TI-SN65LBC179DR Datasheet
488Kb / 19P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65ALS180 TI-SN65ALS180 Datasheet
362Kb / 17P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIRS
SN75ALS180 TI-SN75ALS180_07 Datasheet
436Kb / 21P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIRS
logo
National Semiconductor ...
DS8922 NSC-DS8922_04 Datasheet
542Kb / 14P
   RS-422 Dual Differential Line Driver and Receiver Pairs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com