Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LBC176 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LBC176
Description  DIFFERENTIAL BUS TRANSCEIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LBC176 Datasheet(HTML) 5 Page - Texas Instruments

  SN65LBC176 Datasheet HTML 1Page - Texas Instruments SN65LBC176 Datasheet HTML 2Page - Texas Instruments SN65LBC176 Datasheet HTML 3Page - Texas Instruments SN65LBC176 Datasheet HTML 4Page - Texas Instruments SN65LBC176 Datasheet HTML 5Page - Texas Instruments SN65LBC176 Datasheet HTML 6Page - Texas Instruments SN65LBC176 Datasheet HTML 7Page - Texas Instruments SN65LBC176 Datasheet HTML 8Page - Texas Instruments SN65LBC176 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
SN65LBC176Q1
DIFFERENTIAL BUS TRANSCEIVER
SGLS211A − OCTOBER 2003 − REVISED MAY 2008
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
SYMBOL EQUIVALENTS
DATA SHEET PARAMETER
RS-485
VO
Voa, Vob
| VOD1 |
Vo
| VOD2 |
Vt (RL = 54 Ω)
| VOD3 |
Vt (test termination
measurement 2)
∆ | VOD |
|| Vt | − | Vt ||
VOC
| Vos |
∆ | VOC |
| Vos − Vos |
IOS
None
IO
Iia, Iib
RECEIVER SECTION
electrical characteristics over recommended ranges of common-mode input voltage, supply
voltage, and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIT +
Positive-going input threshold
voltage
VO = 2.7 V,
IO = − 0.4 mA
0.2
V
VIT −
Negative-going input threshold
voltage
VO = 0.5 V,
IO = 8 mA
− 0.2‡
V
Vhys
Hysteresis voltage (VIT + − VIT −)
(see Figure 4)
50
mV
VIK
Enable-input clamp voltage
II = − 18 mA
− 1.5
V
VOH
High-level output voltage
VID = 200 mV,
IOH = − 400 A,
See Figure 6
2.7
V
VOH
High-level output voltage
VID = 200 mV,
IOH = − 400 µA,
See Figure 6
2.7
V
VOL
Low-level output voltage
VID = 200 mV,
IOL = 8 mA,
See Figure 6
0.45
V
VOL
Low-level output voltage
VID = 200 mV,
IOL = 8 mA,
See Figure 6
0.45
V
IOZ
High-impedance-state output
current
VO = 0.4 V to 2.4 V
±20
µA
II
Line input current
Other input = 0 V,
VI = 12 V
1
mA
II
Line input current
Other input = 0 V,
See Note 5
VI = − 7 V
− 0.8
mA
IIH
High-level enable-input current
VIH = 2.7 V
− 100
µA
IIL
Low-level enable-input current
VIL = 0.4 V
− 100
µA
rI
Input resistance
12
k
ICC
Supply current
VI = 0 or VCC,
Receiver enabled and driver disabled
3.9
mA
ICC
Supply current
VI = 0 or VCC,
No load
Receiver and driver disabled
0.25
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ The algebraic convention, in which the less-positive (more-negative) limit is designated minimum, is used in this data sheet for common-mode
input voltage and threshold voltage levels only.
NOTE 5: This applies for both power on and power off. Refer to ANSI Standard RS-485 for exact conditions.


Similar Part No. - SN65LBC176

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC176 TI-SN65LBC176 Datasheet
455Kb / 22P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65LBC176 TI-SN65LBC176 Datasheet
584Kb / 24P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65LBC176A TI-SN65LBC176A Datasheet
342Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65LBC176A TI-SN65LBC176A Datasheet
489Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65LBC176A TI-SN65LBC176A Datasheet
519Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
More results

Similar Description - SN65LBC176

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ALS1176 TI-SN65ALS1176 Datasheet
166Kb / 12P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_07 Datasheet
335Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176A-EP TI1-SN65LBC176A-EP Datasheet
410Kb / 17P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
logo
Linear Technology
LTC1485 LINER-LTC1485_15 Datasheet
188Kb / 12P
   Differential Bus Transceiver
logo
Burr-Brown (TI)
ISO422 BURR-BROWN-ISO422 Datasheet
251Kb / 8P
   DIFFERENTIAL BUS TRANSCEIVER
logo
Texas Instruments
SN65LBC182 TI-SN65LBC182 Datasheet
290Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
TL3695 TI1-TL3695_12 Datasheet
507Kb / 20P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176QDRQ1 TI1-SN65LBC176QDRQ1 Datasheet
741Kb / 14P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_01 Datasheet
189Kb / 13P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_08 Datasheet
456Kb / 17P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com