Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LBC176QDRG4Q1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LBC176QDRG4Q1
Description  DIFFERENTIAL BUS TRANSCEIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LBC176QDRG4Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65LBC176QDRG4Q1 Datasheet HTML 2Page - Texas Instruments SN65LBC176QDRG4Q1 Datasheet HTML 3Page - Texas Instruments SN65LBC176QDRG4Q1 Datasheet HTML 4Page - Texas Instruments SN65LBC176QDRG4Q1 Datasheet HTML 5Page - Texas Instruments SN65LBC176QDRG4Q1 Datasheet HTML 6Page - Texas Instruments SN65LBC176QDRG4Q1 Datasheet HTML 7Page - Texas Instruments SN65LBC176QDRG4Q1 Datasheet HTML 8Page - Texas Instruments SN65LBC176QDRG4Q1 Datasheet HTML 9Page - Texas Instruments SN65LBC176QDRG4Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
SN65LBC176Q1
DIFFERENTIAL BUS TRANSCEIVER
SGLS211A − OCTOBER 2003 − REVISED MAY 2008
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 15 pF
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
tPLH
Propagation delay time, low- to high-level single-ended output
VID = − 1.5 V to 1.5 V,
11
37
ns
tPHL
Propagation delay time, high- to low-level single-ended output
VID = − 1.5 V to 1.5 V,
See Figure 7
11
37
ns
tsk(p)
Pulse skew ( | td(ODH) − td(ODL) |)
See Figure 7
10
ns
tPZH
Output enable time to high level
See Figure 8
35
ns
tPZL
Output enable time to low level
See Figure 8
35
ns
tPHZ
Output disable time from high level
See Figure 8
35
ns
tPLZ
Output disable time from low level
See Figure 8
35
ns
PARAMETER MEASUREMENT INFORMATION
VOC
2
RL
VOD2
Vtest
VOD3
60
375
375
2
RL
Figure 1. Driver VOD and VOC
Figure 2. Driver VOD3
VOLTAGE WAVEFORMS
50%
tt(OD)
td(ODL)
10%
tt(OD)
≈ 2.5 V
≈ − 2.5 V
90%
50%
Output
td(ODH)
0 V
3 V
1.5 V
Input
TEST CIRCUIT
Output
CL = 50 pF
(see Note B)
RL = 54 Ω
50
3 V
Generator
(see Note A)
1.5 V
Figure 3. Driver Test Circuit and Voltage Waveforms
VOLTAGE WAVEFORMS
tPHZ
1.5 V
2.3 V
0.5 V
0 V
3 V
tPZH
Output
Input
1.5 V
S1
0 V or 3 V
Output
TEST CIRCUIT
50
VOH
Voff ≈ 0 V
RL = 110 Ω
Generator
(see Note A)
CL = 50 pF
(see Note B)
Figure 4. Driver Test Circuit and Voltage Waveforms


Similar Part No. - SN65LBC176QDRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC176QDRG4Q1 TI1-SN65LBC176QDRG4Q1 Datasheet
741Kb / 14P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
More results

Similar Description - SN65LBC176QDRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ALS1176 TI-SN65ALS1176 Datasheet
166Kb / 12P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_07 Datasheet
335Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176A-EP TI1-SN65LBC176A-EP Datasheet
410Kb / 17P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
logo
Linear Technology
LTC1485 LINER-LTC1485_15 Datasheet
188Kb / 12P
   Differential Bus Transceiver
logo
Burr-Brown (TI)
ISO422 BURR-BROWN-ISO422 Datasheet
251Kb / 8P
   DIFFERENTIAL BUS TRANSCEIVER
logo
Texas Instruments
SN65LBC182 TI-SN65LBC182 Datasheet
290Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
TL3695 TI1-TL3695_12 Datasheet
507Kb / 20P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176QDRQ1 TI1-SN65LBC176QDRQ1 Datasheet
741Kb / 14P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_01 Datasheet
189Kb / 13P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_08 Datasheet
456Kb / 17P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com