Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASD75-24S3.3EB Datasheet(PDF) 4 Page - Astrodyne Corporation

Part # ASD75-24S3.3EB
Description  75 Watt, High Density, Eighth Brick DC/DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ASD75-24S3.3EB Datasheet(HTML) 4 Page - Astrodyne Corporation

  ASD75-24S3.3EB Datasheet HTML 1Page - Astrodyne Corporation ASD75-24S3.3EB Datasheet HTML 2Page - Astrodyne Corporation ASD75-24S3.3EB Datasheet HTML 3Page - Astrodyne Corporation ASD75-24S3.3EB Datasheet HTML 4Page - Astrodyne Corporation ASD75-24S3.3EB Datasheet HTML 5Page - Astrodyne Corporation ASD75-24S3.3EB Datasheet HTML 6Page - Astrodyne Corporation ASD75-24S3.3EB Datasheet HTML 7Page - Astrodyne Corporation ASD75-24S3.3EB Datasheet HTML 8Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
75 Watt, High Density, Eighth Brick DC/DC Converter
ASD75EB series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
OPERATING INFORMATION
Enable Pin
The Enable Pin (pin 2) enables the user to control when the converter will turn on or off. This pin is
referenced to –Vin (pin 3). There are two versions available for each converter, positive logic and
negative logic. For positive logic, leaving the Enable pin open or applying TTL/CMOS high voltage level
turns the converter on, while pulling this pin to –Vin or drawing more than 1mA turns it off. The negative
logic is just the inverse. An external semiconductor switch or mechanical switch can be used to
implement this function.
Remote Sense
The remote sense pins +Sense (pin 7) and –Sense (pin 5) allows the converter to correct for voltage drops
across the connections from the converter output pins +/-Vout (pins 8 and 4 respectively) to the intended
load. The +/- Sense pins should be connected at the point in the board where regulation is needed. Figure
3 shows the recommended connection.
Figure 3: Remote Sense connection
The resistive drop across the connections should be small enough since Over Voltage Protection might be
triggered during high load applications. The OVP circuit senses the +/-Vout pins.
Figure 3: Remote Sense Connection


Similar Part No. - ASD75-24S3.3EB

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ASD75-24S3.3Q ASTRODYNE-ASD75-24S3.3Q Datasheet
2Mb / 4P
   75 Watt ASD-Q Single Series DC/DC Converters
More results

Similar Description - ASD75-24S3.3EB

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ40X40ETC15 SYNQOR-NQ40X40ETC15 Datasheet
675Kb / 9P
   Eighth-brick DC-DC Converter
PQ30033EGA20 SYNQOR-PQ30033EGA20 Datasheet
548Kb / 14P
   Eighth-brick DC/DC Converter
PQ60033EML15 SYNQOR-PQ60033EML15 Datasheet
518Kb / 13P
   Eighth-brick DC/DC Converter
PQ60033ETL30 SYNQOR-PQ60033ETL30 Datasheet
488Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGL20 SYNQOR-PQ60018EGL20 Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGL07 SYNQOR-PQ60120EGL07 Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60025EKX20 SYNQOR-PQ60025EKX20 Datasheet
874Kb / 15P
   Eighth-brick DC-DC Converter
PQ60025EML15 SYNQOR-PQ60025EML15 Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
NQ40X40EGC08 SYNQOR-NQ40X40EGC08 Datasheet
717Kb / 9P
   Eighth-brick DC-DC Converter
NQ60X60ETC10 SYNQOR-NQ60X60ETC10 Datasheet
761Kb / 9P
   Eighth-brick DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com