Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMP1601-06B Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # AMP1601-06B
Description  15W 3rd Edition Medical Grade Desktop Switching Power Adapters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

AMP1601-06B Datasheet(HTML) 2 Page - Astrodyne Corporation

  AMP1601-06B Datasheet HTML 1Page - Astrodyne Corporation AMP1601-06B Datasheet HTML 2Page - Astrodyne Corporation AMP1601-06B Datasheet HTML 3Page - Astrodyne Corporation AMP1601-06B Datasheet HTML 4Page - Astrodyne Corporation AMP1601-06B Datasheet HTML 5Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
15W 3rd Edition Medical Grade Desktop Switching Power Adapters
AMP1601 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
INPUT SPECIFICATIONS
Input Voltage Range
90-264 VAC (Universal)
Frequency Range
47-63 Hz
Input Current Max.
Low Line (115VAC)
0.33A
High Line (230VAC)
0.18A
No Load Power Consumption
0.3W @ 230VAC
Inrush Current, typ (Cold Start) Low Line (115VAC)
23A max.
High Line (230VAC)
45A max.
Leakage Current
0.3mA MAX.
@ 240 VAC, FL
OUTPUT SPECIFICATIONS
Voltage and Current
See Selection Charts
Output Power Range
0 to FL Rating
Load Regulation (230Vin)
± 5%, max.
Line Regulation
± 1%, max.
Transient Response
100Vin, FL to 1/2L
4mS
Temperature Coefficient
±0.04%/°C, typ
Ripple/Noise
FL, 90Vin
1% Pk-Pk
Over Voltage Protection
112-132%
Over Current Protection
110-150%
Short Circuit Protection
Continuous, self-recovering *
Thermal Shutdown
-20 to 125°C
Start Up / Hold Up Time
100Vin, FL
1S max. / 10 mS min.
GENERAL SPECIFICATIONS
Input-Out Isolation
5656VDC (4000VAC)
Isolation Resistance
50 MΩ min.
Efficiency (FL, 230Vin)
79%, typ
Safety
ANSI/AAMI ES 60601-1: 2005 (UL/cUL 3rd Edition)
EN 60601-1:2006 (TUV/T-mark 3rd Edition)
PHYSICAL SPECIFICATIONS
Size
4.11” x 1.65” x 1.22”
Construction
Desktop Style
Weight
6.0oz (170g)
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature
0 to +50°C (FL) *
50% Load @ 70°C
(See Derate Curve)
Storage Temperature
-40 to +85°C *
Humidity
0% to 95%*
EMC
110Vin:
FCC Part 15 Class B
EN55022B
MTBF
100,000 Hrs
Efficiency Level
V
DERATE CURVE
010203040506070
20
40
60
80
100
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25°C unless other-
wise noted


Similar Part No. - AMP1601-06B

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AMP1009 NAIS-AMP1009 Datasheet
575Kb / 2P
   MOTION-DETECTING SENSOR
logo
Astrodyne Corporation
AMP101 ASTRODYNE-AMP101 Datasheet
485Kb / 4P
   100W Medical Grade Desktop Switching Power Adapters
AMP1011-02 ASTRODYNE-AMP1011-02 Datasheet
485Kb / 4P
   100W Medical Grade Desktop Switching Power Adapters
AMP1011-03 ASTRODYNE-AMP1011-03 Datasheet
485Kb / 4P
   100W Medical Grade Desktop Switching Power Adapters
AMP1011-04 ASTRODYNE-AMP1011-04 Datasheet
485Kb / 4P
   100W Medical Grade Desktop Switching Power Adapters
More results

Similar Description - AMP1601-06B

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
AMP310 ASTRODYNE-AMP310 Datasheet
493Kb / 4P
   30W 3rd Edition Medical Grade Desktop Switching Power Adapters
AMP510 ASTRODYNE-AMP510 Datasheet
4Mb / 4P
   50W 3rd Edition Medical Grade Desktop Switching Power Adapters
AMP6401 ASTRODYNE-AMP6401 Datasheet
288Kb / 3P
   63W 3rd Edition Medical Grade Desktop Switching Power Adapters
AMP1501 ASTRODYNE-AMP1501 Datasheet
272Kb / 4P
   15W Medical Grade Desktop Switching Power Adapters
logo
Tumbler Technologies + ...
TSM15 TRUMPOWER-TSM15 Datasheet
214Kb / 2P
   Medical Grade 15W Desktop Power Adapters
logo
Astrodyne Corporation
MPU50 ASTRODYNE-MPU50 Datasheet
462Kb / 4P
   50W Medical Grade Desktop Switching Power Adapters
AMP500 ASTRODYNE-AMP500 Datasheet
218Kb / 4P
   50W Medical Grade Desktop Switching Power Adapters
AMP300 ASTRODYNE-AMP300 Datasheet
253Kb / 4P
   30W Medical Grade Desktop Switching Power Adapters
AMP6301 ASTRODYNE-AMP6301 Datasheet
226Kb / 3P
   63W Medical Grade Desktop Switching Power Adapters
MPU30 ASTRODYNE-MPU30 Datasheet
386Kb / 4P
   30W Medical Grade Desktop Switching Power Adapters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com