Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMP1501-10A Datasheet(PDF) 4 Page - Astrodyne Corporation

Part # AMP1501-10A
Description  15W Medical Grade Desktop Switching Power Adapters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

AMP1501-10A Datasheet(HTML) 4 Page - Astrodyne Corporation

  AMP1501-10A Datasheet HTML 1Page - Astrodyne Corporation AMP1501-10A Datasheet HTML 2Page - Astrodyne Corporation AMP1501-10A Datasheet HTML 3Page - Astrodyne Corporation AMP1501-10A Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
15W Medical Grade Desktop Switching Power Adapters
AMP1501 series
MECHANICAL DIMENSIONS - AMP1501-XXB
DC OUTPUT CONNECTIONS
Coaxial Plug
+Vout
-Vout
5.5mm outer diameter
2.1mm inner diameter, female
11mm length, center “+”
Output Cord Length 48” typ.
5214


Similar Part No. - AMP1501-10A

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AMP1009 NAIS-AMP1009 Datasheet
575Kb / 2P
   MOTION-DETECTING SENSOR
logo
Astrodyne Corporation
AMP101 ASTRODYNE-AMP101 Datasheet
485Kb / 4P
   100W Medical Grade Desktop Switching Power Adapters
AMP1011-02 ASTRODYNE-AMP1011-02 Datasheet
485Kb / 4P
   100W Medical Grade Desktop Switching Power Adapters
AMP1011-03 ASTRODYNE-AMP1011-03 Datasheet
485Kb / 4P
   100W Medical Grade Desktop Switching Power Adapters
AMP1011-04 ASTRODYNE-AMP1011-04 Datasheet
485Kb / 4P
   100W Medical Grade Desktop Switching Power Adapters
More results

Similar Description - AMP1501-10A

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TSM15 TRUMPOWER-TSM15 Datasheet
214Kb / 2P
   Medical Grade 15W Desktop Power Adapters
logo
Astrodyne Corporation
AMP1601 ASTRODYNE-AMP1601 Datasheet
601Kb / 5P
   15W 3rd Edition Medical Grade Desktop Switching Power Adapters
MPU50 ASTRODYNE-MPU50 Datasheet
462Kb / 4P
   50W Medical Grade Desktop Switching Power Adapters
AMP500 ASTRODYNE-AMP500 Datasheet
218Kb / 4P
   50W Medical Grade Desktop Switching Power Adapters
AMP300 ASTRODYNE-AMP300 Datasheet
253Kb / 4P
   30W Medical Grade Desktop Switching Power Adapters
AMP6301 ASTRODYNE-AMP6301 Datasheet
226Kb / 3P
   63W Medical Grade Desktop Switching Power Adapters
MPU30 ASTRODYNE-MPU30 Datasheet
386Kb / 4P
   30W Medical Grade Desktop Switching Power Adapters
MPU100 ASTRODYNE-MPU100 Datasheet
727Kb / 4P
   100W Medical Grade Desktop Switching Power Adapters
AMP101 ASTRODYNE-AMP101 Datasheet
485Kb / 4P
   100W Medical Grade Desktop Switching Power Adapters
AMP310 ASTRODYNE-AMP310 Datasheet
493Kb / 4P
   30W 3rd Edition Medical Grade Desktop Switching Power Adapters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com