Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMP5001-09 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # AMP5001-09
Description  50W Medical Grade Desktop Switching Power Adapters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

AMP5001-09 Datasheet(HTML) 2 Page - Astrodyne Corporation

  AMP5001-09 Datasheet HTML 1Page - Astrodyne Corporation AMP5001-09 Datasheet HTML 2Page - Astrodyne Corporation AMP5001-09 Datasheet HTML 3Page - Astrodyne Corporation AMP5001-09 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
50W Medical Grade Desktop Switching Power Adapters
AMP500 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
Universal 90-264VAC Input
UL60601-1, EN60601-1 Approved
Regulated Outputs
4000V Isolation
IEC320-C14 Input
Model Number
Output Voltage
Output Amps Regulation
Output Watts Output Connector
DUAL OUTPUT
AMP5002-00
3.3/12
5/2
7/5%
40W
DIN
AMP5002-01
5/12
5/2
5/5%
42W
DIN
AMP5002-02
5/15
5/1.5
5/5%
42W
DIN
AMP5002-03
5/24
5/1
5/5/%
42W
DIN
AMP5002-04
3.3/5
5/2
7/5%
26.5W
DIN
AMP5002-09
+/-12
3/1
5/5%
42W
DIN
AMP5002-10
+/-15
2/1
5/5%
42W
DIN
AMP5002-15
+5/-24
5/1
5/5%
42W
DIN
AMP5002-16
5.1/7.2
5/2.6
5/5%
42W
DIN
AMP5002-17
+/-10.5
+/-2.0
5/5%
42W
DIN
AMP5002-18
+/-5
5/2
5/5%
35W
DIN
TRIPLE OUTPUT
AMP5003-00
3.3,+/-12
5/2/0.8
7/5/5%
42W
DIN
AMP5003-01
5/12/-5
5/2/0.8
5/5/5%
42W
DIN
AMP5003-02
5/12/-12
5/2/0.8
5/5/5%
42W
DIN
AMP5003-03
5/15/-15
5/2/0.8
5/6/5%
42W
DIN
AMP5003-04
5,+/-24
5/1/0.5
5/5/5%
42W
DIN
AMP5003-05
5/24/-12
5/1/0.8
5/5/5%
42W
DIN
AMP5003-06
3.3/12/-5
5/2/0.8
7/5/5%
42W
DIN
5.75”W x 3.0”L x1.7”H


Similar Part No. - AMP5001-09

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMP50 ETC-AMP50 Datasheet
10Kb / 1P
   Hall effect linear sensors
More results

Similar Description - AMP5001-09

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MPU50 ASTRODYNE-MPU50 Datasheet
462Kb / 4P
   50W Medical Grade Desktop Switching Power Adapters
AMP510 ASTRODYNE-AMP510 Datasheet
4Mb / 4P
   50W 3rd Edition Medical Grade Desktop Switching Power Adapters
AMP300 ASTRODYNE-AMP300 Datasheet
253Kb / 4P
   30W Medical Grade Desktop Switching Power Adapters
AMP6301 ASTRODYNE-AMP6301 Datasheet
226Kb / 3P
   63W Medical Grade Desktop Switching Power Adapters
MPU30 ASTRODYNE-MPU30 Datasheet
386Kb / 4P
   30W Medical Grade Desktop Switching Power Adapters
MPU100 ASTRODYNE-MPU100 Datasheet
727Kb / 4P
   100W Medical Grade Desktop Switching Power Adapters
AMP1501 ASTRODYNE-AMP1501 Datasheet
272Kb / 4P
   15W Medical Grade Desktop Switching Power Adapters
AMP101 ASTRODYNE-AMP101 Datasheet
485Kb / 4P
   100W Medical Grade Desktop Switching Power Adapters
logo
Tumbler Technologies + ...
TSM15 TRUMPOWER-TSM15 Datasheet
214Kb / 2P
   Medical Grade 15W Desktop Power Adapters
logo
Astrodyne Corporation
AMP310 ASTRODYNE-AMP310 Datasheet
493Kb / 4P
   30W 3rd Edition Medical Grade Desktop Switching Power Adapters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com