Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3281YFQR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM3281YFQR
Description  3.3-V, 1.2-A, 6-MHz Miniature Step-Down DC-DC Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3281YFQR Datasheet(HTML) 3 Page - Texas Instruments

  LM3281YFQR Datasheet HTML 1Page - Texas Instruments LM3281YFQR Datasheet HTML 2Page - Texas Instruments LM3281YFQR Datasheet HTML 3Page - Texas Instruments LM3281YFQR Datasheet HTML 4Page - Texas Instruments LM3281YFQR Datasheet HTML 5Page - Texas Instruments LM3281YFQR Datasheet HTML 6Page - Texas Instruments LM3281YFQR Datasheet HTML 7Page - Texas Instruments LM3281YFQR Datasheet HTML 8Page - Texas Instruments LM3281YFQR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
GND
C2
C1
EN
MODE
B1
B2
SW
A1
FB
A2
LM3281
VIN
EN
MODE
GND
SW
VIN
FB
A
B
C
1
2
LM3281
www.ti.com
SNVSA38 – NOVEMBER 2014
5 Pin Configuration and Functions
DSBGA (YFQ)
6 Pins
Top
Figure 1. Pin Out
Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
Connect to the output at the output filter capacitor COUT by lowest inductance path with a
A1
FB
Power
trace rated for 2 A.
Connect to input filter capacitor CIN by lowest inductance path, then connect to supply
A2
VIN
Power
voltage with a trace rated for 2 A.
Selects automatic ECO/PWM mode or forced PWM mode. When MODE is HIGH the
B1
MODE
Logic
LM3281 automatically transitions between PWM and ECO operation. When MODE is LOW
the LM3281 operates in PWM mode only. Do not leave MODE pin floating.
B2
SW
Power
Connect to inductor LSW with a trace rated for 2 A.
Set this digital input logic high for normal operation. For shutdown, set to logic low. Do not
C1
EN
Logic
leave EN pin floating.
Connect to input filter capacitor CIN by lowest inductance path, then to system ground by a
C2
GND
Ground
very low inductance path.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3281


Similar Part No. - LM3281YFQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3281 TI-LM3281_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM3281 3.3-V, 1.2-A, 6-MHz Miniature Step-Down DC-DC Converter for Wireless Connectivity Solutions
More results

Similar Description - LM3281YFQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3281 TI-LM3281_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM3281 3.3-V, 1.2-A, 6-MHz Miniature Step-Down DC-DC Converter for Wireless Connectivity Solutions
logo
Allegro MicroSystems
SI-8033JD ALLEGRO-SI-8033JD Datasheet
546Kb / 10P
   Step-Down to 3.3 V, 1.5 A, DC/DC Converter
SI-8033JF ALLEGRO-SI-8033JF Datasheet
335Kb / 9P
   Step-Down to 3.3 V, 1.5 A, DC/DC Converter
logo
ON Semiconductor
FAN8060 ONSEMI-FAN8060 Datasheet
488Kb / 14P
   1.2 MHz, 1 A Synchronous Step-Down DC/DC Regulator
Rev. 1.0.1
logo
Sanken electric
BR301 SANKEN-BR301 Datasheet
346Kb / 10P
   3.3 V, 1 A Non-Isolated Step Down DC/DC Converter Module
logo
Texas Instruments
LM3204 TI1-LM3204_16 Datasheet
950Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3200 TI1-LM3200 Datasheet
982Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3262 TI1-LM3262 Datasheet
2Mb / 41P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3218 TI1-LM3218 Datasheet
3Mb / 21P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3205 TI1-LM3205_16 Datasheet
1Mb / 28P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com