Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3281 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM3281
Description  3.3-V, 1.2-A, 6-MHz Miniature Step-Down DC-DC Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3281 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3281 Datasheet HTML 3Page - Texas Instruments LM3281 Datasheet HTML 4Page - Texas Instruments LM3281 Datasheet HTML 5Page - Texas Instruments LM3281 Datasheet HTML 6Page - Texas Instruments LM3281 Datasheet HTML 7Page - Texas Instruments LM3281 Datasheet HTML 8Page - Texas Instruments LM3281 Datasheet HTML 9Page - Texas Instruments LM3281 Datasheet HTML 10Page - Texas Instruments LM3281 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
VOUT (V)
20 mV/DIV
Time (4 µs/DIV)
SW (V)
2 V/DIV
Vin (V)
2.5
3
3.5
4
4.5
5
5.5
0
2
4
6
8
10
12
14
PWM-Bypass Transition
D011
Load Current (mA)
0
20
40
60
80
100
120
140
160
0
10
20
30
40
50
60
70
80
90
100
D003
VIN = 3.4 V
VIN = 3.8 V
VIN = 4.8 V
VIN = 5.5 V
Vin (V)
2.5
3
3.5
4
4.5
5
5.5
0
5
10
15
20
25
D012
Output Current (mA)
0
10
20
30
40
50
60
70
80
45
50
55
60
65
70
75
80
85
90
95
100
D001
VIN = 3.4 V
VIN = 3.8 V
VIN = 4.2 V
VIN = 4.8 V
VIN = 5.5 V
Output Current (A)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
80
85
90
95
100
D002
VIN = 3.4 V
VIN = 3.8 V
VIN = 4.8 V
VIN = 5.5 V
LM3281
www.ti.com
SNVSA38 – NOVEMBER 2014
6.7 Typical Characteristics
All curves are at TA = 25°C and VIN = 3.8 V, unless otherwise specified. CIN, COUT = 2.2 µF, CLOAD2 = 4.7 µF, CLOAD1 = 10 µF,
LSW = 0.47 µH.
Figure 2. ECO Efficiency vs Output Current
Figure 3. PWM Efficiency vs Output Current
Figure 4. Forced PWM Efficiency vs Output Current
Figure 5. No Load ECO Input Current vs VIN
IOUT = 10 mA
Figure 6. No Load Forced PWM Input Current vs VIN
Figure 7. Output Voltage Ripple in ECO Mode
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3281


Similar Part No. - LM3281

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3281 TI-LM3281_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM3281 3.3-V, 1.2-A, 6-MHz Miniature Step-Down DC-DC Converter for Wireless Connectivity Solutions
More results

Similar Description - LM3281

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3281 TI-LM3281_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM3281 3.3-V, 1.2-A, 6-MHz Miniature Step-Down DC-DC Converter for Wireless Connectivity Solutions
logo
Allegro MicroSystems
SI-8033JD ALLEGRO-SI-8033JD Datasheet
546Kb / 10P
   Step-Down to 3.3 V, 1.5 A, DC/DC Converter
SI-8033JF ALLEGRO-SI-8033JF Datasheet
335Kb / 9P
   Step-Down to 3.3 V, 1.5 A, DC/DC Converter
logo
ON Semiconductor
FAN8060 ONSEMI-FAN8060 Datasheet
488Kb / 14P
   1.2 MHz, 1 A Synchronous Step-Down DC/DC Regulator
Rev. 1.0.1
logo
Sanken electric
BR301 SANKEN-BR301 Datasheet
346Kb / 10P
   3.3 V, 1 A Non-Isolated Step Down DC/DC Converter Module
logo
Texas Instruments
LM3204 TI1-LM3204_16 Datasheet
950Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3200 TI1-LM3200 Datasheet
982Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3262 TI1-LM3262 Datasheet
2Mb / 41P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3218 TI1-LM3218 Datasheet
3Mb / 21P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3205 TI1-LM3205_16 Datasheet
1Mb / 28P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com