Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3212 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM3212
Description  Step-Down DC-DC Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3212 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM3212 Datasheet HTML 4Page - Texas Instruments LM3212 Datasheet HTML 5Page - Texas Instruments LM3212 Datasheet HTML 6Page - Texas Instruments LM3212 Datasheet HTML 7Page - Texas Instruments LM3212 Datasheet HTML 8Page - Texas Instruments LM3212 Datasheet HTML 9Page - Texas Instruments LM3212 Datasheet HTML 10Page - Texas Instruments LM3212 Datasheet HTML 11Page - Texas Instruments LM3212 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
0
0.5
1
1.5
2
2.5
0
20
40
60
80
100
IOUT (A)
AUTO_BY = LOW
VIN = 4.2V
VIN = 5.5V
VIN = 3.6V
0
0.5
1
1.5
2
2.5
0
1
2
3
4
5
6
VCON (V)
AUTO_BY = HIGH
VIN = 4.2V
VIN = 5.5V
VIN = 3.6V
Switcher
Auto Bypass
2.5
3.0
3.5
4.0
4.5
5.0
1.5
1.7
1.9
2.1
2.3
2.5
VIN (V)
AUTO_BY = HIGH
2.5
3
3.5
4
4.5
5
5.5
VIN (V)
2.5
6
3
3.5
4
4.5
5
5.5
Forced Bypass
IOUT = 100 mA
IOUT = 1.0A
IOUT = 2.5A
LM3212
SNOSB37C – DECEMBER 2008 – REVISED APRIL 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VOUT
Peak Current Limit (ILIMPFET Peak)
vs
vs
VIN (AUTO_BY = LOW)
VIN (AUTO_BY = HIGH)
Figure 5.
Figure 6.
VCON
VIN - VOUT
vs
vs
VOUT
IOUT (AUTO_BY = LOW)
Figure 7.
Figure 8.
Load Transient (AUTO_BY = HIGH, VIN = 4.2V,
Load Transient (AUTO_BY = HIGH, VIN = 4.2V,
VOUT = 0.8V, ILOAD = 0 - 1.5A)
VOUT = 3.4V, ILOAD = 0 - 1.5A)
Figure 9.
Figure 10.
8
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM3212


Similar Part No. - LM3212

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3212 TI1-LM3212 Datasheet
160Kb / 6P
[Old version datasheet]   LM3212 PRODUCT BRIEF Step-Down DC-DC Converter with Analog Bypass Mode for RF Power Amplifiers
LM3212 TI-LM3212_15 Datasheet
942Kb / 25P
[Old version datasheet]   LM3212 Step-Down DC-DC Converter with Analog Bypass Mode for RF Power Amplifiers
More results

Similar Description - LM3212

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
   Step-down DC/DC converter
logo
Texas Instruments
LM53625-Q1 TI1-LM53625-Q1_16 Datasheet
5Mb / 55P
[Old version datasheet]   Step-Down DC-DC Converter
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54340-Q1 TI1-TPS54340-Q1_15 Datasheet
1Mb / 48P
[Old version datasheet]   Step-Down DC-DC Converter
logo
KODENSHI_AUK CORP.
PAM2301 KODENSHI-PAM2301 Datasheet
863Kb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Texas Instruments
LM3203 TI1-LM3203_16 Datasheet
3Mb / 22P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54040 TI1-TPS54040_16 Datasheet
2Mb / 51P
[Old version datasheet]   Step Down DC/DC Converter
logo
Diodes Incorporated
PAM2301 DIODES-PAM2301 Datasheet
1Mb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Maxim Integrated Produc...
MAX17505 MAXIM-MAX17505 Datasheet
826Kb / 18P
   Step-Down DC-DC Converter
Rev 0; 1/14
logo
Texas Instruments
TPS54040A TI1-TPS54040A_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com