Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3209-G3 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM3209-G3
Description  Seamless-Transition Buck-Boost Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3209-G3 Datasheet(HTML) 2 Page - Texas Instruments

  LM3209-G3 Datasheet HTML 1Page - Texas Instruments LM3209-G3 Datasheet HTML 2Page - Texas Instruments LM3209-G3 Datasheet HTML 3Page - Texas Instruments LM3209-G3 Datasheet HTML 4Page - Texas Instruments LM3209-G3 Datasheet HTML 5Page - Texas Instruments LM3209-G3 Datasheet HTML 6Page - Texas Instruments LM3209-G3 Datasheet HTML 7Page - Texas Instruments LM3209-G3 Datasheet HTML 8Page - Texas Instruments LM3209-G3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Top View
Bottom View
A1
A2
A3
D1
D2
B1
B2
B3
C1
C2
C3
D3
A1
A2
A3
D1
D2
D3
B1
B2
B3
C1
C2
C3
LM3209-G3
SNVS626B – NOVEMBER 2009 – REVISED MARCH 2013
www.ti.com
CONNECTION DIAGRAMS AND PACKAGE MARK INFORMATION
Figure 1. 12–Bump Thin DSBGA Package, Large Bump
PIN DESCRIPTIONS
Pin #
Name
Description
A1
NC
This pin is shorted to ground internally. Leave this pin floating.
B1
VCON
Output voltage program pin. Analog voltage from DAC/controller to set VOUT.
C1
FB
Feedback input to inverting input of error amplifier. Connect output voltage directly to this node
at load point.
D1
VOUT
Regulated output voltage of LM3209-G3. Connect this to a 4.7 µF ceramic output filter
capacitor to GND.
A2
NC
Supply voltage for analog circuits of LM3209-G3. This pin is connected to PVIN via a 36
resistor internally. Leave this pin floating.
B2
EN
Enable Pin. Pulling this pin higher than 1.2V enables part to function.
C2
SGND
Signal Ground for analog circuits.
D2
SW2
Switch pin for Internal Power Switches M3 and M4. Connect inductor between SW1 and SW2.
A3
PVIN
Power MOSFET input and power current input pin. Optional low-pass filtering may help buck
and buck-boost modes for radiated EMI and noise reduction.
B3
PVIN
Power MOSFET input and power current input pin. Optional low-pass filtering may help buck
and buck-boost modes for radiated EMI and noise reduction.
C3
SW1
Switch pin for Internal Power Switches M1 and M2. Connect inductor between SW1 and SW2.
D3
PGND
Power Ground for Power MOSFETs and gate drive circuitry.
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
2
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM3209-G3


Similar Part No. - LM3209-G3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3209-G3 TI1-LM3209-G3 Datasheet
186Kb / 6P
[Old version datasheet]   LM3209-G3 PRODUCT BRIEF Seamless-Transition Buck-Boost Converter for Battery- Powered 3G/4G RF Power Amplifiers
LM3209-G3 TI-LM3209-G3_15 Datasheet
1Mb / 22P
[Old version datasheet]   LM3209-G3 Seamless-Transition Buck-Boost Converter for Battery-Powered 3G/4G RF Power Amplifiers
More results

Similar Description - LM3209-G3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3269 TI1-LM3269_16 Datasheet
2Mb / 27P
[Old version datasheet]   Seamless-Transition Buck-Boost Converter
logo
Maxim Integrated Produc...
MAX77816EVKIT MAXIM-MAX77816EVKIT Datasheet
1Mb / 11P
   Buck and Boost Operation Including Seamless Transition between Buck and Boost Modes
Rev 0; 7/17
logo
Texas Instruments
LM3269 TI1-LM3269 Datasheet
136Kb / 5P
[Old version datasheet]   Seamless-Transition Buck-Boost Converter for 3G and 4G RF Power Amplifiers
LM3269 TI-LM3269_15 Datasheet
2Mb / 27P
[Old version datasheet]   LM3269 Seamless-Transition Buck-Boost Converter for 3G and 4G RF Power Amplifiers
LM3209TLX-G3-NOPB TI1-LM3209TLX-G3-NOPB Datasheet
1Mb / 22P
[Old version datasheet]   Seamless-Transition Buck-Boost Converter for Battery-Powered 3G/4G RF Power Amplifiers
LM3209-G3 TI-LM3209-G3_15 Datasheet
1Mb / 22P
[Old version datasheet]   LM3209-G3 Seamless-Transition Buck-Boost Converter for Battery-Powered 3G/4G RF Power Amplifiers
LM3209-G3 TI1-LM3209-G3 Datasheet
186Kb / 6P
[Old version datasheet]   LM3209-G3 PRODUCT BRIEF Seamless-Transition Buck-Boost Converter for Battery- Powered 3G/4G RF Power Amplifiers
LM3279 TI1-LM3279_16 Datasheet
1Mb / 37P
[Old version datasheet]   Buck-Boost Converter
logo
Maxim Integrated Produc...
MAX8625 MAXIM-MAX8625 Datasheet
609Kb / 16P
   High-Efficiency, Seamless Transition, Step-Up/Down DC-DC Converter
19-1006; Rev 4; 4/09
MAX8625A MAXIM-MAX8625A_08 Datasheet
478Kb / 16P
   High-Efficiency, Seamless Transition, Step-Up/Down DC-DC Converter
Rev 2; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com