Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM317MQDCYRG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM317MQDCYRG4
Description  3-Terminal Adjustable Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM317MQDCYRG4 Datasheet(HTML) 4 Page - Texas Instruments

  LM317MQDCYRG4 Datasheet HTML 1Page - Texas Instruments LM317MQDCYRG4 Datasheet HTML 2Page - Texas Instruments LM317MQDCYRG4 Datasheet HTML 3Page - Texas Instruments LM317MQDCYRG4 Datasheet HTML 4Page - Texas Instruments LM317MQDCYRG4 Datasheet HTML 5Page - Texas Instruments LM317MQDCYRG4 Datasheet HTML 6Page - Texas Instruments LM317MQDCYRG4 Datasheet HTML 7Page - Texas Instruments LM317MQDCYRG4 Datasheet HTML 8Page - Texas Instruments LM317MQDCYRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LM317M
SLVS297P – APRIL 2000 – REVISED MARCH 2014
www.ti.com
6.4 Thermal Information
LM317M
THERMAL METRIC(1)
DCY
UNIT
4 TERMINALS
RθJA
Junction-to-ambient thermal resistance
60.2
RθJCtop
Junction-to-case (top) thermal resistance
42.0
RθJB
Junction-to-board thermal resistance
9.4
°C/W
ψJT
Junction-to-top characterization parameter
3.4
ψJB
Junction-to-board characterization parameter
9.3
RθJCbot
Junction-to-case (bottom) thermal resistance
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.5 Electrical Characteristics
over recommended operating virtual-junction temperature range, VI – VO = 5 V, IO = 0.1 A (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
TJ = 25°C
0.01
0.04
Line regulation(2)
VI – VO = 3 V to 40 V
%/V
Full temperature range
0.02
0.07
TJ = 25°C
0.1
0.5
Load regulation
IO = 10 mA to 500 mA
%VO
Full temperature range
0.3
1.5
ADJUST terminal current
50
100
μA
VI – VO = 3 V to 40 V,
Change in ADJUST terminal current
0.2
5
μA
IO = 10 mA to 500 mA
VI – VO = 3 V to 40 V,
Reference voltage
1.2
1.25
1.3
V
IO = 10 mA to 500 mA
Output-voltage temperature stability
0.7
%
Minimum load current
3.5
10
mA
to maintain regulation
VI – VO ≤ 15 V
500
900
Maximum output current
mA
VI – VO = 40 V, PD ≤ PD(max),
TJ = 25°C
150
250
RMS output noise voltage (% of VO)
f = 10 Hz to 10 kHz,
TJ = 25°C
0.003
%VO
CADJ = 0
(3)
65
VO = 10 V, f = 120 Hz,
Ripple rejection
dB
TJ = 25°C
CADJ = 10 μF
(3)
66
80
Long-term stability
TJ = 25°C
0.3
1
%/1k hrs
(1)
Pulse-testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible.
(2)
Line voltage regulation is expressed here as the percentage change in output voltage per 1-V change at the input.
(3)
CADJ is connected between the ADJUST terminal and ground.
4
Submit Documentation Feedback
Copyright © 2000–2014, Texas Instruments Incorporated
Product Folder Links: LM317M


Similar Part No. - LM317MQDCYRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
More results

Similar Description - LM317MQDCYRG4

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
[Old version datasheet]   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
   3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM317L NSC-LM317L_06 Datasheet
918Kb / 16P
   3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com