Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM317MQDCYRG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM317MQDCYRG4
Description  3-Terminal Adjustable Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM317MQDCYRG4 Datasheet(HTML) 3 Page - Texas Instruments

  LM317MQDCYRG4 Datasheet HTML 1Page - Texas Instruments LM317MQDCYRG4 Datasheet HTML 2Page - Texas Instruments LM317MQDCYRG4 Datasheet HTML 3Page - Texas Instruments LM317MQDCYRG4 Datasheet HTML 4Page - Texas Instruments LM317MQDCYRG4 Datasheet HTML 5Page - Texas Instruments LM317MQDCYRG4 Datasheet HTML 6Page - Texas Instruments LM317MQDCYRG4 Datasheet HTML 7Page - Texas Instruments LM317MQDCYRG4 Datasheet HTML 8Page - Texas Instruments LM317MQDCYRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
INPUT
ADJUST
INPUT
OUTPUT
ADJUST
KVU (TO-252) PACKAGE
(TOP VIEW)
OUTPUT
INPUT
ADJUST
KTP (PFM) PACKAGE
(TOP VIEW)
DCY (SOT-223) PACKAGE
(TOP VIEW)
LM317M
www.ti.com
SLVS297P – APRIL 2000 – REVISED MARCH 2014
5 Terminal Configuration and Functions
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
ADJUST
1
I
Output feedback voltage
OUTPUT
2
O
Regulated output voltage
INPUT
3
Input supply voltage, 2.5 to 40V relative to OUTPUT terminal
6 Specifications
6.1 Absolute Maximum Ratings
(1)
over operating temperature range (unless otherwise noted)
MIN
MAX
UNIT
VI – VO
Input-to-output differential voltage
40
V
TJ
Operating virtual junction temperature
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6.2 Handling Ratings
MIN
MAX
UNIT
TSTG
Storage temperature range
–65
150
°C
6.3 Recommended Operating Conditions
MIN
MAX
UNIT
VI – VO
Input-to-output voltage differential
2.5
37
V
IO
Output current
0.01
0.5
A
LM317MKTPR
0
125
LM317MDCY,
LM317MDCYR,
TJ
Operating virtual junction temperature
°C
LM317MKVURG3,
–40
125
LM317MQKTPR,
LM317MQDCYR,
LM317MQDCYRG3
Copyright © 2000–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM317M


Similar Part No. - LM317MQDCYRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
More results

Similar Description - LM317MQDCYRG4

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
[Old version datasheet]   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
   3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM317L NSC-LM317L_06 Datasheet
918Kb / 16P
   3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com