Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM7805 Datasheet(PDF) 22 Page - Texas Instruments

Part # LM7805
Description  1.5-A Fixed Voltage Regulators
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM7805 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM7805 Datasheet HTML 18Page - Texas Instruments LM7805 Datasheet HTML 19Page - Texas Instruments LM7805 Datasheet HTML 20Page - Texas Instruments LM7805 Datasheet HTML 21Page - Texas Instruments LM7805 Datasheet HTML 22Page - Texas Instruments LM7805 Datasheet HTML 23Page - Texas Instruments LM7805 Datasheet HTML 24Page - Texas Instruments LM7805 Datasheet HTML 25Page - Texas Instruments LM7805 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
3-Aug-2016
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
LM340AT-5.0
NRND
TO-220
NDE
3
45
TBD
Call TI
Call TI
0 to 70
LM340AT
5.0 P+
LM340AT-5.0/NOPB
ACTIVE
TO-220
NDE
3
45
Pb-Free (RoHS
Exempt)
CU SN
Level-1-NA-UNLIM
0 to 125
LM340AT
5.0 P+
LM340K-5.0
ACTIVE
TO-3
NDS
2
50
TBD
Call TI
Call TI
0 to 125
LM340K
-5.0 7805P+
LM340K-5.0/NOPB
ACTIVE
TO-3
NDS
2
50
Green (RoHS
& no Sb/Br)
Call TI
Level-1-NA-UNLIM
0 to 125
LM340K
-5.0 7805P+
LM340MP-5.0
NRND
SOT-223
DCY
4
1000
TBD
Call TI
Call TI
0 to 70
N00A
LM340MP-5.0/NOPB
ACTIVE
SOT-223
DCY
4
1000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
0 to 125
N00A
LM340MPX-5.0/NOPB
ACTIVE
SOT-223
DCY
4
2000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
0 to 125
N00A
LM340S-12/NOPB
ACTIVE
DDPAK/
TO-263
KTT
3
45
Pb-Free (RoHS
Exempt)
CU SN
Level-3-245C-168 HR
0 to 125
LM340S
-12 P+
LM340S-5.0
NRND
DDPAK/
TO-263
KTT
3
45
TBD
Call TI
Call TI
0 to 70
LM340S
-5.0 P+
LM340S-5.0/NOPB
ACTIVE
DDPAK/
TO-263
KTT
3
45
Pb-Free (RoHS
Exempt)
CU SN
Level-3-245C-168 HR
0 to 125
LM340S
-5.0 P+
LM340SX-12/NOPB
ACTIVE
DDPAK/
TO-263
KTT
3
500
Pb-Free (RoHS
Exempt)
CU SN
Level-3-245C-168 HR
0 to 125
LM340S
-12 P+
LM340SX-5.0
NRND
DDPAK/
TO-263
KTT
3
500
TBD
Call TI
Call TI
0 to 70
LM340S
-5.0 P+
LM340SX-5.0/NOPB
ACTIVE
DDPAK/
TO-263
KTT
3
500
Pb-Free (RoHS
Exempt)
CU SN
Level-3-245C-168 HR
0 to 125
LM340S
-5.0 P+
LM340T-12
NRND
TO-220
NDE
3
45
TBD
Call TI
Call TI
0 to 70
LM340T12
7812 P+
LM340T-12/NOPB
ACTIVE
TO-220
NDE
3
45
Green (RoHS
& no Sb/Br)
CU SN
Level-1-NA-UNLIM
0 to 125
LM340T12
7812 P+
LM340T-15
NRND
TO-220
NDE
3
45
TBD
Call TI
Call TI
0 to 70
LM340T15
7815 P+
LM340T-15/NOPB
ACTIVE
TO-220
NDE
3
45
Green (RoHS
& no Sb/Br)
CU SN
Level-1-NA-UNLIM
0 to 125
LM340T15
7815 P+
LM340T-5.0
NRND
TO-220
NDE
3
45
TBD
Call TI
Call TI
0 to 70
LM340T5


Similar Part No. - LM7805

ManufacturerPart #DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
LM7805 FAIRCHILD-LM7805 Datasheet
225Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
List of Unclassifed Manufacturers
List of Unclassifed Man...
LM7805 ETC-LM7805 Datasheet
175Kb / 6P
   1.5A Positive Voltage Regulator
Fairchild Semiconductor
Fairchild Semiconductor
LM7805 FAIRCHILD-LM7805 Datasheet
516Kb / 28P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATORS
LM7805 FAIRCHILD-LM7805 Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
First Components International
First Components Intern...
LM7805 FCI-LM7805 Datasheet
621Kb / 8P
   LM7800 Series 3-Terminal fixed Voltage Regulators
More results

Similar Description - LM7805

ManufacturerPart #DatasheetDescription
Linear Dimensions Semiconductor
Linear Dimensions Semic...
LND1085 LINEAR_DIMENSIONS-LND1085 Datasheet
155Kb / 5P
   1.5 A / 3 A Low Dropout Voltage Regulators
STMicroelectronics
STMicroelectronics
LD29150XX STMICROELECTRONICS-LD29150XX Datasheet
440Kb / 21P
   1.5 A, very low drop voltage regulators
LD29150DT18R STMICROELECTRONICS-LD29150DT18R Datasheet
551Kb / 22P
   1.5 A, very low drop voltage regulators
LD29150PTR STMICROELECTRONICS-LD29150PTR Datasheet
551Kb / 22P
   1.5 A, very low drop voltage regulators
LD29150XX STMICROELECTRONICS-LD29150XX_10 Datasheet
517Kb / 22P
   1.5 A, very low drop voltage regulators
Texas Instruments
Texas Instruments
LM340-MIL TI1-LM340-MIL Datasheet
1Mb / 22P
[Old version datasheet]   Wide VIN 1.5-A Fixed Voltage Regulator
List of Unclassifed Manufacturers
List of Unclassifed Man...
OMR7905 ETC-OMR7905 Datasheet
82Kb / 8P
   300 kRAD RADIATION TOLERANT 1.5 AMP NEGATIVE FIXED VOLTAGE REGULATORS
OMR7805 ETC-OMR7805 Datasheet
107Kb / 8P
   300 kRAD RADIATION TOLERANT 1.5 AMP POSITIVE FIXED VOLTAGE REGULATORS
Texas Instruments
Texas Instruments
UA7808 TI1-UA7808_16 Datasheet
1Mb / 29P
[Old version datasheet]   Fixed Positive Voltage Regulators
Microsemi Corporation
Microsemi Corporation
SG7900 MICROSEMI-SG7900 Datasheet
374Kb / 7P
   negative fixed voltage regulators
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com