Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM317MKTPR Datasheet(PDF) 6 Page - Texas Instruments

Part # LM317MKTPR
Description  3-Terminal Adjustable Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM317MKTPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM317MKTPR Datasheet HTML 2Page - Texas Instruments LM317MKTPR Datasheet HTML 3Page - Texas Instruments LM317MKTPR Datasheet HTML 4Page - Texas Instruments LM317MKTPR Datasheet HTML 5Page - Texas Instruments LM317MKTPR Datasheet HTML 6Page - Texas Instruments LM317MKTPR Datasheet HTML 7Page - Texas Instruments LM317MKTPR Datasheet HTML 8Page - Texas Instruments LM317MKTPR Datasheet HTML 9Page - Texas Instruments LM317MKTPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
10 Hz
Frequency
10.00
50 Hz
100 Hz
500 Hz
1 kHz
5 kHz
10 kHz
50 kHz
100 kHz
150 kHz
1.00
0.10
0.01
VI = 15 V
VO = 10 V
IL = 100-mA dc and 10-mA RMS
CADJ = 0 µF
CADJ = 10 µF
10 Hz
Frequency
100
100 Hz
1 kHz
90
80
70
60
50
40
30
20
10
0
VI = 15 Vdc and Vac = 1 VPP
VO = 10 V
IL = 100 mA
CL = 1 µF
Ci = 0.1 µF
CADJ = 0 µF
CADJ = 10 µF
10 kHz
100 kHz
0
25
50
TJ − Temperature − °C
2.5
2
1.5
1
0.5
0
IL = 500 mA
IL = 100 mA
75
100
125
0
25
50
TJ − Temperature − °C
0.004
0.003
0.002
0.001
0.000
VI = 15 V
VO = 10 V
IL = 50 mA
Bandwidth = 10 Hz to 10 kHz
75
100
125
0
25
70
TJ − Temperature − °C
90
85
80
75
70
65
60
55
50
45
VI = 15 Vdc and 1 VPP (120 Hz)
VO = 10 V
IL = 100 mA
CL = 1 µF
Ci = 0.1 µF
85
125
CADJ = 0 µF
CADJ = 10 µF
LM317M
SLVS297P – APRIL 2000 – REVISED MARCH 2014
www.ti.com
Typical Characteristics (continued)
Figure 7. Output Noise Voltage vs Temperature
Figure 8. Ripple Rejection vs Temperature
Figure 10. Input-output Voltage Differential vs Temperature
Figure 9. Ripple Rejection vs Frequency
Figure 11. Output Impedance vs Frequency
6
Submit Documentation Feedback
Copyright © 2000–2014, Texas Instruments Incorporated
Product Folder Links: LM317M


Similar Part No. - LM317MKTPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM317MKTPR TI-LM317MKTPR Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317MKTPR TI-LM317MKTPR Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317MKTPR TI-LM317MKTPR Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317MKTPR TI-LM317MKTPR Datasheet
398Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317MKTPRG3 TI-LM317MKTPRG3 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
More results

Similar Description - LM317MKTPR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
[Old version datasheet]   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
   3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM317L NSC-LM317L_06 Datasheet
918Kb / 16P
   3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com