Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM323-N Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM323-N
Description  3-Amp, 5-Volt Positive Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM323-N Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM323-N Datasheet HTML 4Page - Texas Instruments LM323-N Datasheet HTML 5Page - Texas Instruments LM323-N Datasheet HTML 6Page - Texas Instruments LM323-N Datasheet HTML 7Page - Texas Instruments LM323-N Datasheet HTML 8Page - Texas Instruments LM323-N Datasheet HTML 9Page - Texas Instruments LM323-N Datasheet HTML 10Page - Texas Instruments LM323-N Datasheet HTML 11Page - Texas Instruments LM323-N Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
LM123, LM323-N, LM323A
SNVS757B – MAY 2004 – REVISED NOVEMBER 2004
www.ti.com
A1—LM101A
C1—2 μF Optional—Improves Ripple Rejection, Noise, and Transient Response
Figure 16. Adjustable Regulator 0V
−10V @ 3A
Figure 17. Trimming Output to 5V
*Select to Set Output Voltage
**Select to Draw 25 mA from V
Figure 18. Adjustable Output 5V
−10V 0.1% Regulation
8
Submit Documentation Feedback
Copyright © 2004, Texas Instruments Incorporated
Product Folder Links: LM123 LM323-N LM323A


Similar Part No. - LM323-N

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
LM323-155.52M CONNOR-WINFIELD-LM323-155.52M Datasheet
138Kb / 2P
   5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
More results

Similar Description - LM323-N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM123 NSC-LM123 Datasheet
203Kb / 8P
   3-Amp, 5-Volt Positive Regulator
logo
Texas Instruments
LM123QML TI1-LM123QML Datasheet
552Kb / 14P
[Old version datasheet]   LM123QML 3-Amp, 5-Volt Positive Regulator
LM123QML TI-LM123QML_15 Datasheet
389Kb / 11P
[Old version datasheet]   LM123QML 3-Amp, 5-Volt Positive Regulator
logo
Linear Technology
LT123A LINER-LT123A Datasheet
456Kb / 7P
   5 Volt, 3 Amp Voltage Regulator
LT1003 LINER-LT1003 Datasheet
415Kb / 7P
   5 Volt, 5 Amp Voltage Regulator
LT1003 LINER-LT1003_15 Datasheet
621Kb / 7P
   5 VOLT 5 AMP VOLTAGE REGULATOR
logo
Seme LAB
IP78M05ADP SEME-LAB-IP78M05ADP Datasheet
13Kb / 2P
   3 TERMINAL LOW CURRENT 5 VOLT POSITIVE VOLTAGE REGULATOR
logo
DATEL, Inc.
LBR-123 DATEL-LBR-123 Datasheet
384Kb / 3P
   5 Volt Positive Fixed Voltage Regulator
logo
Seme LAB
LT1084M SEME-LAB-LT1084M Datasheet
32Kb / 3P
   5 AMP POSITIVE VOLTAGE REGULATOR
logo
Semtech Corporation
EZ1084 SEMTECH-EZ1084_06 Datasheet
155Kb / 6P
   5 Amp Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com