Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U1520 Datasheet(PDF) 2 Page - Thinki Semiconductor Co., Ltd.

Part # U1520
Description  15.0 Ampere Heatsink Single Ultra Fast Recovery Rectifier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

U1520 Datasheet(HTML) 2 Page - Thinki Semiconductor Co., Ltd.

  U1520 Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. U1520 Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AMBIENT TEMPERATURE ℃
FIG.1- TYPICAL FORWARD CURRENT DERATING CURVE
SINGLE PHASE HALF
WAVE 60HZ
RESISTIVE OR
INDUCTIVE LOAD
20
250
15
8
4
0
12
125
0
FIG.3-MAXIMUM NON-REPETITVE FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60HZ
200
100
0
100
50
20
5
5
2
1
10
8.3 ms Single Half-Sine-Wave
(JEDEC METOD)
REVERSE VOLTAGE,(V)
FIG.5-TYPICAL JUNCTION CAPACITANCE
4
1
2
10
20
40
0.1
0.4
0.2
100
2
10
4
1
40
200
20
100
TJ=25°C
PERCENT OF RATED PEAK
REVERSE VOLTAGE(%)
FIG.2-TYPICAL REVERSE
CHARACTERISTICS
1.0
10
0.1
40
60
80
100 120 140
20
1000
100
TJ=25°C
TJ=125°C
0.2
1.0
0.1
10
40
1.0
1.2
1.4
1.6
1.8
2.0
0.8
0.6
20
4
2
0.4
INSTANTANEOUS FORWARD VOLTAGE, (V)
FIG.4-TYPICAL INSTANTAEOUS
FORWARD CHARACTERISTICS
TJ=25°C
PULSE WIDTH 300uS
1% DUTY CYCLE
U1520
U1560
U1540
RATING AND CHARACTERTIC CURVES (U1520 thru U1560)
© 2006 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com/
Page 2/2
Rev.05
®
U1520 thru U1560


Similar Part No. - U1520

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U152003M TRIPPLITE-U152003M Datasheet
494Kb / 2P
   USB to Type M 5V DC Power Cable, 3-ft
U152003N TRIPPLITE-U152003N Datasheet
489Kb / 2P
   USB to Type N 5V DC Power Cable, 3-ft
More results

Similar Description - U1520

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
MUR1520G THINKISEMI-MUR1520G Datasheet
727Kb / 2P
   15.0 Ampere Heatsink Single Ultra Fast Recovery Rectifier Diodes
UG15DT THINKISEMI-UG15DT Datasheet
767Kb / 2P
   15.0 Ampere Heatsink Single Ultra Fast Recovery Rectifier Diodes
UGF15DT THINKISEMI-UGF15DT Datasheet
776Kb / 2P
   15.0 Ampere Insulated Single Ultra Fast Recovery Rectifier Diodes
UGB15DT THINKISEMI-UGB15DT Datasheet
838Kb / 2P
   15.0 Ampere Surface Mount Single Ultra Fast Recovery Rectifier Diodes
MUR1620G THINKISEMI-MUR1620G Datasheet
715Kb / 2P
   16.0 Ampere Heatsink Single Ultra Fast Recovery Rectifier Diodes
2CR102 THINKISEMI-2CR102 Datasheet
268Kb / 2P
   10.0 Ampere Heatsink Single Positive Type Ultra Fast Recovery Rectifier Diode
Rev.12T
2CR082 THINKISEMI-2CR082 Datasheet
270Kb / 2P
   8.0 Ampere Heatsink Single Positive Type Ultra Fast Recovery Rectifier Diode
Rev.12T
2CR20K20 THINKISEMI-2CR20K20 Datasheet
275Kb / 2P
   20.0 Ampere Heatsink Single Positive Type Ultra Fast Recovery Rectifier Diode
Rev.12T
MUR1620CTR-CT THINKISEMI-MUR1620CTR-CT Datasheet
263Kb / 2P
   16.0 Ampere Heatsink Common Anode Ultra Fast Recovery Rectifier
MUR1020A THINKISEMI-MUR1020A Datasheet
641Kb / 2P
   10.0 Ampere Heatsink Common Anode Ultra Fast Recovery Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com