Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDD12-03S5 Datasheet(PDF) 3 Page - Chinfa Electronics Ind. Co., Ltd.

Part # FDD12-03S5
Description  DC - DC CONVERTER 10 ~ 12W SINGLE & DUAL OUTPUT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINFA [Chinfa Electronics Ind. Co., Ltd.]
Direct Link  http://www.chinfa.com
Logo CHINFA - Chinfa Electronics Ind. Co., Ltd.

FDD12-03S5 Datasheet(HTML) 3 Page - Chinfa Electronics Ind. Co., Ltd.

  FDD12-03S5 Datasheet HTML 1Page - Chinfa Electronics Ind. Co., Ltd. FDD12-03S5 Datasheet HTML 2Page - Chinfa Electronics Ind. Co., Ltd. FDD12-03S5 Datasheet HTML 3Page - Chinfa Electronics Ind. Co., Ltd. FDD12-03S5 Datasheet HTML 4Page - Chinfa Electronics Ind. Co., Ltd. FDD12-03S5 Datasheet HTML 5Page - Chinfa Electronics Ind. Co., Ltd. FDD12-03S5 Datasheet HTML 6Page - Chinfa Electronics Ind. Co., Ltd. FDD12-03S5 Datasheet HTML 7Page - Chinfa Electronics Ind. Co., Ltd. FDD12-03S5 Datasheet HTML 8Page - Chinfa Electronics Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image


Similar Part No. - FDD12-03S5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FDD12-03S5 ETC-FDD12-03S5 Datasheet
146Kb / 3P
   DC-DC CONVERTER
logo
Chinfa Electronics Ind....
FDD12-03S5 CHINFA-FDD12-03S5 Datasheet
346Kb / 8P
   DC - DC CONVERTER 10 ~ 12W SINGLE & DUAL OUTPUT
More results

Similar Description - FDD12-03S5

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
FDD12 CHINFA-FDD12 Datasheet
346Kb / 8P
   DC - DC CONVERTER 10 ~ 12W SINGLE & DUAL OUTPUT
logo
Mean Well Enterprises C...
DCW12 MEANWELL-DCW12 Datasheet
161Kb / 1P
   12W DC-DC Regulated Dual Output Converter
SCW12 MEANWELL-SCW12 Datasheet
163Kb / 1P
   12W DC-DC Regulated Single Output Converter
DCW12 MEANWELL-DCW12_11 Datasheet
174Kb / 1P
   12W DC-DC Regulated Dual Output Converter
SCW12 MEANWELL-SCW12_11 Datasheet
165Kb / 1P
   12W DC-DC Regulated Single Output Converter
logo
List of Unclassifed Man...
FDD12-512T4 ETC-FDD12-512T4 Datasheet
142Kb / 3P
   DC-DC CONVERTER 12W TRIPLE OUTPUT
logo
Microdc power Technolog...
WRA-YD-12W MICRODC-WRA-YD-12W Datasheet
1Mb / 3P
   12W, WIDE INPUT, ISOLATED & REGULATED DUAL&SINGLE OUTPUT DC-DC CONVERTER
logo
Chinfa Electronics Ind....
FDD15 CHINFA-FDD15_14 Datasheet
291Kb / 8P
   DC - DC CONVERTER 10 ~ 15W SINGLE & DUAL OUTPUT
FDD15-03S1 CHINFA-FDD15-03S1 Datasheet
300Kb / 4P
   DC - DC CONVERTER 10 ~ 15W SINGLE & DUAL OUTPUT
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com