Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CZRA4733B-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # CZRA4733B-HF
Description  SMD Zener Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRA4733B-HF Datasheet(HTML) 3 Page - Comchip Technology

  CZRA4733B-HF Datasheet HTML 1Page - Comchip Technology CZRA4733B-HF Datasheet HTML 2Page - Comchip Technology CZRA4733B-HF Datasheet HTML 3Page - Comchip Technology CZRA4733B-HF Datasheet HTML 4Page - Comchip Technology CZRA4733B-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Electrical Characteristics (CZRA4728B-HF Thru. CZRA1330B-HF)
VZ@IZT(V)
IZT (mA)
CZRA4735B-HF
1.00
41.0
10.0
700
2.0
146.0
6.2
CZRA4736B-HF
1.00
37.0
5.0
700
3.5
133.0
6.8
CZRA4737B-HF
0.50
34.0
5.0
700
4.0
121.0
7.5
CZRA4738B-HF
0.50
31.0
700
4.5
110.0
8.2
CZRA4739B-HF
0.50
28.0
700
5.0
100.0
9.1
0.25
25.0
700
7.0
91.0
10.0
0.25
23.0
700
8.0
83.0
11.0
0.25
21.0
700
9.0
76.0
12.0
19.0
0.1
700
10.0
69.0
13.0
17.0
0.1
700
14.0
61.0
15.0
15.5
0.1
700
16.0
57.0
16.0
14.0
0.1
750
20.0
50.0
18.0
12.5
750
22.0
45.0
20.0
11.5
750
23.0
41.0
22.0
10.5
750
25.0
38.0
24.0
9.5
750
35.0
34.0
27.0
8.5
1000
40.0
30.0
30.0
7.5
1000
45.0
27.0
33.0
7.0
1000
50.0
25.0
36.0
6.5
1000
60.0
23.0
39.0
6.0
1500
70.0
22.0
43.0
5.5
1500
80.0
19.0
47.0
5.0
1500
95.0
18.0
51.0
4.5
2000
110.0
16.0
56.0
4.0
2000
125.0
14.0
62.0
3.7
2000
150.0
13.0
68.0
3.3
2000
175.0
12.0
75.0
3.0
3000
200.0
11.0
82.0
2.8
3000
250.0
10.0
91.0
2.5
3000
350.0
9.0
100.0
2.3
4000
450.0
8.6
110.0
2.0
4500
550.0
7.8
120.0
1.9
5000
700.0
7.0
130.0
1.7
6000
1000.0
6.4
150.0
1.2
9990
1900.0
4.7
200.0
1.0
8000
1600.0
4.0
220.0
0.9
8500
1800.0
3.8
240.0
0.9
9000
2000.0
3.6
250.0
0.8
9000
2100.0
3.3
270.0
0.8
9500
2300.0
3.0
300.0
Part No
Maximum
Impedance
Zener
IR (μA)
1.6
6500
1100.0
5.8
160.0
1.4
7000
1200.0
5.2
180.0
35A
36A
37A
38A
39A
40A
41A
42A
43A
44A
45A
46A
47A
48A
49A
50A
51A
52A
53A
54A
55A
56A
57A
58A
59A
60A
61A
62A
63A
64A
11Z
12Z
13Z
15Z
16Z
18Z
20Z
22Z
24Z
25Z
27Z
30Z
CZRA4740B-HF
CZRA4741B-HF
CZRA4742B-HF
CZRA4743B-HF
CZRA4744
B-HF
CZRA4745B-HF
CZRA4746B-HF
CZRA4747B-HF
CZRA4748B-HF
CZRA4749B-HF
CZRA4750B-HF
CZRA4751B-HF
CZRA4752B-HF
CZRA4753
B-HF
CZRA4754B-HF
CZRA4755B-HF
CZRA4756B-HF
CZRA4757B-HF
CZRA4758B-HF
CZRA4759B-HF
CZRA4760B-HF
CZRA4761B-HF
CZRA4762B-HF
CZRA4763B-HF
CZRA4764B-HF
CZRA1110B-HF
CZRA1120B-HF
CZRA1130B-HF
CZRA1150B-HF
CZRA1160B-HF
CZRA1180B-HF
CZRA1200B-HF
CZRA1220B-HF
CZRA1240B-HF
CZRA1250B-HF
CZRA1270B-HF
CZRA1300B-HF
0.5
0.5
0.1
0.1
5.0
Notes:
1. The type
standard tolerance on the
±5%.
number listed have a
nominal zener voltage of
2.
everse
.
The r
surge current is a non-repetitive, 8.3ms pulse width square wave or equivalent sine-wave superimposed on IZT per JEDEC
Marking
Code
ZZT@IZT(Ω) ZZK@IZK(Ω)
IZK (mA)
VR (V)
IZM (mA)
IRM (mApk)
Nominal Zener
Voltage
Maximum Reverse
Leakage Current
Maximum
DC Zener
Current
Maximum
Surge
Current
3.0
4.0
5.0
6.0
7.0
7.6
8.4
9.1
9.9
11.4
12.2
13.7
15.2
16.7
18.2
20.6
22.8
25.1
27.4
29.7
32.7
35.8
38.8
42.6
47.1
51.7
56.0
62.2
69.2
76.0
83.6
91.2
98.8
114.0
152.0
167.2
182.4
190.0
205.0
228.0
121.6
136.8
730
660
605
550
500
454
414
380
344
305
285
250
225
205
190
170
150
135
125
115
110
95
90
80
70
65
60
55
50
45
40
37
34
30
22
20
19
18
16
15
28
25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
CZRA4728B-HF
1.00
76.0
100.0
400
10.0
274.0
3.3
CZRA4729B-HF
1.00
69.0
100.0
400
10.0
251.0
3.6
CZRA4730B-HF
1.00
64.0
50.0
400
9.0
232.0
3.9
CZRA4731B-HF
1.00
58.0
400
9.0
210.0
4.3
CZRA4732B-HF
1.00
53.0
500
8.0
192.0
4.7
1.00
49.0
550
7.0
177.0
5.1
1.00
45.0
600
5.0
161.0
5.6
28A
29A
30A
31A
32A
33A
34A
CZRA4733B-HF
CZRA4734B-HF
10.0
10.0
10.0
10.0
1.0
1.0
1.0
1.0
1.0
1.0
2.0
1370
1255
1160
1050
960
885
805
0.7
9500
2500.0
2.7
330.0
33Z
CZRA1330B-HF
250.2
13
0.25
0.1
SMD Zener Diode
Page 3
REV: A
QW-JZ009
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.


Similar Part No. - CZRA4733B-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRA4733B-HF COMCHIP-CZRA4733B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4733B-HF COMCHIP-CZRA4733B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4733B-HF COMCHIP-CZRA4733B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
More results

Similar Description - CZRA4733B-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACZRV5223B-HF COMCHIP-ACZRV5223B-HF Datasheet
132Kb / 5P
   SMD Zener Diode
CZRB3005-G COMCHIP-CZRB3005-G Datasheet
92Kb / 6P
   SMD Zener Diode
CZRC5340B-G COMCHIP-CZRC5340B-G Datasheet
130Kb / 6P
   SMD Zener Diode
CZRA4731B-HF COMCHIP-CZRA4731B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4733B-HF COMCHIP-CZRA4733B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4746B-HF COMCHIP-CZRA4746B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4749B-HF COMCHIP-CZRA4749B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4754B-HF COMCHIP-CZRA4754B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4755-G COMCHIP-CZRA4755-G Datasheet
277Kb / 6P
   SMD Zener Diode
logo
Formosa MS
MMSZ5221BS-FL FORMOSA-MMSZ5221BS-FL Datasheet
194Kb / 9P
   SMD Zener Diode
logo
Comchip Technology
CZRB5366B-HF COMCHIP-CZRB5366B-HF Datasheet
125Kb / 6P
   SMD Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com