Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDD05-12S Datasheet(PDF) 1 Page - Chinfa Electronics Ind. Co., Ltd.

Part # FDD05-12S
Description  DC - AC CONCERTER 5~6W SINGLE & DUAL OUTPUT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINFA [Chinfa Electronics Ind. Co., Ltd.]
Direct Link  http://www.chinfa.com
Logo CHINFA - Chinfa Electronics Ind. Co., Ltd.

FDD05-12S Datasheet(HTML) 1 Page - Chinfa Electronics Ind. Co., Ltd.

  FDD05-12S Datasheet HTML 1Page - Chinfa Electronics Ind. Co., Ltd. FDD05-12S Datasheet HTML 2Page - Chinfa Electronics Ind. Co., Ltd. FDD05-12S Datasheet HTML 3Page - Chinfa Electronics Ind. Co., Ltd. FDD05-12S Datasheet HTML 4Page - Chinfa Electronics Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image


Similar Part No. - FDD05-12S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FDD05-12S ETC1-FDD05-12S Datasheet
147Kb / 4P
   DC-DC CONVERTER 5 ~ 6W
logo
Chinfa Electronics Ind....
FDD05-12S0 CHINFA-FDD05-12S0 Datasheet
289Kb / 4P
   DC - DC CONVERTER 5 ~ 6W 5V INPUT MODEL
FDD05-12S0 CHINFA-FDD05-12S0 Datasheet
193Kb / 4P
   DC - DC CONVERTER 5~6W 5V INPUT MODEL
FDD05-12S0 CHINFA-FDD05-12S0 Datasheet
166Kb / 4P
   DC - AC CONCERTER 5~6W 5V INPUT MODEL
logo
List of Unclassifed Man...
FDD05-12S1 ETC1-FDD05-12S1 Datasheet
147Kb / 4P
   DC-DC CONVERTER 5 ~ 6W
More results

Similar Description - FDD05-12S

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
FDD01 CHINFA-FDD01_14 Datasheet
168Kb / 4P
   DC - AC CONCERTER 1W SINGLE & DUAL OUTPUT
FDD05A CHINFA-FDD05A_14 Datasheet
166Kb / 4P
   DC - AC CONCERTER 5~6W 5V INPUT MODEL
FDD01 CHINFA-FDD01_10 Datasheet
189Kb / 4P
   DC - AC CONCERTER 1W SINGLE & DUAL OUTPUT
RDD05 CHINFA-RDD05_14 Datasheet
184Kb / 4P
   DC - AC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05-03S1 CHINFA-RDD05-03S1 Datasheet
174Kb / 4P
   DC - AC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05U CHINFA-RDD05U_14 Datasheet
177Kb / 4P
   DC - AC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
FDD03U CHINFA-FDD03U_14 Datasheet
448Kb / 8P
   DC - AC CONCERTER 2~3W SINGLE & DUAL OUTPUT
IDD05-03S4U CHINFA-IDD05-03S4U Datasheet
211Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
TDD05-03S4 CHINFA-TDD05-03S4 Datasheet
524Kb / 8P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
IDD05U CHINFA-IDD05U Datasheet
212Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com