Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN55116 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN55116
Description  DIFFERENTIAL LINE TRANSCEIVERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN55116 Datasheet(HTML) 5 Page - Texas Instruments

  SN55116 Datasheet HTML 1Page - Texas Instruments SN55116 Datasheet HTML 2Page - Texas Instruments SN55116 Datasheet HTML 3Page - Texas Instruments SN55116 Datasheet HTML 4Page - Texas Instruments SN55116 Datasheet HTML 5Page - Texas Instruments SN55116 Datasheet HTML 6Page - Texas Instruments SN55116 Datasheet HTML 7Page - Texas Instruments SN55116 Datasheet HTML 8Page - Texas Instruments SN55116 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
SN55116
DIFFERENTIAL LINE TRANSCEIVERS
SGLS319 − NOVEMBER 2005
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
receiver section
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
UNIT
VCC = MIN, VI
CR = 0,
0.5
VIT+
Positive-going threshold voltage §
VO = 0.4 V, IOL = 15 mA
CC
I
CR = 0,
See Note 3
0.5
V
VIT+
Positive-going threshold voltage §
VO = 0.4 V, IOL = 15 mA
VCC = 5 V, VI
CR = MAX, See
1
V
CC
I
CR = MAX, See
Note 4
1
VCC = MIN, VI
CR = 0,
VIT−
Negative-going threshold voltage §
VO = 2.4 V, IOL = −5 mA
CC
I
CR = 0,
See Note 3
−0.5¶
V
VIT−
Negative-going threshold voltage §
VO = 2.4 V, IOL = −5 mA
VCC = 5 V, VI
CR = MAX, See
V
CC
I
CR = MAX, See
Note 4
−1¶
V
Input voltage range #
V
= 5 V, V
= −1 V or 1 V
15 to −15
V
VI
Input voltage range #
VCC = 5 V, VID = −1 V or 1 V
15 to −15
V
VI
Input voltage range #
VCC = 5 V, VID = −1 V or 1 V
15 to −15
V
VCC = MIN,
VID = −1 V,
2.4
VOH
High-level output voltage
IOH = −5 mA
VCC = MIN,
VICR = 0,
VID = −1 V,
See Note 3
2.4
V
VOH
High-level output voltage
IOH = −5 mA
VCC = 5 V,
VID = −1 V,
2.4
V
VCC = 5 V,
VICR = MAX,
VID = −1 V,
See Note 5
2.4
VCC = MIN,
VID = 1 V,
0.4
VOL
Low-level output voltage
IOL = 15 mA
VCC = MIN,
VICR = 0,
VID = 1 V,
See Note 3
0.4
V
VOL
Low-level output voltage
IOL = 15 mA
VCC = 5 V,
VID = 1 V, See
0.4
V
VCC = 5 V,
VICR = MAX,
VID = 1 V, See
Note 5
0.4
VI = 0, Other input at 0 V
−0.5
−0.9
II(rec) Receiver input current
VCC = MAX
VI = 0.4 V,
Other input at
2.4 V
−0.4
−0.7
mA
VI = 2.4 V, Other input at 0.4 V
0.1
0.3
II
Input current at maximum
Strobe
VCC = MIN, VID = −0.5 V, Vstrobe = 4.5 V
5
µA
II
Input current at maximum
input voltage
Strobe
VCC = MIN, VID = −0.5 V, Vstrobe = 4.5 V
5
µA
II
Low-level input current
Strobe
VCC = MAX,
VID = 1 V,
−2.4
mA
II
Low-level input current
Strobe
VCC = MAX,
Vstrobe = 0.4 V,
VID = 1 V,
See Note 3
−2.4
mA
I(RTC)
Response-time-control current
VCC = MAX,
VID = 1 V,
TA = 25°C
−1.2
mA
I(RTC)
Response-time-control current
(RTC)
VCC = MAX,
RC at 0 V,
VID = 1 V,
See Note 3
TA = 25°C
−1.2
mA
IO(off)
Off-state open-collector output cur-
VCC = MAX,
VO = 12 V,
TA = 25°C
1
10
A
IO(off)
Off-state open-collector output cur-
rent
CC
VO = 12 V,
VID = −1 V
TA = MAX
200
µA
RT
Line-terminating resistance
VCC = 5 V
TA = 25°C
77
167
IOS
Short-circuit output current§
VCC = MAX,
VO = 0,
TA = 25°C
−15
−80
mA
IOS
Short-circuit output current§
VCC = MAX,
VID = −0.5 V,
VO = 0,
See Note 3
TA = 25°C
−15
−80
mA
ICC
Short current (driver and
VCC = MAX, VID = 0.5 V, See Note 3 TA = 25°C
42
60
mA
ICC
Short current (driver and
receiver combined)
VCC = MAX, VID = 0.5 V, See Note 3 TA = 25°C
42
60
mA
† Unless otherwise noted, Vstrobe = 2.4 V. All parameters, with the exception of off-state open-collector output current, are measured with the active
pullup connected to the sink output. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating
conditions.
‡ All typical values are at VCC = 5 V, TA = 25°C, and VIC = 0.
§ Differential voltages are at the B input terminal with respect to the A input terminal.
¶ The algebraic convention, where the less positive (more negative) limit is designated as minimum, is used in this data sheet for threshold voltages
only.
# Input voltage range is the voltage range that, if exceeded at either input, will cause the receiver to cease functioning properly.
NOTES:
3. This applies with the less-positive receiver input grounded.
4. This applies with the more-positive receiver input at 15 V or the more negative receiver input at −15 V.


Similar Part No. - SN55116

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55116 TI-SN55116 Datasheet
239Kb / 15P
[Old version datasheet]   DIFFERENTIAL LINE TRANSCEIVERS
SN55116 TI-SN55116 Datasheet
484Kb / 12P
[Old version datasheet]   Differential line transceivers
SN55116 TI1-SN55116 Datasheet
1Mb / 29P
[Old version datasheet]   DIFFERENTIAL LINE TRANSCEIVERS
SN55116FK TI-SN55116FK Datasheet
239Kb / 15P
[Old version datasheet]   DIFFERENTIAL LINE TRANSCEIVERS
SN55116FK TI-SN55116FK Datasheet
484Kb / 12P
[Old version datasheet]   Differential line transceivers
More results

Similar Description - SN55116

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ55118 TI-SNJ55118 Datasheet
484Kb / 12P
[Old version datasheet]   Differential line transceivers
SN55116 TI-SN55116 Datasheet
239Kb / 15P
[Old version datasheet]   DIFFERENTIAL LINE TRANSCEIVERS
SN55116 TI1-SN55116_14 Datasheet
1Mb / 29P
[Old version datasheet]   DIFFERENTIAL LINE TRANSCEIVERS
SN65LVDM1677 TI-SN65LVDM1677 Datasheet
341Kb / 20P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE TRANSCEIVERS
SN65LVDM1677 TI-SN65LVDM1677_07 Datasheet
421Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVERS
SN65LVDM1676 TI-SN65LVDM1676_08 Datasheet
450Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVERS
SN65ALS176 TI-SN65ALS176 Datasheet
212Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
logo
National Semiconductor ...
LMS75LBC176 NSC-LMS75LBC176 Datasheet
161Kb / 10P
   Differential Bus Transceivers
logo
Texas Instruments
SN65LBC176A TI-SN65LBC176A Datasheet
342Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65LBC170 TI-SN65LBC170_08 Datasheet
474Kb / 19P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com