Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CZRA1250B-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # CZRA1250B-HF
Description  SMD Zener Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRA1250B-HF Datasheet(HTML) 1 Page - Comchip Technology

  CZRA1250B-HF Datasheet HTML 1Page - Comchip Technology CZRA1250B-HF Datasheet HTML 2Page - Comchip Technology CZRA1250B-HF Datasheet HTML 3Page - Comchip Technology CZRA1250B-HF Datasheet HTML 4Page - Comchip Technology CZRA1250B-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SMD Zener Diode
Zener Voltage: 3.3 to 330 Volts
DC Power: 1 Watts
RoHS Device
Page 1
REV: A
Features
-Glass passivated chip.
-Low leakage.
-For use in stabilizing and clipping
with high power rating.
-Built-in strain relief.
-Low inductance.
-High peak reverse power dissipation.
Mechanical data
-Case: JEDEC DO-214AC, molded plastic.
-Polarity: Color band denotes cathode end.
-Approx. weight: 0.069 grams
CZRA4728B-HF Thru. CZRA1330B-HF
Maximum Ratings and Electrical Characteristics
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Dimensions in inches and (millimeter)
DO-214AC (SMA)
QW-JZ009
Notes:
2. Valid provided that leads are kept at ambient temperature at a distance of 10mm from case.
Comchip Technology CO., LTD.
0.109(2.76)
0.099(2.51)
0.064(1.63)
0.049(1.23)
0.206(5.22)
0.192(4.87)
0.012(0.30)
0.006(0.15)
0.008(0.20)
0.000(0.00)
0.059(1.51)
0.030(0.75)
0.089(2.26)
0.077(1.96)
0.179(4.55)
0.161(4.10)
DC power dissipation at TL=50°C
(Note 1)
Max. forward voltage at IF=200 mA
Maximum thermal resistance junction
to ambient air (Note 2)
Junction temperature range
Storage temperature range
Value
Units
Symbol
Characteristics
VF
PD
TJ
TSTG
1
1.2
170
-55 to +175
W
V
K/W
°C
°C
-Lead: Solderable per MIL-STD-750,
method 2026.
-Epoxy: UL 94V-0 rate flame retardant.
-Mounting position: Any.
-55 to +175
1. TL= Lead temperature at 3/8” (9.5mm) from body.
RθJA
Halogen Free
Company reserves the right to improve product design , functions and reliability without notice.


Similar Part No. - CZRA1250B-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRA1250B-HF COMCHIP-CZRA1250B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA1250B-HF COMCHIP-CZRA1250B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
More results

Similar Description - CZRA1250B-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACZRV5223B-HF COMCHIP-ACZRV5223B-HF Datasheet
132Kb / 5P
   SMD Zener Diode
CZRB3005-G COMCHIP-CZRB3005-G Datasheet
92Kb / 6P
   SMD Zener Diode
CZRC5340B-G COMCHIP-CZRC5340B-G Datasheet
130Kb / 6P
   SMD Zener Diode
CZRA4731B-HF COMCHIP-CZRA4731B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4733B-HF COMCHIP-CZRA4733B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4746B-HF COMCHIP-CZRA4746B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4749B-HF COMCHIP-CZRA4749B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4754B-HF COMCHIP-CZRA4754B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4755-G COMCHIP-CZRA4755-G Datasheet
277Kb / 6P
   SMD Zener Diode
logo
Formosa MS
MMSZ5221BS-FL FORMOSA-MMSZ5221BS-FL Datasheet
194Kb / 9P
   SMD Zener Diode
logo
Comchip Technology
CZRB5366B-HF COMCHIP-CZRB5366B-HF Datasheet
125Kb / 6P
   SMD Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com