Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CZRA4742B-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CZRA4742B-HF
Description  SMD Zener Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRA4742B-HF Datasheet(HTML) 2 Page - Comchip Technology

  CZRA4742B-HF Datasheet HTML 1Page - Comchip Technology CZRA4742B-HF Datasheet HTML 2Page - Comchip Technology CZRA4742B-HF Datasheet HTML 3Page - Comchip Technology CZRA4742B-HF Datasheet HTML 4Page - Comchip Technology CZRA4742B-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RATING AND CHARACTERISTIC CURVES (
)
CZRA4728B-HF Thru. CZRA1330B-HF
Fig.4 - Maximum Surge Power
Lead Temperature,
(°C)
TL
0
Fig.1 - Power
Derating Curve
Temperature
0
0.2
0.6
1.4
25
75
100
175
0.4
1.2
50
125
150
1.0
0.8
Zener Voltage
(V)
, Vz
100
10
1
100
10
Range
Lead Length to Heatsink, L (inches)
0
0
25
50
75
150
0.3
0.2
0.4
0.7
0.6
0.1
0.5
175
100
125
0.8 0.9
1
Fig.3 - Typical Thermal Resistance
v.s. Lead Length
Pulse Width, PW (s)
1
1
10
100
1000
0.1
0.01
10
100
Fig.2 - Temperature Coefficients
v.s. Zener Voltage
5% Duty Cycle
10% Duty Cycle
20% Duty Cycle
11V-91V Non-Repetitive
Rectangular Waveform TJ=25°C
Prior to Initial Pulse
SMD Zener Diode
Page 2
REV: A
QW-JZ009
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.


Similar Part No. - CZRA4742B-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRA4742B-HF COMCHIP-CZRA4742B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4742B-HF COMCHIP-CZRA4742B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4742B-HF COMCHIP-CZRA4742B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
More results

Similar Description - CZRA4742B-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACZRV5223B-HF COMCHIP-ACZRV5223B-HF Datasheet
132Kb / 5P
   SMD Zener Diode
CZRB3005-G COMCHIP-CZRB3005-G Datasheet
92Kb / 6P
   SMD Zener Diode
CZRC5340B-G COMCHIP-CZRC5340B-G Datasheet
130Kb / 6P
   SMD Zener Diode
CZRA4731B-HF COMCHIP-CZRA4731B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4733B-HF COMCHIP-CZRA4733B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4746B-HF COMCHIP-CZRA4746B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4749B-HF COMCHIP-CZRA4749B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4754B-HF COMCHIP-CZRA4754B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4755-G COMCHIP-CZRA4755-G Datasheet
277Kb / 6P
   SMD Zener Diode
logo
Formosa MS
MMSZ5221BS-FL FORMOSA-MMSZ5221BS-FL Datasheet
194Kb / 9P
   SMD Zener Diode
logo
Comchip Technology
CZRB5366B-HF COMCHIP-CZRB5366B-HF Datasheet
125Kb / 6P
   SMD Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com