Electronic Components Datasheet Search |
|
SN65HVD230Q-Q1 Datasheet(PDF) 1 Page - Texas Instruments |
|
SN65HVD230Q-Q1 Datasheet(HTML) 1 Page - Texas Instruments |
1 / 32 page SN65HVD230Q-Q1 SN65HVD231Q-Q1 SN65HVD232Q-Q1 SGLS398A − APRIL 2002 − REVISED APRIL 2008 3.3-V CAN TRANSCEIVERS 1 www.ti.com FEATURES D Qualified for Automotive Applications D ESD Protection Exceeds 2000 V Per MIL-STD-883, Method 3015; Exceeds 200 V Using Machine Model (C = 200 pF, R = 0) D Operates With a 3.3-V Supply D Low Power Replacement for the PCA82C250 Footprint D Bus/Pin ESD Protection Exceeds 15-kV HBM D Controlled Driver Output Transition Times for Improved Signal Quality on the SN65HVD230Q and SN65HVD231Q D Unpowered Node Does Not Disturb the Bus D Compatible With the Requirements of the ISO 11898 Standard D Low-Current SN65HVD230Q Standby Mode 370 µA Typical D Low-Current SN65HVD231Q Sleep Mode 0.1 µA Typical D Designed for Signaling Rates‡ Up To 1 Megabit/Second (Mbps) D Thermal Shutdown Protection D Open-Circuit Fail-Safe Design logic diagram (positive logic) CANL CANH R D 1 4 7 6 SN65HVD230Q, SN65HVD231Q Logic Diagram (Positive Logic) RS 8 Vref 5 3 VCC CANL CANH R D 1 4 7 6 SN65HVD232Q Logic Diagram (Positive Logic) ‡ The signaling rate of a line is the number of voltage transitions that are made per second expressed in the units bps (bits per second). D GND VCC R RS CANH CANL Vref SN65HVD230QD SN65HVD231QD (TOP VIEW) 1 2 3 4 8 7 6 5 D GND VCC R NC CANH CANL NC SN65HVD232QD (TOP VIEW) NC − No internal connection 1 2 3 4 8 7 6 5 PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Copyright 2008, Texas Instruments Incorporated Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. |
Similar Part No. - SN65HVD230Q-Q1_14 |
|
Similar Description - SN65HVD230Q-Q1_14 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |