Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD230Q-Q1 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN65HVD230Q-Q1
Description  3.3-V CAN TRANSCEIVERS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD230Q-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65HVD230Q-Q1_14 Datasheet HTML 3Page - Texas Instruments SN65HVD230Q-Q1_14 Datasheet HTML 4Page - Texas Instruments SN65HVD230Q-Q1_14 Datasheet HTML 5Page - Texas Instruments SN65HVD230Q-Q1_14 Datasheet HTML 6Page - Texas Instruments SN65HVD230Q-Q1_14 Datasheet HTML 7Page - Texas Instruments SN65HVD230Q-Q1_14 Datasheet HTML 8Page - Texas Instruments SN65HVD230Q-Q1_14 Datasheet HTML 9Page - Texas Instruments SN65HVD230Q-Q1_14 Datasheet HTML 10Page - Texas Instruments SN65HVD230Q-Q1_14 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
SN65HVD230Q-Q1
SN65HVD231Q-Q1
SN65HVD232Q-Q1
SGLS398A − APRIL 2002 − REVISED APRIL 2008
7
www.ti.com
driver electrical characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V
Dominant
VI = 0 V,
CANH
2.45
VCC
VOH
Bus output
Dominant
VI = 0 V,
See Figure 1 and Figure 3
CANL
0.5
1.25
V
V
Bus output
voltage
Recessive
VI = 3 V,
CANH
2.3
V
VOL
Recessive
VI = 3 V,
See Figure 1 and Figure 3
CANL
2.3
V
Dominant
VI = 0 V,
See Figure 1
1.5
2
3
V
VOD(D)
Differential output
Dominant
VI = 0 V,
See Figure 2
1.2
2
3
V
V
Differential output
voltage
Recessive
VI = 3 V,
See Figure 1
− 120
0
12
mV
VOD(R)
Recessive
VI = 3 V,
No load
− 0.5
− 0.2
0.05
V
IIH
High-level input current
VI = 2 V
−30
µA
IIL
Low-level input current
VI = 0.8 V
−30
µA
I
Short circuit output current
VCANH = −2 V
− 250
250
mA
IOS
Short-circuit output current
VCANL = 7 V
− 250
250
mA
Co
Output capacitance
See receiver
Standby
SN65HVD230Q
V
V
370
600
A
ICC
Supply current
Sleep
SN65HVD231Q
V(RS) = VCC
0.1
µA
ICC
Supply current
All devices
Dominant
VI = 0 V,
No load
Dominant
10
17
mA
All devices
Recessive
VI = VCC ,
No load
Recessive
10
17
mA
All typical values are at 25
°C and with a 3.3-V supply.
driver switching characteristics at TA = 25°C (unless otherwise noted)
SN65HVD230Q and SN65HVD231Q
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(RS) = 0 V
35
85
tPLH
Propagation delay time, low-to-high-level output
RS with 10 kΩ to ground
70
125
ns
tPLH
Propagation delay time, low to high level output
RS with 100 kΩ to ground
500
870
ns
V(RS) = 0 V
70
120
tPHL
Propagation delay time, high-to-low-level output
RS with 10 kΩ to ground
130
180
ns
tPHL
Propagation delay time, high to low level output
RS with 100 kΩ to ground
870
1200
ns
V(RS) = 0 V
35
tsk(p)
Pulse skew (|tP(HL) − tP(LH)|)
RS with 10 kΩ to ground
CL = 50 pF,
See Figure 4
60
ns
tsk(p)
Pulse skew (|tP(HL)
tP(LH)|)
RS with 100 kΩ to ground
See Figure 4
370
ns
tr
Differential output signal rise time
V
0V
25
50
100
ns
tf
Differential output signal fall time
V(RS) = 0 V
40
55
80
ns
tr
Differential output signal rise time
R with 10 k
Ω to ground
80
120
160
ns
tf
Differential output signal fall time
RS with 10 kΩ to ground
80
125
150
ns
tr
Differential output signal rise time
R with 100 k
Ω to ground
600
800
1200
ns
tf
Differential output signal fall time
RS with 100 kΩ to ground
600
825
1000
ns


Similar Part No. - SN65HVD230Q-Q1_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1_07 Datasheet
485Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results

Similar Description - SN65HVD230Q-Q1_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD232QDRG4Q1 TI1-SN65HVD232QDRG4Q1 Datasheet
429Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD234DRG4 TI-SN65HVD234DRG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1 Datasheet
396Kb / 28P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1_07 Datasheet
485Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230 TI-SN65HVD230_06 Datasheet
444Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230M-EP TI1-SN65HVD230M-EP Datasheet
770Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233DG4 TI1-SN65HVD233DG4 Datasheet
615Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233DG4 TI-SN65HVD233DG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233 TI-SN65HVD233 Datasheet
345Kb / 27P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com