Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD102 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD102
Description  IO-Link PHY for Device Nodes
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD102 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN65HVD102 Datasheet HTML 7Page - Texas Instruments SN65HVD102 Datasheet HTML 8Page - Texas Instruments SN65HVD102 Datasheet HTML 9Page - Texas Instruments SN65HVD102 Datasheet HTML 10Page - Texas Instruments SN65HVD102 Datasheet HTML 11Page - Texas Instruments SN65HVD102 Datasheet HTML 12Page - Texas Instruments SN65HVD102 Datasheet HTML 13Page - Texas Instruments SN65HVD102 Datasheet HTML 14Page - Texas Instruments SN65HVD102 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
T > TSD
CQ @ ILIM
for tWU1 < t < tWU2
and RX TX
Wake
WAKE = L
CUR_OK = Z
Driver = ON
Receive
Only
CUR_OK = Z
WAKE = Z
Driver = OFF
Receive and
Transmit
CUR_OK = Z
WAKE = Z
Driver = ON
Current
Fault
WAKE = Z
CUR_OK = L
Driver = ON
Thermal
Shutdown
CUR_OK = Z
WAKE = Z
Driver = OFF
EN
EN
*
CQ
@
ILIM
for t
> t
WU
2
EN
*
T >
TSD
SN65HVD101, SN65HVD102
www.ti.com
SLLSE84B – MAY 2011 – REVISED APRIL 2015
Feature Description (continued)
9.3.3 Active Current Limit Condition: VTHL > VCQ ≥ VTHH
If the output current at CQ remains at the internally set current limit IO(LIM) for a duration longer than a wake-up
pulse (longer than 80
μs), the CUR_OK pin is driven logic low, indicating an over-current condition. The
CUR_OK pin returns to the high-impedance (inactive) state when the CQ pin is no longer in a current limit
condition. The state diagram shown in Figure 9 illustrates the various states; and, under what conditions the
device transitions from one state to another.
9.3.4 Inactive Current Limit Condition: VTHL < VCQ < VTHH
If the voltage at CQ is between the upper and lower receiver input threshold, CUR_OK remains high-impedance.
Figure 9. State Diagram of Device Transceiver
9.3.5 Over-temperature Detection
If the transceiver’s internal temperature exceeds its over-temperature threshold
θTSD, the CQ driver and the
voltage regulator (HVD101) are disabled. As soon as the temperature drops below the temperature threshold,
the internal circuit re-enables the voltage regulator (HVD101) and the driver, subject to the state of the EN and
TX pins.
9.3.6 CQ Current-limit Adjustment
The CQ driver current-limit is determined by the external resistor, RSET, at the ILIM_ADJ pin. Figure 2 shows the
typical current-limit characteristics as a function of RSET.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: SN65HVD101 SN65HVD102


Similar Part No. - SN65HVD102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD102 TI-SN65HVD102 Datasheet
920Kb / 23P
[Old version datasheet]   Check for Samples: SN65HVD101, SN65HVD102
More results

Similar Description - SN65HVD102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD100 TI1-SN65HVD100 Datasheet
105Kb / 4P
[Old version datasheet]   IO-LINK PHY for Device Nodes
logo
Renesas Technology Corp
CCE4503 RENESAS-CCE4503 Datasheet
485Kb / 17P
   IO-Link Device IC
Jan 25, 2023
logo
Maxim Integrated Produc...
MAX14821 MAXIM-MAX14821 Datasheet
2Mb / 31P
   IO-Link Device Transceiver
Rev 0; 8/11
MAX14827 MAXIM-MAX14827_V01 Datasheet
923Kb / 41P
   IO-Link Device Transceiver
2019
logo
Dialog Semiconductor
CCE4503 DIALOG-CCE4503 Datasheet
530Kb / 17P
   IO-Link Device IC
logo
Maxim Integrated Produc...
MAX14826 MAXIM-MAX14826 Datasheet
1Mb / 32P
   IO-Link Device Transceiver
Rev 0; 9/14
MAX14820 MAXIM-MAX14820 Datasheet
2Mb / 29P
   IO-Link Device Transceiver
Rev 4; 1/12
MAX14821 MAXIM-MAX14821_12 Datasheet
2Mb / 29P
   IO-Link Device Transceiver
Rev 1; 2/12
logo
Texas Instruments
TSB83AA22C TI-TSB83AA22C Datasheet
146Kb / 8P
[Old version datasheet]   Phy and OHCI Link Device
TSB83AA22C TI1-TSB83AA22C_16 Datasheet
1Mb / 115P
[Old version datasheet]   PHY and OHCI Link Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com