Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65CML100D Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN65CML100D
Description  1.5-Gbps LVDS/LVPECL/CML-TO-CML TRANSLATOR/REPEATER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65CML100D Datasheet(HTML) 4 Page - Texas Instruments

  SN65CML100D Datasheet HTML 1Page - Texas Instruments SN65CML100D Datasheet HTML 2Page - Texas Instruments SN65CML100D Datasheet HTML 3Page - Texas Instruments SN65CML100D Datasheet HTML 4Page - Texas Instruments SN65CML100D Datasheet HTML 5Page - Texas Instruments SN65CML100D Datasheet HTML 6Page - Texas Instruments SN65CML100D Datasheet HTML 7Page - Texas Instruments SN65CML100D Datasheet HTML 8Page - Texas Instruments SN65CML100D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
www.ti.com
SWITCHING CHARACTERISTICS
SN65CML100
SLLS547 – NOVEMBER 2002
over recommended operating conditions (unless otherwise noted)
NOM(
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
1)
tPLH
Propagation delay time, low-to-high-level output
250
800
ps
tPHL
Propagation delay time, high-to-low-level output
250
800
ps
RT = 50 Ω or RT = 25 Ω, SeeFigure 4
tr
Differential output signal rise time (20%–80%)
300
ps
tf
Differential output signal fall time (20%–80%)
300
ps
tsk(p)
Pulse skew (|tPHL– tPLH|)(2)
0
50
ps
tsk(pp)
Part-to-part skew(3)
VID = 0.2 V
100
ps
tjit(per)
Period jitter, rms (1 standard deviation)(4)
750 MHz clock input(5)
1
5
ps
tjit(cc)
Cycle-to-cycle jitter (peak)(4)
750 MHz clock input(6)
8
27
ps
tjit(pp)
Peak-to-peak jitter(4)
1.5 Gbps 223-1 PRBS input(7)
30
70
ps
tjit(det)
Deterministic jitter, peak-to-peak(4)
1.5 Gbps 27–1 PRBS input(8)
25
65
ps
(1)
All typical values are at 25°C and with a 3.3-V supply.
(2)
tsk(p) is the magnitude of the time difference between the tPLH and tPHL.
(3)
tsk(pp) is the magnitude of the difference in propagation delay times between any specified terminals of two devices when both
devicesoperate with the same supply voltages, at the same temperature, and have identical packages and test circuits.
(4)
Jitter parameters are ensured by design and characterization. Measurements are made with a Tektronix TDS6604 oscilloscope
runningTektronix TDSJIT3 software. Agilent E4862B stimulus system jitter 2 ps tjit(per), 16 ps tjit(cc), 25 ps tjit(pp), and 10 ps tjit(det) has
beensubtracted from the values.
(5)
VID = 200 mV, 50% duty cycle, VIC = 1.2 V, tr = tf ≤ 25 ns (20% to 80%), measured over 1000 samples.
(6)
VID = 200 mV, 50% duty cycle, VIC = 1.2 V, tr = tf ≤ 25 ns (20% to 80%).
(7)
VID = 200 mV, VIC = 1.2 V, tr = tf ≤ 0.25 ns (20% to 80%), measured over 100k samples.
(8)
VID = 200 mV, VIC = 1.2 V, tr = tf ≤ 0.25 ns (20% to 80%). Deterministic jitter is sum of pattern dependent jitter and pulse width distortion.
4
Submit Documentation Feedback


Similar Part No. - SN65CML100D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65CML100D TI-SN65CML100D Datasheet
164Kb / 15P
[Old version datasheet]   1.5-Gbps LVDS/LVPECL/CML-TO-CML TRANSLATOR/REPEATER
SN65CML100DGK TI-SN65CML100DGK Datasheet
164Kb / 15P
[Old version datasheet]   1.5-Gbps LVDS/LVPECL/CML-TO-CML TRANSLATOR/REPEATER
More results

Similar Description - SN65CML100D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65CML100 TI-SN65CML100 Datasheet
164Kb / 15P
[Old version datasheet]   1.5-Gbps LVDS/LVPECL/CML-TO-CML TRANSLATOR/REPEATER
logo
Micrel Semiconductor
SY55855V MICREL-SY55855V Datasheet
83Kb / 7P
   DUAL CML/PECL/LVPECL-to-LVDS TRANSLATOR
SY55855V MICREL-SY55855V_05 Datasheet
79Kb / 8P
   DUAL CML/PECL/LVPECL-to-LVDS TRANSLATOR
logo
ON Semiconductor
MC100EPT21 ONSEMI-MC100EPT21_06 Datasheet
83Kb / 8P
   3.3V Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
December, 2006 ??Rev. 15
MC100EPT21 ONSEMI-MC100EPT21_12 Datasheet
132Kb / 9P
   3.3V Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
September, 2012 ??Rev. 22
logo
Micrel Semiconductor
SY89325V MICREL-SY89325V Datasheet
514Kb / 7P
   3.3V/5V 1.5Gbps DIFFERENTIAL CML/PECL/LVPECL-to-LVDS TRANSLATOR
logo
ON Semiconductor
MC100EPT23 ONSEMI-MC100EPT23_06 Datasheet
85Kb / 8P
   3.3V Dual Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
December, 2006 ??Rev. 15
MC100EPT23 ONSEMI-MC100EPT23_16 Datasheet
163Kb / 8P
   3.3 V Dual Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
August, 2016 ??Rev. 19
logo
Micrel Semiconductor
SY89321L MICREL-SY89321L_08 Datasheet
48Kb / 5P
   3.3V DIFFERENTIAL LVPECL/CML/LVDS-to-LVTTL
logo
Cypress Semiconductor
CY2DM1502 CYPRESS-CY2DM1502 Datasheet
285Kb / 12P
   1:2 CML / LVPECL Input to CML Output Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com