Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN64BCT25244DW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN64BCT25244DW
Description  25-ohm OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN64BCT25244DW Datasheet(HTML) 1 Page - Texas Instruments

  SN64BCT25244DW Datasheet HTML 1Page - Texas Instruments SN64BCT25244DW Datasheet HTML 2Page - Texas Instruments SN64BCT25244DW Datasheet HTML 3Page - Texas Instruments SN64BCT25244DW Datasheet HTML 4Page - Texas Instruments SN64BCT25244DW Datasheet HTML 5Page - Texas Instruments SN64BCT25244DW Datasheet HTML 6Page - Texas Instruments SN64BCT25244DW Datasheet HTML 7Page - Texas Instruments SN64BCT25244DW Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SN64BCT25244
25 Ω OCTAL BUFFER/DRIVER
WITH 3STATE OUTPUTS
SCBS477 − DECEMBER 1992 − REVISED JANUARY 1994
Copyright
1994, Texas Instruments Incorporated
3−1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
State-of-the-Art BiCMOS Design
Significantly Reduces ICCZ
High-Impedance State During Power Up and
Power Down
ESD Protection Exceeds 2000 V Per
MIL-STD-883C, Method 3015; Exceeds
200 V Using Machine Model (C = 200 pF,
R = 0)
Designed to Facilitate Incident-Wave
Switching for Line Impedances of 25
Ω or
Greater
Distributed V
CC and GND Pins Minimize
Noise Generated by the Simultaneous
Switching of Outputs
Package Options Include Plastic
Small-Outline (DW) Packages and Standard
Plastic 300-mil DIPs (NT)
description
The SN64BCT25244 is a 25-
Ω octal buffer and line driver designed specifically to improve both the performance
and density of 3-state memory address drivers, clock drivers, and bus-oriented transceivers.
When the output-enable (1OE and 2OE) inputs are low, the device transmits data from the A inputs to the
Y outputs. When 1OE and 2OE are high, the outputs are in the high-impedance state.
This buffer/driver is capable of sinking 188-mA IOL, which facilitates switching 25-Ω transmission lines on the
incident wave. The distributed VCC and GND pins minimize switching noise for more reliable system operation.
The outputs are in a high-impedance state during power up and power down while the supply voltage value is
less than approximately 3 V.
The SN64BCT25244 is characterized for operation from − 40
°C to 85°C and 0°C to 70°C.
FUNCTION TABLE
(each buffer/driver)
INPUTS
OUTPUT
OE
A
OUTPUT
Y
L
H
H
L
LL
H
X
Z
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
1Y1
GND
1Y2
1Y3
GND
1Y4
2Y1
GND
2Y2
2Y3
GND
2Y4
1OE
1A1
1A2
VCC
1A3
1A4
2A1
2A2
VCC
2A3
2A4
2OE
DW OR NT PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN64BCT25244DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN64BCT25244DW TI-SN64BCT25244DW Datasheet
71Kb / 5P
[Old version datasheet]   25-ohm OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN64BCT25244DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F2244 TI-SN74F2244 Datasheet
79Kb / 5P
[Old version datasheet]   25-OHM OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT25244 TI-SN64BCT25244 Datasheet
71Kb / 5P
[Old version datasheet]   25-ohm OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74F2244 TI1-SN74F2244_16 Datasheet
517Kb / 11P
[Old version datasheet]   25-OHM OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74BCT25240 TI1-SN74BCT25240 Datasheet
96Kb / 6P
[Old version datasheet]   25-??OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
74AC11244 TI-74AC11244 Datasheet
91Kb / 6P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
REVISED SEPTEMBER 1998
SN74AS230A TI-SN74AS230A Datasheet
80Kb / 5P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
74AC11244 TI1-74AC11244_15 Datasheet
796Kb / 14P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT244 TI1-SN64BCT244_16 Datasheet
1,002Kb / 12P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT541A TI1-SN64BCT541A_16 Datasheet
495Kb / 10P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC540A-Q1 TI1-SN74LVC540A-Q1_16 Datasheet
1Mb / 15P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com