Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN64BCT25244 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN64BCT25244
Description  25-ohm OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN64BCT25244 Datasheet(HTML) 3 Page - Texas Instruments

  SN64BCT25244 Datasheet HTML 1Page - Texas Instruments SN64BCT25244 Datasheet HTML 2Page - Texas Instruments SN64BCT25244 Datasheet HTML 3Page - Texas Instruments SN64BCT25244 Datasheet HTML 4Page - Texas Instruments SN64BCT25244 Datasheet HTML 5Page - Texas Instruments SN64BCT25244 Datasheet HTML 6Page - Texas Instruments SN64BCT25244 Datasheet HTML 7Page - Texas Instruments SN64BCT25244 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SN64BCT25244
25 Ω OCTAL BUFFER/DRIVER
WITH 3STATE OUTPUTS
SCBS477 − DECEMBER 1992 − REVISED JANUARY 1994
3−3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
recommended operating conditions (see Note 2)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
IIK
Input clamp current
−18
mA
IOH
High-level output current
−80
mA
IOL
Low-level output current
188
mA
TA
Operating free-air temperature
−40
85
°C
NOTE 2: Unused or floating inputs must be held high or low.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = −18 mA
−1.2
V
VOH
VCC = 4.75 V,
IOH = − 3 mA
2.7
V
VOH
VCC = 4.5 V,
IOH = − 80 mA
2
V
VOL
VCC = 4.5 V
IOL = 94 mA
0.42
0.55
V
VOL
VCC = 4.5 V
IOL = 188 mA
0.7
V
IOZ
VCC = 0 to 2.3 V (power up)
VO = 2.7 V or 0.5 V,
OE at 0.8 V
±50
A
IOZ
VCC = 2.3 to 0 (power down)
VO = 2.7 V or 0.5 V,
OE at 0.8 V
±50
µA
II
VCC = 5.5 V,
VI = 5.5 V
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
µA
IIL
VCC = 5.5 V,
VI = 0.5 V
− 0.6
mA
IOZH
VCC = 5.5 V,
VO = 2.7 V
50
µA
IOZL
VCC = 5.5 V,
VO = 0.5 V
−50
µA
ICCL
VCC = 5.5 V,
Outputs open
90
119
mA
ICCH
VCC = 5.5 V,
Outputs open
59
78
mA
ICCZ
VCC = 5.5 V,
Outputs open
7
11
mA
Ci
VCC = 5 V,
VI = 2.5 V or 0.5 V
5.5
pF
Co
VCC = 5 V,
VO = 2.5 V or 0.5 V
17
pF
† All typical values are at VCC = 5 V, TA = 25°C.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Note 3)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
TA = − 40°C
to 85
°C
TA = 0°C
to 70
°C
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A
Y
1
3.2
4.9
1
5.6
1
5.5
ns
tPHL
A
Y
2
4
5.6
2
6.3
2
6
ns
tPZH
OE
Y
3.2
5.6
8.5
3.2
9.7
3.2
9.3
ns
tPZL
OE
Y
3.7
6.3
9.2
3.7
10.4
3.7
10.2
ns
tPHZ
OE
Y
1.6
3.6
5.5
1.6
6.5
1.6
6.3
ns
tPLZ
OE
Y
3.1
5.3
7.8
3.1
9.5
3.1
8.4
ns
NOTE 3: Load circuits and voltage waveforms are shown in Section 1.


Similar Part No. - SN64BCT25244

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN64BCT25244 TI-SN64BCT25244 Datasheet
71Kb / 5P
[Old version datasheet]   25-ohm OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT25244DW TI-SN64BCT25244DW Datasheet
71Kb / 5P
[Old version datasheet]   25-ohm OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT25244NT TI-SN64BCT25244NT Datasheet
71Kb / 5P
[Old version datasheet]   25-ohm OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN64BCT25244

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F2244 TI-SN74F2244 Datasheet
79Kb / 5P
[Old version datasheet]   25-OHM OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT25244 TI-SN64BCT25244 Datasheet
71Kb / 5P
[Old version datasheet]   25-ohm OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74F2244 TI1-SN74F2244_16 Datasheet
517Kb / 11P
[Old version datasheet]   25-OHM OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74BCT25240 TI1-SN74BCT25240 Datasheet
96Kb / 6P
[Old version datasheet]   25-??OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
74AC11244 TI-74AC11244 Datasheet
91Kb / 6P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
REVISED SEPTEMBER 1998
SN74AS230A TI-SN74AS230A Datasheet
80Kb / 5P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
74AC11244 TI1-74AC11244_15 Datasheet
796Kb / 14P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT244 TI1-SN64BCT244_16 Datasheet
1,002Kb / 12P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT541A TI1-SN64BCT541A_16 Datasheet
495Kb / 10P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC540A-Q1 TI1-SN74LVC540A-Q1_16 Datasheet
1Mb / 15P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com