Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC87391 Datasheet(PDF) 69 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87391
Description  100-Pin LPC SuperI/O Devices for Portable Applications
Download  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87391 Datasheet(HTML) 69 Page - National Semiconductor (TI)

Back Button PC87391 Datasheet HTML 65Page - National Semiconductor (TI) PC87391 Datasheet HTML 66Page - National Semiconductor (TI) PC87391 Datasheet HTML 67Page - National Semiconductor (TI) PC87391 Datasheet HTML 68Page - National Semiconductor (TI) PC87391 Datasheet HTML 69Page - National Semiconductor (TI) PC87391 Datasheet HTML 70Page - National Semiconductor (TI) PC87391 Datasheet HTML 71Page - National Semiconductor (TI) PC87391 Datasheet HTML 72Page - National Semiconductor (TI) PC87391 Datasheet HTML 73Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 148 page
background image
2.0 Device Architecture and Configuration (Continued)
69
www.national.com
2.19.8
X-Bus Memory Configuration Register
This register is reset by hardware to 00h.
Location:
Index F4h
Type:
R/W
2.19.9
X-Bus Memory Base Address High Byte Register
This register describes the high byte for the user-defined memory zone mapped to the X-Bus (decoded as bits 31 to 24 of
the 32-bit address range, bits 15-0 are 0). This register is reset by hardware to 00h.
Location:
Index F5h
Type:
R/W
Bit
76543210
Name
BIOS FWH ID
BIOS FWH
Enable
User-
Defined
Memory
Space
Enable
BIOS
Extended
Space
Enable
BIOS LPC
Enable
Reset
0000
Depends on strap setting.
Bit
Description
7-4
BIOS FWH ID. The identification nibble that is part of a FWH transaction (see Section 2.8.1 for details), which
identifies the device addressed.
3
BIOS FWH Enable. When set, enables PC8739x response to LPC-FWH transactions to the BIOS-FWH space,
if the BIOS FWH ID matches the ID of the transaction.. The reset value of this register is defined by the XCNF2-
0 configuration inputs. The value of this bit is later updated, based on the detected host BIOS scheme, see
Section 2.19.3 for details.
0: Disabled (default when XCNF disable BIOS configuration)
1: Enabled (default when XCNF enable BIOS configuration)
2
User-Defined Memory Space Enable. When set, enables the PC8739x to respond to LPC memory read and
write accesses in the user-defined memory area range. The base address and size of the user-defined range is
specified by X-Bus Memory Base Address High and Low Byte registers and the X-Bus Memory Size
Configuration register.
0: Disabled (default)
1: Enabled
1
BIOS Extended Space Enable. Expands the BIOS address space to which the PC8739x responds to include
the Extended BIOS address range.
0: Disabled (default)
1: Enabled
0
BIOS LPC Enable. Enables the PC8739x to respond to LPC memory accesses to the BIOS-LPC space. The
reset value of this register is defined by the XCNF2-0 configuration inputs. The value of this bit is later updated,
based on the detected host BIOS scheme (see Section 2.19.3 for details).
0: Disabled (default when XCNF disable BIOS configuration)
1: Enabled (default when XCNF enable BIOS configuration)
Bit
76543210
Name
User-Defined Memory Zone Address High
Reset
00000000
Bit
Description
7-0
User-Defined Memory Zone Address High. Defines the higher 8 bits of the user-defined memory block base
address. The base address should be aligned on the selected block size.


Similar Part No. - PC87391

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC87303 NSC-PC87303 Datasheet
1Mb / 114P
   PC87303VUL SuperI/OTM Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, IEEE 1284 Parallel Port, and IDE Inter
PC87303VUL NSC-PC87303VUL Datasheet
1Mb / 114P
   PC87303VUL SuperI/OTM Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, IEEE 1284 Parallel Port, and IDE Inter
PC87306 NSC-PC87306 Datasheet
1Mb / 110P
   PC87306 SuperI/OTM Enhanced Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, Infrared Interface, IEEE 1284 Pa
PC87306VUL NSC-PC87306VUL Datasheet
1Mb / 110P
   PC87306 SuperI/OTM Enhanced Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, Infrared Interface, IEEE 1284 Pa
PC87307 NSC-PC87307 Datasheet
1Mb / 218P
   PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
More results

Similar Description - PC87391

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC87372 NSC-PC87372 Datasheet
1Mb / 144P
   LPC SuperI/O with Glue Functions
PC87373 NSC-PC87373 Datasheet
2Mb / 174P
   LPC SuperI/O with Glue Functions
PC87365 NSC-PC87365 Datasheet
2Mb / 215P
   128-Pin LPC SuperI/O with System Hardware Monitoring
logo
SMSC Corporation
LPC47N227 SMSC-LPC47N227_07 Datasheet
118Kb / 5P
   100 Pin Super I/O with LPC Interface for Notebook Applications
47N227 SMSC-47N227 Datasheet
856Kb / 202P
   100 Pin Super I/O with LPC Interface for Notebook Applications
logo
National Semiconductor ...
PC87360 NSC-PC87360 Datasheet
1Mb / 168P
   128-Pin LPC SuperI/O with Protection and Extensive GPIO Support
PC87364 NSC-PC87364 Datasheet
1Mb / 180P
   128-Pin LPC SuperI/O with Extended Wake-Up and Protection Support
logo
SMSC Corporation
LPC47M10X SMSC-LPC47M10X_07 Datasheet
1Mb / 188P
   100 Pin Enhanced Super I/O Controller with LPC Interface for Consumer Applications
LPC47M10X SMSC-LPC47M10X Datasheet
244Kb / 5P
   100 Pin Enhanced Super I/O Controller with LPC Interface for Consumer Applications
logo
National Semiconductor ...
PC87366 NSC-PC87366 Datasheet
2Mb / 240P
   128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com