Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA846ID Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA846ID
Description  Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA846ID Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA846ID Datasheet HTML 7Page - Texas Instruments OPA846ID Datasheet HTML 8Page - Texas Instruments OPA846ID Datasheet HTML 9Page - Texas Instruments OPA846ID Datasheet HTML 10Page - Texas Instruments OPA846ID Datasheet HTML 11Page - Texas Instruments OPA846ID Datasheet HTML 12Page - Texas Instruments OPA846ID Datasheet HTML 13Page - Texas Instruments OPA846ID Datasheet HTML 14Page - Texas Instruments OPA846ID Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
OPA846
11
SBOS250C
www.ti.com
WIDEBAND, HIGH-SENSITIVITY
TRANSIMPEDANCE DESIGN
The high GBP and low input voltage and current noise for the
OPA846 make it an ideal wideband transimpedance ampli-
fier. Very high transimpedance gains (> 100k
Ω) benefit from
the low input noise current of a JFET-input op amp, such as
the OPA657. Unity-gain stability in the op amp is not required
for application as a transimpedance amplifier. One transim-
pedance design example is shown on the front page of this
data sheet. Designs that require high bandwidths from a
large area (high capacitance) detector with relatively low
transimpedance gain will benefit from the low input voltage
noise offered by the OPA846. This input voltage noise is
peaked up over frequency at the output by the diode source
capacitance, and can, in many cases, become the limiting
factor to input sensitivity. The key elements of the design are
the expected diode capacitance (CD) with the reverse bias
voltage (–VB) applied, the desired transimpedance gain (RF),
and the GBP of the OPA846 (1750MHz). Figure 3 shows a
design using a 50pF detector diode capacitance and a 10k
transimpedance gain. With these three variables set (includ-
ing the parasitic input capacitance for the OPA846 added to
CD) the feedback capacitor (CF) value can be set to control
the frequency response. To achieve a maximally flat 2nd-
order Butterworth frequency response, set the feedback pole
as shown in Equation 1.
1
24
ππ
RC
GBP
RC
FF
FD
=
(1)
The example of Figure 3 gives approximately 23MHz flat
bandwidth using the 0.8pF feedback compensation. If the
total output noise is bandlimited to a frequency less than the
feedback pole frequency, a simple expression for the equiva-
lent input noise current is given as Equation 3.
II
kT
R
E
R
EFC
EQ
N
F
N
F
ND
=+
+


+ (
)
2
2
2
4
2
3
π
(3)
Where:
IEQ = equivalent input noise current if the output noise is
bandlimited to F < 1/(2
πR
FCF)
IN = input current noise for the op amp inverting input
EN = input voltage noise for the op amp
CD = diode capacitance
F = bandlimiting frequency in Hz (usually a post filter prior
to further signal processing)
4kT = 1.6E – 20J at T = 290K
Evaluating this expression up to the feedback pole frequency
at 16.1MHz for the circuit of Figure 3 gives an equivalent
input noise current of 4.9pA/
√Hz. This is much higher than
the 2.8pA/
√Hz for just the op amp. This result is dominated
by the last term in the equivalent input noise current calcu-
lation from Equation 3. It is essential in this case to use a low-
voltage noise op amp. For example, if a slightly higher input
noise voltage, but otherwise identical op amp, was used
instead of the OPA846 amplifier in this application noise
amplifier (say 2.0nV/
√Hz), the total input-referred current
noise would increase to 7.0pA/
√Hz.
The output DC error for the circuit of Figure 3 is minimized by
including the 10k
Ω to ground on the noninverting input. This
reduces the impact at the output of input bias current errors
to the offset current times the feedback resistor. To minimize
the output noise contribution of this resistor, a 0.01
µF capaci-
tor is included in parallel. Worst-case output DC error for the
circuit of Figure 3 at 25
°C is:
VOS = ±0.6mV (input offset voltage) ± 0.35µA (input offset
current) • 10k
Ω = ±4.1mV
Worst-case output offset DC drift is over the 0
°C to 70°C span
is dVOS/dT = ±1.5µV/°C (input offset drift) ± 2nA/C (input
offset current drift) • 10k
Ω = ±21.5µV/°C
Improved output DC precision and drift is possible, particu-
larly at higher transimpedance gains, using the JFET input of
the OPA657. The JFET input removes the input bias current
from the error equation (eliminating the need for the resistor
to ground on the noninverting input), leaving only the input
offset voltage and drift as an output error term.
Included in the characteristic curves are transimpedance
frequency response curves for a fixed 10k
Ω gain over vari-
ous detector diode capacitance settings. These curves, along
with the test circuit, are repeated in Figure 4. As the photo-
FIGURE 3. Wideband, Low Noise, Transimpedance Amplifier.
Adding the common-mode and differential-mode input capaci-
tance (1.8 + 2.0)pF to the 50pF diode source capacitance of
Figure 3, with a 10k
Ω transimpedance gain using the 1750MHz
GBP for the OPA846, requires a feedback pole set to 16.1MHz.
This requires a 1pF total feedback capacitance. Typical sur-
face-mount resistors have 0.2pF parasitic capacitance leaving
a required extrinsic 0.8pF value, as shown in Figure 3.
Equation 2 gives the approximate –3dB bandwidth, if CF is set
using Equation 1.
f
GBP
RC
Hz
dB
FD
=
( )
3
2
π
(2)
R
F
10k
+5V
–5V
C
D
50pF
λ
0.01
µF
10k
OPA846
–V
B
I
D
V
O = ID RF
Power-supply
decoupling not shown.
C
F
0.8pF


Similar Part No. - OPA846ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA846ID TI1-OPA846ID Datasheet
866Kb / 29P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA846IDBVR TI1-OPA846IDBVR Datasheet
866Kb / 29P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA846IDBVRG4 TI1-OPA846IDBVRG4 Datasheet
866Kb / 29P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA846IDBVT TI1-OPA846IDBVT Datasheet
866Kb / 29P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA846IDBVTG4 TI1-OPA846IDBVTG4 Datasheet
866Kb / 29P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA846ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA846-DIE TI1-OPA846-DIE Datasheet
68Kb / 5P
[Old version datasheet]   WIDEBAND, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA686 BURR-BROWN-OPA686 Datasheet
158Kb / 15P
   Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA846 TI1-OPA846_15 Datasheet
866Kb / 29P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA686 TI1-OPA686 Datasheet
170Kb / 16P
[Old version datasheet]   Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
OPA2846 TI-OPA2846 Datasheet
360Kb / 24P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
OPA2846 TI1-OPA2846_14 Datasheet
707Kb / 30P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA2686 BURR-BROWN-OPA2686 Datasheet
171Kb / 18P
   Dual, Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA847IDRG4 TI-OPA847IDRG4 Datasheet
867Kb / 30P
[Old version datasheet]   Wideband, Ultra-Low Noise, Voltage-Feedback OPERATIONAL AMPLIFIER with Shutdown
OPA847IDBVTG4 TI1-OPA847IDBVTG4 Datasheet
884Kb / 30P
[Old version datasheet]   Wideband, Ultra-Low Noise, Voltage-Feedback OPERATIONAL AMPLIFIER with Shutdown
logo
Burr-Brown (TI)
OPA640 BURR-BROWN-OPA640 Datasheet
190Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com