Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA846 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA846
Description  Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA846 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA846 Datasheet HTML 2Page - Texas Instruments OPA846 Datasheet HTML 3Page - Texas Instruments OPA846 Datasheet HTML 4Page - Texas Instruments OPA846 Datasheet HTML 5Page - Texas Instruments OPA846 Datasheet HTML 6Page - Texas Instruments OPA846 Datasheet HTML 7Page - Texas Instruments OPA846 Datasheet HTML 8Page - Texas Instruments OPA846 Datasheet HTML 9Page - Texas Instruments OPA846 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
OPA846
6
SBOS250C
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V (Cont.)
TA = 25°C, G = +10, RF = 453Ω, RG = 50Ω, and RL = 100Ω, unless otherwise noted.
10
1
INPUT VOLTAGE AND CURRENT NOISE
Frequency (Hz)
10
100
1k
10k
100k
1M
10M
100M
2.8pA/
√Hz
Current Noise
1.2nV/
√Hz
Voltage Noise
50
45
40
35
30
25
20
2-TONE, 3RD-ORDER INTERMODULATION INTERCEPT
Frequency (MHz)
510
15
20
25
30
35
40
45
50
G = +10V/V
R
F
453
R
S
50
OPA846
P
IN
P
O
50
R
L
50
R
G
50
+5V
50
Ω Source
–5V
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
NONINVERTING GAIN FLATNESS TUNE
Frequency (MHz)
1
10
100
1000
NG = 8.0
NG = 8.5
NG = 10.0
NG = 9.5
NG = 9.0
V
O = 200mVPP
A
V = +8
R
F = 453Ω
R
G = 64.9Ω
External Compensation
See Figure 9
3
2
1
0
–1
–2
–3
–4
–5
–6
LOW GAIN INVERTING BANDWIDTH
Frequency (MHz)
1
10
100
1000
G = –6
G = –4
G = –2
G = –1
V
O = 200mVPP
R
F = 400Ω
External Compensation
See Figure 5
100
10
1
RECOMMENDED R
S vs CAPACITIVE LOAD
Capacitive Load (pF)
1
10
100
1000
G = +10V/V
23
20
17
14
11
8
FREQUENCY RESPONSE vs CAPACITIVE LOAD
Frequency (MHz)
1
10
100
1000
C = 22pF
C = 47pF
C = 100pF
C = 10pF
R
S adjusted for capacitive load.
R
453
R
S
OPA846
V
IN
V
O
50
R
L
1k
Power-supply
decoupling not shown.
C
L
R
G
50
+5V
50
Ω Source
–5V
(1k
Ω is optional.)


Similar Part No. - OPA846

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA846 TI-OPA846 Datasheet
936Kb / 33P
[Old version datasheet]   Dual, Wideband, Low-Noise Operational Amplifier
OPA846 TI1-OPA846 Datasheet
707Kb / 30P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
OPA846 TI1-OPA846 Datasheet
866Kb / 29P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA846-DIE TI1-OPA846-DIE Datasheet
68Kb / 5P
[Old version datasheet]   WIDEBAND, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
OPA846ID TI1-OPA846ID Datasheet
866Kb / 29P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA846

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA846-DIE TI1-OPA846-DIE Datasheet
68Kb / 5P
[Old version datasheet]   WIDEBAND, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA686 BURR-BROWN-OPA686 Datasheet
158Kb / 15P
   Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA846 TI1-OPA846_15 Datasheet
866Kb / 29P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA686 TI1-OPA686 Datasheet
170Kb / 16P
[Old version datasheet]   Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
OPA2846 TI-OPA2846 Datasheet
360Kb / 24P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
OPA2846 TI1-OPA2846_14 Datasheet
707Kb / 30P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA2686 BURR-BROWN-OPA2686 Datasheet
171Kb / 18P
   Dual, Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA847IDRG4 TI-OPA847IDRG4 Datasheet
867Kb / 30P
[Old version datasheet]   Wideband, Ultra-Low Noise, Voltage-Feedback OPERATIONAL AMPLIFIER with Shutdown
OPA847IDBVTG4 TI1-OPA847IDBVTG4 Datasheet
884Kb / 30P
[Old version datasheet]   Wideband, Ultra-Low Noise, Voltage-Feedback OPERATIONAL AMPLIFIER with Shutdown
logo
Burr-Brown (TI)
OPA640 BURR-BROWN-OPA640 Datasheet
190Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com