Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S12A256B Datasheet(PDF) 99 Page - Freescale Semiconductor, Inc

Part # MC9S12A256B
Description  device made up of standard HCS12 blocks and the HCS12 processor core
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S12A256B Datasheet(HTML) 99 Page - Freescale Semiconductor, Inc

Back Button MC9S12A256B Datasheet HTML 95Page - Freescale Semiconductor, Inc MC9S12A256B Datasheet HTML 96Page - Freescale Semiconductor, Inc MC9S12A256B Datasheet HTML 97Page - Freescale Semiconductor, Inc MC9S12A256B Datasheet HTML 98Page - Freescale Semiconductor, Inc MC9S12A256B Datasheet HTML 99Page - Freescale Semiconductor, Inc MC9S12A256B Datasheet HTML 100Page - Freescale Semiconductor, Inc MC9S12A256B Datasheet HTML 101Page - Freescale Semiconductor, Inc MC9S12A256B Datasheet HTML 102Page - Freescale Semiconductor, Inc MC9S12A256B Datasheet HTML 103Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 126 page
background image
MC9S12DP256B Device User Guide — V02.15
101
A.3 NVM, Flash and EEPROM
NOTE:
Unless otherwise noted the abbreviation NVM (Non Volatile Memory) is used for
both Flash and EEPROM.
A.3.1 NVM timing
The time base for all NVM program or erase operations is derived from the oscillator. A minimum
oscillator frequency fNVMOSC is required for performing program or erase operations. The NVM modules
do not have any means to monitor the frequency and will not prevent program or erase operation at
frequencies above or below the specified minimum. Attempting to program or erase the NVM modules at
a lower frequency a full program or erase transition is not assured.
The Flash and EEPROM program and erase operations are timed using a clock derived from the oscillator
using the FCLKDIV and ECLKDIV registers respectively. The frequency of this clock must be set within
the limits specified as fNVMOP.
The minimum program and erase times shown in Table A-11 are calculated for maximum fNVMOP and
maximum fbus. The maximum times are calculated for minimum fNVMOP and a fbus of 2MHz.
A.3.1.1 Single Word Programming
The programming time for single word programming is dependant on the bus frequency as a well as on
the frequency fNVMOP and can be calculated according to the following formula.
A.3.1.2 Burst Programming
This applies only to the Flash where up to 32 words in a row can be programmed consecutively using burst
programming by keeping the command pipeline filled. The time to program a consecutive word can be
calculated as:
The time to program a whole row is:
Burst programming is more than 2 times faster than single word programming.
t
swpgm
9
1
f
NVMOP
---------------------
25
1
f
bus
----------
+
=
t
bwpgm
4
1
f
NVMOP
---------------------
9
1
f
bus
----------
+
=
t
brpgm
t
swpgm
31 t
bwpgm
+
=
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC9S12A256B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12A256 MOTOROLA-MC9S12A256 Datasheet
2Mb / 130P
   MC9S12DT256 Device User Guide V03.03
logo
Freescale Semiconductor...
MC9S12A256 FREESCALE-MC9S12A256 Datasheet
1Mb / 96P
   microcontroller unit (MCU)
MC9S12A256 FREESCALE-MC9S12A256 Datasheet
781Kb / 132P
   Device User Guide V03.07
MC9S12A256 FREESCALE-MC9S12A256 Datasheet
787Kb / 132P
   Device User Guide V03.07
MC9S12A256CFU FREESCALE-MC9S12A256CFU Datasheet
2Mb / 130P
   Microcontroller Unit (MCU)
More results

Similar Description - MC9S12A256B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC9S12KG128 NXP-MC9S12KG128 Datasheet
1Mb / 98P
   The SoC Guide provides information about the MC9S12KG128 device made up of standard HCS12 blocks and the HCS12 processor core
08 MAR 2002
logo
Freescale Semiconductor...
MC9S12HZ256 FREESCALE-MC9S12HZ256 Datasheet
3Mb / 692P
   HCS12 Microcontrollers
MC9S12E128 FREESCALE-MC9S12E128 Datasheet
3Mb / 606P
   HCS12 Microcontrollers
MC9S12XS128MAL FREESCALE-MC9S12XS128MAL Datasheet
9Mb / 738P
   HCS12 Microcontrollers
logo
Motorola, Inc
HCS12 MOTOROLA-HCS12 Datasheet
311Kb / 34P
   HCS12 Microcontrollers
logo
Freescale Semiconductor...
MC9S12XS256 FREESCALE-MC9S12XS256 Datasheet
9Mb / 736P
   HCS12 Microcontrollers
HCS12 FREESCALE-HCS12 Datasheet
1Mb / 452P
   HCS12 Microcontrollers
MC9S12E256 FREESCALE-MC9S12E256 Datasheet
3Mb / 602P
   HCS12 Microcontrollers
MC9S12Q128 FREESCALE-MC9S12Q128_10 Datasheet
3Mb / 644P
   HCS12 Microcontrollers
MC3S12RG128 FREESCALE-MC3S12RG128_1 Datasheet
2Mb / 546P
   HCS12 Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com