Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN55HVD75-EP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN55HVD75-EP
Description  3.3-V Supply RS-485 With IEC ESD Protection
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN55HVD75-EP Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN55HVD75-EP Datasheet HTML 4Page - Texas Instruments SN55HVD75-EP Datasheet HTML 5Page - Texas Instruments SN55HVD75-EP Datasheet HTML 6Page - Texas Instruments SN55HVD75-EP Datasheet HTML 7Page - Texas Instruments SN55HVD75-EP Datasheet HTML 8Page - Texas Instruments SN55HVD75-EP Datasheet HTML 9Page - Texas Instruments SN55HVD75-EP Datasheet HTML 10Page - Texas Instruments SN55HVD75-EP Datasheet HTML 11Page - Texas Instruments SN55HVD75-EP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
0.5 V
3 V
0 V
V
OH
» 0 V
t
PHZ
t
PZH
50%
50%
V
I
V
O
50%
90%
R = 110
1%
L
W
±
Input
Generator
50 W
3 V
S1
C = 50 pF 20%
L
±
C Includes Fixture
and Instrumentation
Capacitance
L
D
A
B
DE
V
O
V
I
S0304-01
A
50%
B
W
W
»
»
50%
V
OC
V
OD
0 V or 3 V
A
B
V
A
V
B
V
OC(PP)
DVOC(SS)
V
OC
C
L
D
A
RL/2
B
S0302-01
RL/2
60
1%
W ±
V
OD
0 V or 3 V
_
+
–7 V < V(test) < 12 V
DE
V
CC
A
B
D
375
1%
W ±
375
1%
W ±
S0301-01
SN55HVD75-EP
SLOS913 – OCTOBER 2015
www.ti.com
7 Parameter Measurement Information
Input generator rate is 100 kbps, 50% duty cycle, rise or fall time is less than 6 ns, output impedance is 50
Ω.
Figure 6. Measurement of Driver Differential Output Voltage With Common-Mode Load
Figure 7. Measurement of Driver Differential and Common-Mode Output With RS-485 Load
Figure 8. Measurement of Driver Differential Output Rise and Fall Times and Propagation Delays
D at 3 V to test non-inverting output, D at 0 V to test inverting output.
Figure 9. Measurement of Driver Enable and Disable Times With Active High Output and Pulldown Load
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: SN55HVD75-EP


Similar Part No. - SN55HVD75-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55HVD233-SEP TI1-SN55HVD233-SEP Datasheet
1Mb / 33P
[Old version datasheet]   3.3-V Radiation Hardened CAN Transceiver in Space Enhanced Plastic
SN55HVD233-SEP TI1-SN55HVD233-SEP Datasheet
1Mb / 35P
[Old version datasheet]   3.3-V Radiation Hardened CAN Transceiver in Space Enhanced Plastic
SN55HVD233-SEP TI1-SN55HVD233-SEP_19 Datasheet
1Mb / 35P
[Old version datasheet]   3.3-V Radiation Hardened CAN Transceiver in Space Enhanced Plastic
SN55HVD233-SP TI1-SN55HVD233-SP Datasheet
100Kb / 6P
[Old version datasheet]   3.3-V Radiation Hardened CAN Transceiver
SN55HVD233-SP TI1-SN55HVD233-SP Datasheet
1Mb / 33P
[Old version datasheet]   3.3-V Radiation Hardened CAN Transceiver in Space Enhanced Plastic
More results

Similar Description - SN55HVD75-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD72 TI1-SN65HVD72 Datasheet
802Kb / 25P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
SN65HVD75DGKR TI-SN65HVD75DGKR Datasheet
1Mb / 30P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
SN65HVD72 TI-SN65HVD72_13 Datasheet
1Mb / 29P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
THVD1410 TI1-THVD1410_19 Datasheet
2Mb / 50P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With (,-)18-kV IEC ESD Protection
THVD1410 TI1-THVD1410_18 Datasheet
1Mb / 42P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With 짹18-kV IEC ESD Protection
THVD1410 TI1-THVD1410 Datasheet
624Kb / 34P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With 짹16-kV IEC ESD Protection
THVD1510 TI1-THVD1510 Datasheet
826Kb / 39P
[Old version datasheet]   5-V RS-485 Transceivers With 18-kV IEC ESD Protection
SN65HVD1470 TI1-SN65HVD1470 Datasheet
1Mb / 42P
[Old version datasheet]   3.3-V Full-Duplex RS-485 Transceivers With 짹16-kV IEC ESD
SN65HVD888 TI1-SN65HVD888 Datasheet
438Kb / 21P
[Old version datasheet]   Bus-Polarity Correcting RS-485 Transceiver With IEC-ESD Protection
THVD2410 TI1-THVD2410 Datasheet
1Mb / 30P
[Old version datasheet]   THVD24x0 짹70-V Fault-Protected 3.3-V to 5-V RS-485 Transceivers With IEC ESD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com