Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXXX160N65C4 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXXX160N65C4
Description  Preliminary Technical Information
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXXX160N65C4 Datasheet(HTML) 1 Page - IXYS Corporation

  IXXX160N65C4 Datasheet HTML 1Page - IXYS Corporation IXXX160N65C4 Datasheet HTML 2Page - IXYS Corporation IXXX160N65C4 Datasheet HTML 3Page - IXYS Corporation IXXX160N65C4 Datasheet HTML 4Page - IXYS Corporation IXXX160N65C4 Datasheet HTML 5Page - IXYS Corporation IXXX160N65C4 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2012 IXYS CORPORATION, All Rights Reserved
XPTTM 650V IGBTs
GenX4TM
IXXK160N65C4
IXXX160N65C4
V
CES
= 650V
I
C110
= 160A
V
CE(sat)
≤≤≤≤≤ 2.1V
t
fi(typ)
= 30ns
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J
= 25°C to 175°C
650
V
V
CGR
T
J
= 25°C to 175°C, R
GE = 1MΩ
650
V
V
GES
Continuous
±20
V
V
GEM
Transient
±30
V
I
C25
T
C= 25°C (Chip Capability)
290
A
I
LRMS
Leads Current Limit
160
A
I
C110
T
C = 110°C
160
A
I
CM
T
C = 25°C, 1ms
800
A
SSOA
V
GE = 15V, TVJ = 150°C, RG = 1Ω
I
CM = 320
A
(RBSOA)
Clamped Inductive Load
@V
CE VCES
t
sc
V
GE = 15V, VCE = 360V, TJ = 150°C
10
μs
(SCSOA)
R
G = 10Ω, Non Repetitive
P
C
T
C = 25°C
940
W
T
J
-55 ... +175
°C
T
JM
175
°C
T
stg
-55 ... +175
°C
T
L
Maximum Lead Temperature for Soldering
300
°C
T
SOLD
1.6 mm (0.062in.) from Case for 10s
260
°C
M
d
Mounting Torque (TO-264)
1.13/10
Nm/lb.in.
F
C
Mounting Force
(PLUS247)
20..120 /4.5..27
N/lb.
Weight
TO-264
10
g
PLUS247
6
g
DS100516A(02/13)
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
CES
I
C
= 250
μA, V
GE = 0V
650
V
V
GE(th)
I
C
= 250
μA, V
CE = VGE
4.0
6.5
V
I
CES
V
CE = VCES, VGE = 0V
25
μA
T
J = 150°C
1.5 mA
I
GES
V
CE = 0V, VGE = ±20V
±200 nA
V
CE(sat)
I
C
= 160A, V
GE = 15V, Note 1
1.7
2.1
V
T
J = 150°C
2.1
V
G = Gate
E
= Emitter
C = Collector
Tab = Collector
TO-264 (IXXK)
E
G
C
PLUS247 (IXXX)
G
Tab
Tab
E
C
G
Features
Optimized for 20-60kHz Switching
Square RBSOA
Short Circuit Capability
International Standard Packages
High Current Handling Capability
Advantages
High Power Density
Low Gate Drive Requirement
Applications
Power Inverters
UPS
Motor Drives
SMPS
PFC Circuits
Battery Chargers
Welding Machines
Lamp Ballasts
Extreme Light Punch Through
IGBT for 20-60kHz Switching
Preliminary Technical Information


Similar Part No. - IXXX160N65C4

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXXX160N65B4 IXYS-IXXX160N65B4 Datasheet
216Kb / 6P
   Preliminary Technical Information
More results

Similar Description - IXXX160N65C4

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGR120N60C2 IXYS-IXGR120N60C2 Datasheet
177Kb / 6P
   Preliminary Technical Information
IXFA24N60X IXYS-IXFA24N60X Datasheet
160Kb / 6P
   Preliminary Technical Information
IXFK90N60X IXYS-IXFK90N60X Datasheet
203Kb / 5P
   Preliminary Technical Information
IXYH40N90C3D1 IXYS-IXYH40N90C3D1 Datasheet
190Kb / 7P
   Preliminary Technical Information
IXFA18N60X IXYS-IXFA18N60X Datasheet
189Kb / 6P
   Preliminary Technical Information
IXXH60N65B4H1 IXYS-IXXH60N65B4H1 Datasheet
190Kb / 8P
   Preliminary Technical Information
IXXH75N60C3 IXYS-IXXH75N60C3 Datasheet
175Kb / 6P
   Preliminary Technical Information
IXXN200N60B3H1 IXYS-IXXN200N60B3H1 Datasheet
195Kb / 7P
   Preliminary Technical Information
IXYA15N65C3D1 IXYS-IXYA15N65C3D1 Datasheet
220Kb / 6P
   Preliminary Technical Information
IXTA24N65X2 IXYS-IXTA24N65X2 Datasheet
208Kb / 6P
   Preliminary Technical Information
IXTY8N65X2 IXYS-IXTY8N65X2 Datasheet
244Kb / 5P
   Preliminary Technical Information
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com