Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXXH75N60B3D1 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXXH75N60B3D1
Description  XPTTM 600V IGBT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXXH75N60B3D1 Datasheet(HTML) 3 Page - IXYS Corporation

  IXXH75N60B3D1 Datasheet HTML 1Page - IXYS Corporation IXXH75N60B3D1 Datasheet HTML 2Page - IXYS Corporation IXXH75N60B3D1 Datasheet HTML 3Page - IXYS Corporation IXXH75N60B3D1 Datasheet HTML 4Page - IXYS Corporation IXXH75N60B3D1 Datasheet HTML 5Page - IXYS Corporation IXXH75N60B3D1 Datasheet HTML 6Page - IXYS Corporation IXXH75N60B3D1 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
© 2013 IXYS CORPORATION, All Rights Reserved
IXXH75N60B3D1
Fig. 1. Output Characteristics @ TJ = 25ºC
0
20
40
60
80
100
120
140
0
0.5
1
1.5
2
2.5
3
3.5
VCE - Volts
VGE = 15V
14V
10V
8V
7V
12V
9V
11V
13V
Fig. 2. Extended Output Characteristics @ TJ = 25ºC
0
50
100
150
200
250
300
0
5
10
15
20
25
30
VCE - Volts
VGE = 15V
7V
9V
11V
13V
12V
14V
10V
Fig. 3. Output Characteristics @ TJ = 150ºC
0
20
40
60
80
100
120
140
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
VCE - Volts
VGE = 15V
14V
13V
10V
12V
9V
11V
8V
6V
Fig. 4. Dependence of VCE(sat) on
Junction Temperature
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
-50
-25
0
25
50
75
100
125
150
175
TJ - Degrees Centigrade
VGE = 15V
I C = 75A
I C = 37.5A
I C = 150A
Fig. 5. Collector-to-Emitter Voltage vs.
Gate-to-Emitter Voltage
1
2
3
4
5
6
7
8
9
10
11
12131415
VGE - Volts
I C = 150A
TJ = 25ºC
75A
37.5A
Fig. 6. Input Admittance
0
20
40
60
80
100
120
45
67
89
10
11
12
VGE - Volts
TJ = 150ºC
25ºC
- 40ºC


Similar Part No. - IXXH75N60B3D1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXXH75N60B3 IXYS-IXXH75N60B3 Datasheet
175Kb / 6P
   Advance Technical Information
More results

Similar Description - IXXH75N60B3D1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXXH30N60C3 IXYS-IXXH30N60C3 Datasheet
212Kb / 6P
   XPTTM 600V IGBT
IXXH30N60B3 IXYS-IXXH30N60B3 Datasheet
223Kb / 6P
   XPTTM 600V IGBT
IXXH75N60C3D1 IXYS-IXXH75N60C3D1 Datasheet
193Kb / 7P
   XPTTM 600V IGBT
IXXN100N60B3H1 IXYS-IXXN100N60B3H1 Datasheet
217Kb / 7P
   XPTTM 600V IGBT
IXXH30N60C3D1 IXYS-IXXH30N60C3D1 Datasheet
241Kb / 7P
   XPTTM 600V IGBT
IXXH50N60B3D1 IXYS-IXXH50N60B3D1 Datasheet
244Kb / 7P
   XPTTM 600V IGBT
IXXR100N60B3H1 IXYS-IXXR100N60B3H1 Datasheet
232Kb / 7P
   XPTTM 600V IGBT
IXXH30N60B3D1 IXYS-IXXH30N60B3D1 Datasheet
199Kb / 7P
   XPTTM 600V IGBT GenX3TM w/ Diode
IXXK200N60C3 IXYS-IXXK200N60C3 Datasheet
211Kb / 6P
   XPTTM 600V IGBTs
IXXH50N60B3 IXYS-IXXH50N60B3 Datasheet
280Kb / 6P
   XPTTM 600V IGBTs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com