Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXXH75N60B3D1 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXXH75N60B3D1
Description  XPTTM 600V IGBT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXXH75N60B3D1 Datasheet(HTML) 2 Page - IXYS Corporation

  IXXH75N60B3D1 Datasheet HTML 1Page - IXYS Corporation IXXH75N60B3D1 Datasheet HTML 2Page - IXYS Corporation IXXH75N60B3D1 Datasheet HTML 3Page - IXYS Corporation IXXH75N60B3D1 Datasheet HTML 4Page - IXYS Corporation IXXH75N60B3D1 Datasheet HTML 5Page - IXYS Corporation IXXH75N60B3D1 Datasheet HTML 6Page - IXYS Corporation IXXH75N60B3D1 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXXH75N60B3D1
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Notes:
1. Pulse test, t
≤ 300μs, duty cycle, d ≤ 2%.
2. Switching times & energy losses may increase for higher V
CE(clamp), TJ or RG.
e
∅ P
TO-247 (IXXH) Outline
1
2
3
Terminals: 1 - Gate
2 - Collector
3 - Emitter
Dim.
Millimeter
Inches
Min.
Max.
Min. Max.
A
4.7
5.3
.185
.209
A
1
2.2
2.54
.087
.102
A
2
2.2
2.6
.059
.098
b
1.0
1.4
.040
.055
b
1
1.65
2.13
.065
.084
b
2
2.87
3.12
.113
.123
C
.4
.8
.016
.031
D
20.80 21.46
.819
.845
E
15.75 16.26
.610
.640
e
5.20
5.72 0.205 0.225
L
19.81 20.32
.780
.800
L1
4.50
.177
∅P
3.55
3.65
.140
.144
Q
5.89
6.40 0.232 0.252
R
4.32
5.49
.170
.216
S
6.15 BSC
242 BSC
Reverse Diode (FRED)
Symbol Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max.
V
F
I
F
= 30A, V
GE = 0V, Note 1
2.7
V
T
J = 150°C
1.6
V
I
RM
T
J = 100°C
4
A
t
rr
T
J = 100°C
100
ns
25
ns
R
thJC
0.9 °C/W
I
F
= 30A, V
GE = 0V, -diF/dt = 100A/μs,
V
R = 100V
I
F
= 1A, V
GE = 0V, -diF/dt = 100A/μs, VR = 30V
Symbol Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
I
C = 60A, VCE = 10V, Note 1
20
32
S
C
ies
3290
pF
C
oes
V
CE = 25V, VGE = 0V, f = 1MHz
195
pF
C
res
63
pF
Q
g(on)
107
nC
Q
ge
I
C = 75A, VGE = 15V, VCE = 0.5 • VCES
30
nC
Q
gc
48
nC
t
d(on)
35
ns
t
ri
75
ns
E
on
1.7
mJ
t
d(off)
118
160
ns
t
fi
125
ns
E
off
1.5
2.1
mJ
t
d(on)
36
ns
t
ri
72
ns
E
on
2.6
mJ
t
d(off)
145
ns
t
fi
170
ns
E
off
2.2
mJ
R
thJC
0.20 °C/W
R
thCS
0.21
°C/W
Inductive load, T
J = 25°C
I
C = 60A, VGE = 15V
V
CE = 400V, RG = 5Ω
Note 2
Inductive load, T
J = 150°C
I
C = 60A, VGE = 15V
V
CE = 400V, RG = 5Ω
Note 2


Similar Part No. - IXXH75N60B3D1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXXH75N60B3 IXYS-IXXH75N60B3 Datasheet
175Kb / 6P
   Advance Technical Information
More results

Similar Description - IXXH75N60B3D1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXXH30N60C3 IXYS-IXXH30N60C3 Datasheet
212Kb / 6P
   XPTTM 600V IGBT
IXXH30N60B3 IXYS-IXXH30N60B3 Datasheet
223Kb / 6P
   XPTTM 600V IGBT
IXXH75N60C3D1 IXYS-IXXH75N60C3D1 Datasheet
193Kb / 7P
   XPTTM 600V IGBT
IXXN100N60B3H1 IXYS-IXXN100N60B3H1 Datasheet
217Kb / 7P
   XPTTM 600V IGBT
IXXH30N60C3D1 IXYS-IXXH30N60C3D1 Datasheet
241Kb / 7P
   XPTTM 600V IGBT
IXXH50N60B3D1 IXYS-IXXH50N60B3D1 Datasheet
244Kb / 7P
   XPTTM 600V IGBT
IXXR100N60B3H1 IXYS-IXXR100N60B3H1 Datasheet
232Kb / 7P
   XPTTM 600V IGBT
IXXH30N60B3D1 IXYS-IXXH30N60B3D1 Datasheet
199Kb / 7P
   XPTTM 600V IGBT GenX3TM w/ Diode
IXXK200N60C3 IXYS-IXXK200N60C3 Datasheet
211Kb / 6P
   XPTTM 600V IGBTs
IXXH50N60B3 IXYS-IXXH50N60B3 Datasheet
280Kb / 6P
   XPTTM 600V IGBTs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com