Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2903DRG3 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM2903DRG3
Description  Dual Differential Comparators
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2903DRG3 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM2903DRG3 Datasheet HTML 3Page - Texas Instruments LM2903DRG3 Datasheet HTML 4Page - Texas Instruments LM2903DRG3 Datasheet HTML 5Page - Texas Instruments LM2903DRG3 Datasheet HTML 6Page - Texas Instruments LM2903DRG3 Datasheet HTML 7Page - Texas Instruments LM2903DRG3 Datasheet HTML 8Page - Texas Instruments LM2903DRG3 Datasheet HTML 9Page - Texas Instruments LM2903DRG3 Datasheet HTML 10Page - Texas Instruments LM2903DRG3 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
LM193, LM293, LM293A, LM393, LM393A, LM2903, LM2903V
www.ti.com
SLCS005Y – OCTOBER 1979 – REVISED JUNE 2015
6.7 Electrical Characteristics for LM2903 and LM2903A
at specified free-air temperature, VCC = 5 V (unless otherwise noted)
LM2903
LM2903A
PARAMETER
TEST CONDITIONS
TA
(1)
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
VCC = 5 V to MAX
(2) ,
25°C
2
7
1
2
VIO
Input offset voltage
VO = 1.4 V,
mV
Full range
15
4
VIC = VICR(min),
25°C
5
50
5
50
IIO
Input offset current
VO = 1.4 V
nA
Full range
200
200
25°C
–25
–250
–25
–250
IIB
Input bias current
VO = 1.4 V
nA
Full range
–500
–500
0 to
0 to
25°C
VCC – 1.5
VCC – 1.5
Common-mode input-
VICR
V
voltage range(3)
0 to
0 to
Full range
VCC – 2
VCC – 2
Large-signal differential-
VCC = 15 V, VO = 1.4 V to 11.4 V,
AVD
25°C
25
100
25
100
V/mV
voltage amplification
RL ≥ 15 kΩ to VCC
VOH = 5 V,
VID = 1 V
25°C
0.1
50
0.1
50
nA
IOH
High-level output current
VOH = VCC MAX
(2),
VID = 1 V
Full range
1
1
μA
25°C
150
400
150
400
VOL
Low-level output voltage
IOL = 4 mA,
VID = –1 V,
mV
Full range
700
700
IOL
Low-level output current
VOL = 1.5 V,
VID = –1 V
25°C
6
6
mA
VCC = 5 V
25°C
0.8
1
0.8
1
ICC
Supply current
RL = ∞
mA
VCC = MAX
Full range
2.5
2.5
(1)
Full range (minimum or maximum) for LM2903 is –40°C to 125°C. All characteristics are measured with zero common-mode input
voltage, unless otherwise specified.
(2)
VCC MAX = 30 V for non-V devices and 32 V for V-suffix devices.
(3)
The voltage at either input or common-mode should not be allowed to go negative by more than 0.3 V. The upper end of the common-
mode voltage range is VCC+ – 1.5 V, but either or both inputs can go to 30 V (32 V for V-suffix devices) without damage.
6.8 Switching Characteristics
VCC = 5 V, TA = 25°C
LM2901, LM293, LM293A
LM393, LM393A LM2903
PARAMETER
TEST CONDITIONS
UNIT
TYP
100-mV input step with 5-mV overdrive
1.3
RL connected to 5 V through 5.1 kΩ,
Response time
μs
CL = 15 pF
(1) (2)
TTL-level input step
0.3
(1)
CL includes probe and jig capacitance.
(2)
The response time specified is the interval between the input step function and the instant when the output crosses 1.4 V.
Copyright © 1979–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM193 LM293 LM293A LM393 LM393A LM2903 LM2903V


Similar Part No. - LM2903DRG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2903DRG3 TI1-LM2903DRG3 Datasheet
1Mb / 26P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM2903DRG3 TI-LM2903DRG3 Datasheet
1Mb / 30P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM2903DRG3 TI-LM2903DRG3 Datasheet
1Mb / 30P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM2903DRG3 TI1-LM2903DRG3 Datasheet
885Kb / 25P
[Old version datasheet]   Dual Differential Comparators
LM2903DRG3 TI1-LM2903DRG3 Datasheet
1Mb / 40P
[Old version datasheet]   LM193, LM293, LM393, LM2903, LM393B and LM2903B Dual Comparators
More results

Similar Description - LM2903DRG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM193-MIL TI1-LM193-MIL Datasheet
329Kb / 16P
[Old version datasheet]   Dual Differential Comparators
logo
Tiger Electronic Co.,Lt...
LM2903D TGS-LM2903D Datasheet
203Kb / 4P
   Dual Differential Comparators
logo
Texas Instruments
LM2903-Q1 TI1-LM2903-Q1 Datasheet
212Kb / 9P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
logo
Shenzhen Huazhimei Semi...
LM393 HMSEMI-LM393 Datasheet
285Kb / 4P
   Dual Differential Comparators
logo
Texas Instruments
TL393CD TI-TL393CD Datasheet
264Kb / 11P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM193DRG4 TI-LM193DRG4 Datasheet
1Mb / 30P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
NCV2903VDR2G TI-NCV2903VDR2G Datasheet
1Mb / 30P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
TLV1393 TI-TLV1393 Datasheet
254Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM193 TI-LM193 Datasheet
413Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
logo
Wing Shing Computer Com...
LM393 WINGS-LM393 Datasheet
79Kb / 3P
   Dual Differential Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com