Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXXH40N65B4H1 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXXH40N65B4H1
Description  XPTTM 650V IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXXH40N65B4H1 Datasheet(HTML) 1 Page - IXYS Corporation

  IXXH40N65B4H1 Datasheet HTML 1Page - IXYS Corporation IXXH40N65B4H1 Datasheet HTML 2Page - IXYS Corporation IXXH40N65B4H1 Datasheet HTML 3Page - IXYS Corporation IXXH40N65B4H1 Datasheet HTML 4Page - IXYS Corporation IXXH40N65B4H1 Datasheet HTML 5Page - IXYS Corporation IXXH40N65B4H1 Datasheet HTML 6Page - IXYS Corporation IXXH40N65B4H1 Datasheet HTML 7Page - IXYS Corporation IXXH40N65B4H1 Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2014 IXYS CORPORATION, All Rights Reserved
IXXH40N65B4H1
V
CES
= 650V
I
C110
= 40A
V
CE(sat) 



 2.0V
t
fi(typ)
= 54ns
DS100544B(12/14)
G = Gate
C
= Collector
E = Emitter
Tab = Collector
TO-247 AD
G
C
E
Tab
Extreme Light Punch Through
IGBT for 5-30 kHz Switching
Features
Optimized for 5-30kHz Switching
Square RBSOA
Anti-Parallel Sonic Diode
Avalanche Rated
Short Circuit Capability
International Standard Package
Advantages
High Power Density
Extremely Rugged
Low Gate Drive Requirement
Applications
Power Inverters
UPS
Motor Drives
SMPS
PFC Circuits
Battery Chargers
Welding Machines
Lamp Ballasts
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
CES
I
C
= 250
A, V
GE = 0V
650
V
V
GE(th)
I
C
= 250
A, V
CE = VGE
4.0
6.5
V
I
CES
V
CE = VCES, VGE = 0V
50
A
T
J = 150C
3 mA
I
GES
V
CE = 0V, VGE = 20V
100 nA
V
CE(sat)
I
C
= 40A, V
GE = 15V, Note 1
1.50
2.00
V
T
J = 150C
1.78
V
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J
= 25°C to 175°C
650
V
V
CGR
T
J
= 25°C to 175°C, R
GE = 1M
650
V
V
GES
Continuous
±20
V
V
GEM
Transient
±30
V
I
C25
T
C = 25°C
120
A
I
C110
T
C = 110°C
40
A
I
F110
T
C = 110°C
40
A
I
CM
T
C = 25°C, 1ms
240
A
SSOA
V
GE = 15V, TVJ = 150°C, RG = 10
I
CM = 80
A
(RBSOA)
Clamped Inductive Load
@V
CE VCES
t
sc
V
GE = 15V, VCE = 360V, TJ = 150°C
10
μs
(SCSOA)
R
G = 82, Non Repetitive
P
C
T
C = 25°C
455
W
T
J
-55 ... +175
°C
T
JM
175
°C
T
stg
-55 ... +175
°C
T
L
Maximum Lead Temperature for Soldering
300
°C
T
SOLD
1.6 mm (0.062in.) from Case for 10s
260
°C
M
d
Mounting Torque
1.13/10
Nm/lb.in
Weight
6g
XPTTM 650V IGBT
GenX4TM w/ Sonic
Diode


Similar Part No. - IXXH40N65B4H1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXXH40N65B4 IXYS-IXXH40N65B4 Datasheet
225Kb / 6P
   Preliminary Technical Information
IXXH40N65B4D1 IXYS-IXXH40N65B4D1 Datasheet
233Kb / 7P
   Extreme Light Punch Through IGBT for 5-30 kHz Switching
More results

Similar Description - IXXH40N65B4H1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXYP20N65C3D1 IXYS-IXYP20N65C3D1 Datasheet
248Kb / 7P
   XPTTM 650V IGBT
IXXH110N65C4 IXYS-IXXH110N65C4 Datasheet
166Kb / 6P
   XPTTM 650V IGBT
IXXH80N65B4H1 IXYS-IXXH80N65B4H1 Datasheet
217Kb / 7P
   XPTTM 650V IGBT
IXYA20N65C3D1 IXYS-IXYA20N65C3D1 Datasheet
248Kb / 7P
   XPTTM 650V IGBT
IXXN110N65C4H1 IXYS-IXXN110N65C4H1 Datasheet
217Kb / 7P
   XPTTM 650V GenX4TM
IXXK110N65B4H1 IXYS-IXXK110N65B4H1 Datasheet
267Kb / 7P
   XPTTM 650V GenX4TM
IXXN110N65B4H1 IXYS-IXXN110N65B4H1 Datasheet
223Kb / 7P
   XPTTM 650V GenX4TM
IXXR110N65B4H1 IXYS-IXXR110N65B4H1 Datasheet
240Kb / 7P
   XPTTM 650V GenX4TM
IXXH30N60C3 IXYS-IXXH30N60C3 Datasheet
212Kb / 6P
   XPTTM 600V IGBT
IXXH30N60B3 IXYS-IXXH30N60B3 Datasheet
223Kb / 6P
   XPTTM 600V IGBT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com