Electronic Components Datasheet Search |
|
LM193FK Datasheet(PDF) 9 Page - Texas Instruments |
|
LM193FK Datasheet(HTML) 9 Page - Texas Instruments |
9 / 25 page 80- A µ Current Regulator 80 µA 60 µA 10 µA VCC 10 µA OUT GND IN+ IN− Epi-FET Diodes Resistors Transistors COMPONENT COUNT 1 2 2 30 LM193, LM293, LM293A, LM393, LM393A, LM2903, LM2903V www.ti.com SLCS005Y – OCTOBER 1979 – REVISED JUNE 2015 7 Detailed Description 7.1 Overview The LM2903 is a dual comparator with the ability to operate up to 36 V on the supply pin. This standard device has proven ubiquity and versatility across a wide range of applications. This is due to very wide supply voltages range (2 V to 36 V), low Iq and fast response of the devices. The open-drain output allows the user to configure the output's logic low voltage (VOL) and can be used to enable the comparator to be used in AND functionality. 7.2 Functional Block Diagram Figure 6. Schematic (Each Comparator) 7.3 Feature Description LM2903 consists of a PNP darlington pair input, allowing the device to operate with very high gain and fast response with minimal input bias current. The input Darlington pair creates a limit on the input common mode voltage capability, allowing LM2903 to accurately function from ground to VCC–1.5V differential input. This is enables much head room for modern day supplies of 3.3 V and 5 V. The output consists of an open drain NPN (pull-down or low side) transistor. The output NPN will sink current when the positive input voltage is higher than the negative input voltage and the offset voltage. The VOL is resistive and will scale with the output current. See Figure 3 for VOL values with respect to the output current. 7.4 Device Functional Modes 7.4.1 Voltage Comparison The LM2903 operates solely as a voltage comparator, comparing the differential voltage between the positive and negative pins and outputting a logic low or high impedance (logic high with pullup) based on the input differential polarity. Copyright © 1979–2015, Texas Instruments Incorporated Submit Documentation Feedback 9 Product Folder Links: LM193 LM293 LM293A LM393 LM393A LM2903 LM2903V |
Similar Part No. - LM193FK |
|
Similar Description - LM193FK |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |