Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMP1201-05 Datasheet(PDF) 3 Page - Astrodyne Corporation

Part # AMP1201-05
Description  12W Medical Grade Wallmount Switching Power Adapters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

AMP1201-05 Datasheet(HTML) 3 Page - Astrodyne Corporation

  AMP1201-05 Datasheet HTML 1Page - Astrodyne Corporation AMP1201-05 Datasheet HTML 2Page - Astrodyne Corporation AMP1201-05 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
12W Medical Grade Wallmount Switching Power Adapters
AMP1201 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
MECHANICAL DIMENSIONS
DC OUTPUT CONNECTIONS
Coaxial Plug:
+Vout
-Vout
5.5mm outer diameter
2.1mm inner diameter, female
11mm length, center “+”
Dimensions Are In mm.
DERATE CURVES
5214
medical
MPU12A series
SPECIFICATIONNOTE:
1.Outputcanprovideuptopeakloadwhenthepowersupplystartsup.
Continuousstayinginmorethanratedloadisnotallowed.
2.Atfactory,in60%ratedloadcondition,eachoutputischeckedtobe
withinvoltageaccuracy.
3.Lineregulationisdefinedbychanging±10%ofinputvoltagefrom
nominallineatratedload.
4.Loadregulationisdefinedbychanging±40%ofmeasuredoutputload
from60%ratedload.
5.Ripple&noiseismeasuredbyusing20MHzbandwidthlimited
oscilloscopeandterminatedeachoutputwitha0.47uFcapacitorat
ratedloadandnominalline.
6.Holduptimeismeasuredfromtheendofthelastchargingpulsetothe
timewhichthemainoutputdropsdowntolowlimitofmainoutputat
ratedloadandnominalline.
7.Efficiencyismeasuredatratedload,andnominalline.
8.ThespecificsfortestingtheenergyefficiencyofthisSeriesareoutlined
inaseparatedocumenttitled"TestMethodforCalculatingtheEnergy
EfficiencyofSingle-VoltageInterchangeableAC-DCandAC-ACPower
Supplies(August11,2004),"whichisavailableontheENERGYSTAR
Website.
MECHANICAL DIMENSIONS: (UNIT:mm)
OUTPUT CABLE RECOMMEND :
PACKING:
1. Selected output connectors and wire, please refer to Appendix.
2. MPU12A-102~103 are required to use AWG#18/6FT output cable.
3. MPU12A-104~108 are required to use AWG#20/6FT output cable.
4. The regulation and efficiency will be changed by modified output cable.
1. Net weight: 130g approx.
2. Optional output connectors available contact sales for details.
Rating Chart:
INPUT VOLTAGE (VAC)
80
50
60
70
80
90
100
110
100
120
140
160
180
200
220
240
260
280
(FIG.1) INPUT VOLTAGE DERATING CURVE
MODEL NO.
Voltage Range
min
(VDC)
(VDC)
(A)
(A)
(W)
(W)
(ms)
(mVp-p)
(%)
(%)
min
max
max
Output Current
(Based on the output volt.)
MPU12A-102
5.0
5.99
1.66
2.00
10
50
74
0.3
12
12
12
12
12
12
12
OLP
OLP
OLP
OLP
OLP
OLP
OLP
0.3
0.3
0.3
0.3
0.3
0.3
76
79
79
81
81
81
±5
±5
±5
±5
±5
±3
±3
60
80
100
100
100
100
12
12
12
12
12
12
2.00
1.50
1.09
0.92
0.75
0.57
1.50
1.09
0.92
0.75
0.57
0.44
8.0
11.0
13.0
6.0
8.0
11.0
13.0
16.0
16.0
21.0
21.0
27.0
MPU12A-103
MPU12A-104
MPU12A-105
MPU12A-106
MPU12A-107
MPU12A-108
12W External Medical Grade Power Supply
TEMPERATURE (°C)
-10
0
10
0
10
20
30
40
50
60
70
80
90
100
110
20
30
40
50
60
70
80
(FIG.2) TEMPERATURE DERATING CURVE
medical
MPU12A series
SPECIFICATIONNOTE:
1.Outputcanprovideuptopeakloadwhenthepowersupplystartsup.
Continuousstayinginmorethanratedloadisnotallowed.
2.Atfactory,in60%ratedloadcondition,eachoutputischeckedtobe
withinvoltageaccuracy.
3.Lineregulationisdefinedbychanging±10%ofinputvoltagefrom
nominallineatratedload.
4.Loadregulationisdefinedbychanging±40%ofmeasuredoutputload
from60%ratedload.
5.Ripple&noiseismeasuredbyusing20MHzbandwidthlimited
oscilloscopeandterminatedeachoutputwitha0.47uFcapacitorat
ratedloadandnominalline.
6.Holduptimeismeasuredfromtheendofthelastchargingpulsetothe
timewhichthemainoutputdropsdowntolowlimitofmainoutputat
ratedloadandnominalline.
7.Efficiencyismeasuredatratedload,andnominalline.
8.ThespecificsfortestingtheenergyefficiencyofthisSeriesareoutlined
inaseparatedocumenttitled"TestMethodforCalculatingtheEnergy
EfficiencyofSingle-VoltageInterchangeableAC-DCandAC-ACPower
Supplies(August11,2004),"whichisavailableontheENERGYSTAR
Website.
MECHANICAL DIMENSIONS: (UNIT:mm)
OUTPUT CABLE RECOMMEND :
PACKING:
1. Selected output connectors and wire, please refer to Appendix.
2. MPU12A-102~103 are required to use AWG#18/6FT output cable.
3. MPU12A-104~108 are required to use AWG#20/6FT output cable.
4. The regulation and efficiency will be changed by modified output cable.
1. Net weight: 130g approx.
2. Optional output connectors available contact sales for details.
Rating Chart:
INPUT VOLTAGE (VAC)
80
50
60
70
80
90
100
110
100
120
140
160
180
200
220
240
260
280
(FIG.1) INPUT VOLTAGE DERATING CURVE
MODEL NO.
Voltage Range
min
(VDC)
(VDC)
(A)
(A)
(W)
(W)
(ms)
(mVp-p)
(%)
(%)
min
max
max
Output Current
(Based on the output volt.)
MPU12A-102
5.0
5.99
1.66
2.00
10
50
74
0.3
12
12
12
12
12
12
12
OLP
OLP
OLP
OLP
OLP
OLP
OLP
0.3
0.3
0.3
0.3
0.3
0.3
76
79
79
81
81
81
±5
±5
±5
±5
±5
±3
±3
60
80
100
100
100
100
12
12
12
12
12
12
2.00
1.50
1.09
0.92
0.75
0.57
1.50
1.09
0.92
0.75
0.57
0.44
8.0
11.0
13.0
6.0
8.0
11.0
13.0
16.0
16.0
21.0
21.0
27.0
MPU12A-103
MPU12A-104
MPU12A-105
MPU12A-106
MPU12A-107
MPU12A-108
12W External Medical Grade Power Supply
TEMPERATURE (°C)
-10
0
10
0
10
20
30
40
50
60
70
80
90
100
110
20
30
40
50
60
70
80
(FIG.2) TEMPERATURE DERATING CURVE


Similar Part No. - AMP1201-05

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AMP1009 NAIS-AMP1009 Datasheet
575Kb / 2P
   MOTION-DETECTING SENSOR
logo
Astrodyne Corporation
AMP101 ASTRODYNE-AMP101 Datasheet
485Kb / 4P
   100W Medical Grade Desktop Switching Power Adapters
AMP1011-02 ASTRODYNE-AMP1011-02 Datasheet
485Kb / 4P
   100W Medical Grade Desktop Switching Power Adapters
AMP1011-03 ASTRODYNE-AMP1011-03 Datasheet
485Kb / 4P
   100W Medical Grade Desktop Switching Power Adapters
AMP1011-04 ASTRODYNE-AMP1011-04 Datasheet
485Kb / 4P
   100W Medical Grade Desktop Switching Power Adapters
More results

Similar Description - AMP1201-05

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MPU12A ASTRODYNE-MPU12A Datasheet
481Kb / 3P
   12W Medical Grade Wallmount Switching Power Adapters
MPU50 ASTRODYNE-MPU50 Datasheet
462Kb / 4P
   50W Medical Grade Desktop Switching Power Adapters
AMP500 ASTRODYNE-AMP500 Datasheet
218Kb / 4P
   50W Medical Grade Desktop Switching Power Adapters
AMP300 ASTRODYNE-AMP300 Datasheet
253Kb / 4P
   30W Medical Grade Desktop Switching Power Adapters
AMP6301 ASTRODYNE-AMP6301 Datasheet
226Kb / 3P
   63W Medical Grade Desktop Switching Power Adapters
MPU30 ASTRODYNE-MPU30 Datasheet
386Kb / 4P
   30W Medical Grade Desktop Switching Power Adapters
MPU100 ASTRODYNE-MPU100 Datasheet
727Kb / 4P
   100W Medical Grade Desktop Switching Power Adapters
AMP1501 ASTRODYNE-AMP1501 Datasheet
272Kb / 4P
   15W Medical Grade Desktop Switching Power Adapters
AMP101 ASTRODYNE-AMP101 Datasheet
485Kb / 4P
   100W Medical Grade Desktop Switching Power Adapters
AMP1601 ASTRODYNE-AMP1601 Datasheet
601Kb / 5P
   15W 3rd Edition Medical Grade Desktop Switching Power Adapters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com