Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2940CT-15 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM2940CT-15
Description  1A Low Dropout Regulator
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2940CT-15 Datasheet(HTML) 4 Page - Texas Instruments

  LM2940CT-15 Datasheet HTML 1Page - Texas Instruments LM2940CT-15 Datasheet HTML 2Page - Texas Instruments LM2940CT-15 Datasheet HTML 3Page - Texas Instruments LM2940CT-15 Datasheet HTML 4Page - Texas Instruments LM2940CT-15 Datasheet HTML 5Page - Texas Instruments LM2940CT-15 Datasheet HTML 6Page - Texas Instruments LM2940CT-15 Datasheet HTML 7Page - Texas Instruments LM2940CT-15 Datasheet HTML 8Page - Texas Instruments LM2940CT-15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
LM2940-N, LM2940C
SNVS769J – MARCH 2000 – REVISED DECEMBER 2014
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
(1) (2)
MIN
MAX
UNIT
LM2940-N KTT, NDE, DCY
≤ 100 ms
60
V
LM2940C KTT, NDE
≤ 1 ms
45
Internally
Internal power dissipation(3)
Limited
Maximum junction temperature
150
TO-220 (NDE), Wave (10 s)
260
Soldering
DDPAK/TO-263 (KTT) (30 s)
235
temperature(4)
°C
SOT-223 (DCY) (30 s)
260
WSON-8 (NGN) (30 s)
235
Storage temperature, Tstg
−65
150
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Recommended Operating Conditions are
conditions under which the device functions but the specifications might not be ensured. For ensured specifications and test conditions
see the Electrical Characteristics (5 V and 8 V).
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
The maximum allowable power dissipation is a function of the maximum junction temperature, TJ, the junction-to-ambient thermal
resistance, RθJA, and the ambient temperature, TA. Exceeding the maximum allowable power dissipation will cause excessive die
temperature, and the regulator will go into thermal shutdown. The value of R θJA (for devices in still air with no heatsink) is 23.3°C/W for
the TO-220 package, 40.9°C/W for the DDPAK/TO-263 package, and 59.3°C/W for the SOT-223 package. The effective value of RθJA
can be reduced by using a heatsink (see Heatsinking for specific information on heatsinking). The value of RθJA for the WSON package
is specifically dependent on PCB trace area, trace material, and the number of layers and thermal vias. For improved thermal resistance
and power dissipation for the WSON package, refer to Application Note AN-1187 Leadless Leadframe Package (LLP) (SNOA401). It is
recommended that 6 vias be placed under the center pad to improve thermal performance.
(4)
Refer to JEDEC J-STD-020C for surface mount device (SMD) package reflow profiles and conditions. Unless otherwise stated, the
temperature and time are for Sn-Pb (STD) only.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Input voltage
6
26
V
LM2940-N NDE, LM2940-N KTT
−40
125
LM2940C NDE, LM2940C KTT
0
125
Temperature
°C
LM2940-N DCY
−40
85
LM2940-N NGN
−40
125
4
Submit Documentation Feedback
Copyright © 2000–2014, Texas Instruments Incorporated
Product Folder Links: LM2940-N LM2940C


Similar Part No. - LM2940CT-15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2940CT-15 NSC-LM2940CT-15 Datasheet
504Kb / 19P
   1A Low Dropout Regulator
logo
Texas Instruments
LM2940CT-15 TI1-LM2940CT-15 Datasheet
2Mb / 35P
[Old version datasheet]   LM2940-N/LM2940C 1A Low Dropout Regulator
LM2940CT-15/NOPB TI1-LM2940CT-15/NOPB Datasheet
2Mb / 35P
[Old version datasheet]   LM2940-N/LM2940C 1A Low Dropout Regulator
More results

Similar Description - LM2940CT-15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EP1117 ETC1-EP1117 Datasheet
245Kb / 8P
   1A Low Dropout Regulator
logo
National Semiconductor ...
LM2940 NSC-LM2940 Datasheet
504Kb / 19P
   1A Low Dropout Regulator
logo
Global Mixed-mode Techn...
AT9910 GMT-AT9910 Datasheet
63Kb / 1P
   1A Low Dropout Regulator
AT9911 GMT-AT9911 Datasheet
64Kb / 1P
   1A Low Dropout Regulator
logo
Texas Instruments
LM2940QML TI1-LM2940QML_16 Datasheet
390Kb / 17P
[Old version datasheet]   1A Low Dropout Regulator
logo
National Semiconductor ...
MNLM2940-12-X NSC-MNLM2940-12-X Datasheet
265Kb / 14P
   1A LOW DROPOUT REGULATOR
logo
Texas Instruments
REG104-25 TI1-REG104-25 Datasheet
845Kb / 23P
[Old version datasheet]   1A Low-Dropout Regulator
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com