Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2991 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM2991
Description  Negative Low Dropout Adjustable Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2991 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM2991 Datasheet HTML 3Page - Texas Instruments LM2991 Datasheet HTML 4Page - Texas Instruments LM2991 Datasheet HTML 5Page - Texas Instruments LM2991 Datasheet HTML 6Page - Texas Instruments LM2991 Datasheet HTML 7Page - Texas Instruments LM2991 Datasheet HTML 8Page - Texas Instruments LM2991 Datasheet HTML 9Page - Texas Instruments LM2991 Datasheet HTML 10Page - Texas Instruments LM2991 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
LM2991
www.ti.com
SNVS099H – MAY 1999 – REVISED JUNE 2013
APPLICATION HINTS
External Capacitors
Like any low-dropout regulator, external capacitors are required to stabilize the control loop. These capacitors
must be correctly selected for proper performance.
Input Capacitor
An input capacitor is required if the regulator is located more than 6 inches from the input power supply filter
capacitor (or if no other input capacitor is present).
A solid Tantalum or ceramic capacitor whose value is at least 1 µF is recommended, but an aluminum electrolytic
(
≥ 10 µF) may be used. However, aluminum electrolytic types should not be used in applications where the
ambient temperature can drop below 0°C because their internal impedance increases significantly at cold
temperatures.
Output Capacitor
The output capacitor must meet the ESR limits shown in Figure 19, which means it must have an ESR between
about 25 m
Ω and 10Ω.
Figure 19. Output Capacitor ESR Range
A solid Tantalum (value
≥ 1 µF) is the best choice for the output capacitor. An aluminum electrolytic (≥ 10 µF)
may be used if the ESR is in the stable range.
It should be noted that the ESR of a typical aluminum electrolytic will increase by as much as 50X as the
temperature is reduced from 25°C down to
−40°C, while a Tantalum will exhibit an ESR increase of about 2X
over the same range. For this and other reasons, aluminum electrolytics should not be used in applications
where low operating temperatures occur.
The lower stable ESR limit of 25 m
Ω means that ceramic capacitors can not be used directly on the output of an
LDO. A ceramic (
≥ 2.2 µF) can be used on the output if some external resistance is placed in series with it (1Ω
recommended). Dielectric types X7R or X5R must be used if the temperature range of the application varies
more than ± 25° from ambient to assure the amount of capacitance is sufficient.
Ceramic Bypass Capacitors
Many designers place distributed ceramic capacitors whose value is in the range of 1000 pF to 0.1 µF at the
power input pins of the IC's across a circuit board. These can cause reduced phase margin or oscillations in LDO
regulators.
The advent of multi-layer boards with dedicated power and ground planes has removed the trace inductance that
(previously) provided the necessary "de-coupling" to shield the output of the LDO from the effects of bypass
capacitors.
These capacitors should be avoided if possible, and kept as far away from the LDO output as is practical.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM2991


Similar Part No. - LM2991

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2991 NSC-LM2991 Datasheet
338Kb / 11P
   Negative Low Dropout Adjustable Regulator
LM2991 NSC-LM2991 Datasheet
349Kb / 12P
   Negative Low Dropout Adjustable Regulator
logo
Texas Instruments
LM2991 TI-LM2991 Datasheet
1Mb / 19P
[Old version datasheet]   LM2991 Negative Low Dropout Adjustable Regulator
LM2991 TI-LM2991 Datasheet
1Mb / 19P
[Old version datasheet]   LM2991 Negative Low Dropout Adjustable Regulator
LM2991GW-QML TI-LM2991GW-QML Datasheet
391Kb / 15P
[Old version datasheet]   LM2991QML Negative Low Dropout Adjustable Regulator
More results

Similar Description - LM2991

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2991QML TI1-LM2991QML Datasheet
414Kb / 15P
[Old version datasheet]   Negative Low Dropout Adjustable Regulator
logo
National Semiconductor ...
LM2991 NSC-LM2991_00 Datasheet
349Kb / 12P
   Negative Low Dropout Adjustable Regulator
LM2991QML NSC-LM2991QML Datasheet
688Kb / 13P
   Negative Low Dropout Adjustable Regulator
LM2991 NSC-LM2991 Datasheet
338Kb / 11P
   Negative Low Dropout Adjustable Regulator
logo
Texas Instruments
LM2991GW-QML TI-LM2991GW-QML Datasheet
391Kb / 15P
[Old version datasheet]   LM2991QML Negative Low Dropout Adjustable Regulator
LM2991S TI-LM2991S Datasheet
1Mb / 19P
[Old version datasheet]   LM2991 Negative Low Dropout Adjustable Regulator
LM2991 TI-LM2991_15 Datasheet
1Mb / 19P
[Old version datasheet]   LM2991 Negative Low Dropout Adjustable Regulator
LM2991S TI-LM2991S Datasheet
1Mb / 19P
[Old version datasheet]   LM2991 Negative Low Dropout Adjustable Regulator
logo
Intersil Corporation
ISL72991RH INTERSIL-ISL72991RH Datasheet
210Kb / 3P
   Radiation Hardened Negative Low Dropout Adjustable Voltage Regulator
logo
Renesas Technology Corp
ISL72991RH RENESAS-ISL72991RH Datasheet
562Kb / 15P
   Radiation Hardened Low Dropout Adjustable Negative Voltage Regulator
Jun 16, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com